Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS7010A Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # TS7010A
Description  ISOLATION TRANSFORMER FOR 10 BASE-T
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

TS7010A Datasheet(HTML) 1 Page - Bothhand USA, LP.

  TS7010A Datasheet HTML 1Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Bothhand USA. e-mail: sales@bothhandusa.com http://www.bothhandusa.com
ISOLATION TRANSFORMER FOR 10 BASE-T
P/N: TS7010A DATA SHEET
Pag1/1
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434
A3(02/06)
Feature
Designed to meet or exceed IEEE 802.3, 10 BASE-T
specifications
Available with common mode choke for EMI suppression
Surface mount, IC grade, transfer-molded package
withstands 235℃ peak temperature profile
Operating temperature range: 0
°C to +70°C.
Storage temperature range: -25℃ to +125℃.
Electrical Specifications @ 25°C
Turns Ratio(±5%)
Sine wave Inductance OCL(uH Min)
@ 100KHz/0.2Vrms
Part
Number
(1-3):(16-14)
(6-8):(11-9)
(1-3 ) & ( 6-8)
CW/W
(pF Max)
@ 100KHz/0.2Vrms
TS7010A
1CT: 1CT
1CT:1.414CT
200
12
Continue
Part
Number
Leakage Inductance(uH Max)
@ 100KHz/0.2Vrms
DCR( Ω Max)
Primary pins
HI-POT (Vrms)
TS7010A
0.5
0.5
(1-3) & (6-8)
2000
Schematic
Mechanical


Similar Part No. - TS7010A

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
TS7010 BOTHHAND-TS7010 Datasheet
200Kb / 1P
   10 BASE-T SMD ETHERNET TRANSFORMER
TS7010B BOTHHAND-TS7010B Datasheet
408Kb / 1P
   10 BASE-T ISOLATION TRANSFORMER
TS7010C BOTHHAND-TS7010C Datasheet
191Kb / 1P
   10 BASE SMD ETHERNET TRANSFORMER FOR DATA COMMUNICATION APPLICATION
TS7010M BOTHHAND-TS7010M Datasheet
296Kb / 1P
   10 BASE-T SMD TRANSFORMER & CHOKE
TS7010R BOTHHAND-TS7010R Datasheet
285Kb / 1P
   10 BASE-T ISOLATION TRANSFORMER
More results

Similar Description - TS7010A

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
TS060 BOTHHAND-TS060 Datasheet
208Kb / 1P
   ISOLATION TRANSFORMER FOR 10 BASE-T
TS2023 BOTHHAND-TS2023 Datasheet
204Kb / 1P
   ISOLATION TRANSFORMER FOR 10 BASE-T
S5745 BOTHHAND-S5745 Datasheet
27Kb / 1P
   ISOLATION TRANSFORMER FOR 10 BASE-T
TS4001 BOTHHAND-TS4001 Datasheet
194Kb / 1P
   ISOLATION TRANSFORMER FOR 10 BASE-T
TS8023LF BOTHHAND-TS8023LF Datasheet
74Kb / 1P
   ISOLATION TRANSFORMER FOR 10 BASE-T
TS2023C BOTHHAND-TS2023C Datasheet
201Kb / 1P
   ISOLATION TRANSFORMER FOR 10 BASE-T
TS090A BOTHHAND-TS090A Datasheet
282Kb / 1P
   10 BASE-T ISOLATION TRANSFORMER
S5018 BOTHHAND-S5018 Datasheet
91Kb / 1P
   10 BASE-T ISOLATION TRANSFORMER
TS7010R BOTHHAND-TS7010R Datasheet
285Kb / 1P
   10 BASE-T ISOLATION TRANSFORMER
logo
PCA ELECTRONICS INC.
EPE6064G PCA-EPE6064G Datasheet
25Kb / 1P
   10 Base-T Isolation Transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com