Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B82473A1683K000 Datasheet(PDF) 5 Page - EPCOS

Part # B82473A1683K000
Description  SMT power inductors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82473A1683K000 Datasheet(HTML) 5 Page - EPCOS

  B82473A1683K000 Datasheet HTML 1Page - EPCOS B82473A1683K000 Datasheet HTML 2Page - EPCOS B82473A1683K000 Datasheet HTML 3Page - EPCOS B82473A1683K000 Datasheet HTML 4Page - EPCOS B82473A1683K000 Datasheet HTML 5Page - EPCOS B82473A1683K000 Datasheet HTML 6Page - EPCOS B82473A1683K000 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
03/08
Impedance |Z| versus frequency f
measured with impedance analyzer
Agilent 4294A, typical values at 20 °C
Current derating Iop/IR
versus ambient temperature TA
(rated temperature TR = 85 °C)
Inductance L versus DC load current IDC
measured with LCR meter, Agilent 4275A,
typical values at 20 °C
|Z|
f
IND0856-B
3
10
4
10
5
10
6
10
7
10
8
10
Hz
330 µH
10 µH
33 µH
100 µH
10
_1
10 0
10 1
10 2
10 3
10 4
10 6
10 5
B82473A1
0
0
0.2
0.4
I
0.6
R
0.8
1.0
op
I
1.2
A
T
IND0602-K
C
˚
20
40
60
80
100 120
150
IND0854-M
DC
I
L
µH
10 3
10 1
_
0
10
1
10
2
10
10
10
1
0
A10 1
10 µH
33 µH
100 µH
330 µH
B82473A1
_
B82473A1
SMT power inductors
Size 8.3
× 7.5 × 5.5 (mm)


Similar Part No. - B82473A1683K000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B82473 ETC1-B82473 Datasheet
194Kb / 3P
   SMT-Power-Inductors
B82473-A1103-K ETC1-B82473-A1103-K Datasheet
194Kb / 3P
   SMT-Power-Inductors
B82473-A1104-K ETC1-B82473-A1104-K Datasheet
194Kb / 3P
   SMT-Power-Inductors
B82473-A1153-K ETC1-B82473-A1153-K Datasheet
194Kb / 3P
   SMT-Power-Inductors
B82473-A1154-K ETC1-B82473-A1154-K Datasheet
194Kb / 3P
   SMT-Power-Inductors
More results

Similar Description - B82473A1683K000

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
EPCOS
B82479 EPCOS-B82479 Datasheet
1Mb / 4P
   SMT Power Inductors
B82477G2 EPCOS-B82477G2 Datasheet
160Kb / 7P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PF0560.252NLT PULSE-PF0560.252NLT Datasheet
234Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82477G4105M EPCOS-B82477G4105M Datasheet
566Kb / 8P
   SMT power inductors
B82462G4152M EPCOS-B82462G4152M Datasheet
542Kb / 8P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PE-53680NLT PULSE-PE-53680NLT Datasheet
181Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82462G4472M EPCOS-B82462G4472M Datasheet
542Kb / 8P
   SMT power inductors
B82479G1103M EPCOS-B82479G1103M Datasheet
521Kb / 7P
   SMT power inductors
B82477G2104M EPCOS-B82477G2104M Datasheet
541Kb / 7P
   SMT power inductors
B82472P6473M EPCOS-B82472P6473M Datasheet
546Kb / 7P
   SMT power inductors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com