Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B82472G6154M000 Datasheet(PDF) 5 Page - EPCOS

Part # B82472G6154M000
Description  SMT power inductors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82472G6154M000 Datasheet(HTML) 5 Page - EPCOS

  B82472G6154M000 Datasheet HTML 1Page - EPCOS B82472G6154M000 Datasheet HTML 2Page - EPCOS B82472G6154M000 Datasheet HTML 3Page - EPCOS B82472G6154M000 Datasheet HTML 4Page - EPCOS B82472G6154M000 Datasheet HTML 5Page - EPCOS B82472G6154M000 Datasheet HTML 6Page - EPCOS B82472G6154M000 Datasheet HTML 7Page - EPCOS B82472G6154M000 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
03/08
Please read Cautions and warnings and
Important notes at the end of this document.
Characteristics and ordering codes
Sample kit available. Ordering code: B8247XX001
For more information refer to chapter “Sample kits”.
LR
μH
Tolerance fL
MHz
IR
A
Isat
A
Rmax
Ω
Ordering code
1.0
±20% M 0.1
3.60
3.30
0.015
B82472G6102M000
1.5
0.1
3.40
3.00
0.017
B82472G6152M000
2.2
0.1
3.00
2.80
0.020
B82472G6222M000
3.3
0.1
2.85
2.50
0.023
B82472G6332M000
4.7
0.1
2.50
2.00
0.030
B82472G6472M000
6.8
0.1
2.15
1.70
0.040
B82472G6682M000
10
0.1
1.90
1.40
0.053
B82472G6103M000
15
0.1
1.53
1.35
0.080
B82472G6153M000
22
0.1
1.45
1.30
0.091
B82472G6223M000
33
0.1
1.15
1.05
0.15
B82472G6333M000
47
0.1
1.00
0.90
0.20
B82472G6473M000
68
0.1
0.82
0.68
0.26
B82472G6683M000
100
0.1
0.67
0.55
0.39
B82472G6104M000
150
0.1
0.53
0.43
0.58
B82472G6154M000
220
0.1
0.43
0.36
0.88
B82472G6224M000
330
0.1
0.33
0.30
1.70
B82472G6334M000
470
0.1
0.29
0.25
2.00
B82472G6474M000
680
0.1
0.25
0.20
2.75
B82472G6684M000
820
0.1
0.24
0.23
3.30
B82472G6824M000
1000
0.1
0.20
0.15
3.85
B82472G6105M000
^
B82472G6
SMT power inductors
Size 7.3
s 7.3 s 4.5 (mm)


Similar Part No. - B82472G6154M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82472G4 EPCOS-B82472G4 Datasheet
171Kb / 8P
   SMT power inductors
B82472G4102M000 EPCOS-B82472G4102M000 Datasheet
171Kb / 8P
   SMT power inductors
B82472G4103M000 EPCOS-B82472G4103M000 Datasheet
171Kb / 8P
   SMT power inductors
B82472G4104M000 EPCOS-B82472G4104M000 Datasheet
171Kb / 8P
   SMT power inductors
B82472G4105M000 EPCOS-B82472G4105M000 Datasheet
171Kb / 8P
   SMT power inductors
More results

Similar Description - B82472G6154M000

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
EPCOS
B82479 EPCOS-B82479 Datasheet
1Mb / 4P
   SMT Power Inductors
B82477G2 EPCOS-B82477G2 Datasheet
160Kb / 7P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PF0560.252NLT PULSE-PF0560.252NLT Datasheet
234Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82477G4105M EPCOS-B82477G4105M Datasheet
566Kb / 8P
   SMT power inductors
B82462G4152M EPCOS-B82462G4152M Datasheet
542Kb / 8P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PE-53680NLT PULSE-PE-53680NLT Datasheet
181Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82462G4472M EPCOS-B82462G4472M Datasheet
542Kb / 8P
   SMT power inductors
B82479G1103M EPCOS-B82479G1103M Datasheet
521Kb / 7P
   SMT power inductors
B82477G2104M EPCOS-B82477G2104M Datasheet
541Kb / 7P
   SMT power inductors
B82472P6473M EPCOS-B82472P6473M Datasheet
546Kb / 7P
   SMT power inductors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com