Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B82476B1472M000 Datasheet(PDF) 2 Page - EPCOS

Part # B82476B1472M000
Description  SMT power inductors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82476B1472M000 Datasheet(HTML) 2 Page - EPCOS

  B82476B1472M000 Datasheet HTML 1Page - EPCOS B82476B1472M000 Datasheet HTML 2Page - EPCOS B82476B1472M000 Datasheet HTML 3Page - EPCOS B82476B1472M000 Datasheet HTML 4Page - EPCOS B82476B1472M000 Datasheet HTML 5Page - EPCOS B82476B1472M000 Datasheet HTML 6Page - EPCOS B82476B1472M000 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
03/08
Please read Cautions and warnings and
Important notes at the end of this document.
Rated inductance 1
µH to 1000 µH
Rated current 0.3 A to 6.8 A
Construction
Ferrite core
Winding: enamel copper wire
Winding soldered to terminals
Plastic terminal carrier
Rugged wire connection
Features
Temperature range up to 150 °C
High rated current
Low DC resistance
Suitable for lead-free reflow soldering
as referenced in JEDEC J-STD 020C
Qualification based on AEC-Q200
RoHS-compatible
Applications
Filtering of supply voltages
Coupling, decoupling
DC/DC converters
Automotive electronics
Industrial electronics
Consumer electronics
Terminals
Base material CuSn6P
Layer composition Ni, Sn (lead-free)
Electro-plated
Marking
Marking on component:
L value (
µH, coded), manufacturing date (YWWD)
Minimum data on reel:
Manufacturer, ordering code, L value,
quantity, date of packing
Delivery mode and packing unit
24-mm blister tape, wound on 330-mm ∅ reel
Packing unit: 750 pcs./reel
B82476B1
SMT power inductors
Size 12.95
× 9.4 × 5.08 (mm)


Similar Part No. - B82476B1472M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82476B1472M100 EPCOS-B82476B1472M100 Datasheet
729Kb / 7P
   Ferrite core, Winding: enamel copper wire, Winding soldered to terminals
More results

Similar Description - B82476B1472M000

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
EPCOS
B82479 EPCOS-B82479 Datasheet
1Mb / 4P
   SMT Power Inductors
B82477G2 EPCOS-B82477G2 Datasheet
160Kb / 7P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PF0560.252NLT PULSE-PF0560.252NLT Datasheet
234Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82477G4105M EPCOS-B82477G4105M Datasheet
566Kb / 8P
   SMT power inductors
B82462G4152M EPCOS-B82462G4152M Datasheet
542Kb / 8P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PE-53680NLT PULSE-PE-53680NLT Datasheet
181Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82462G4472M EPCOS-B82462G4472M Datasheet
542Kb / 8P
   SMT power inductors
B82479G1103M EPCOS-B82479G1103M Datasheet
521Kb / 7P
   SMT power inductors
B82477G2104M EPCOS-B82477G2104M Datasheet
541Kb / 7P
   SMT power inductors
B82472P6473M EPCOS-B82472P6473M Datasheet
546Kb / 7P
   SMT power inductors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com