Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B82476A1684M000 Datasheet(PDF) 3 Page - EPCOS

Part # B82476A1684M000
Description  SMT power inductors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82476A1684M000 Datasheet(HTML) 3 Page - EPCOS

  B82476A1684M000 Datasheet HTML 1Page - EPCOS B82476A1684M000 Datasheet HTML 2Page - EPCOS B82476A1684M000 Datasheet HTML 3Page - EPCOS B82476A1684M000 Datasheet HTML 4Page - EPCOS B82476A1684M000 Datasheet HTML 5Page - EPCOS B82476A1684M000 Datasheet HTML 6Page - EPCOS B82476A1684M000 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
03/08
Please read Cautions and warnings and
Important notes at the end of this document.
Dimensional drawing and layout recommendation
Taping and packing
Blister tape
Reel
Dimensions in mm
2.54
2.54
7.4±0.3
12.95 max.
Marking
IND0489-B-E
1)
1)
1) Soldering area
IND0105-H
2.92
7.37
Dimensions in mm
Component tolerances
±0.2 mm unless
otherwise noted.
Component
1.5+0.1
4±0.1
2±0.1
16±0.1
Direction of unreeling
IND0340-W-E
6.2 max.
1.5 min.
IND0348-6
30.4 max.
2.5±0.5
330±1
13±0.2
1.0
21±0.5
B82476A1
SMT power inductors
Size 12.95
s 9.4 s 5.08 (mm)


Similar Part No. - B82476A1684M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82476A1684M000 EPCOS-B82476A1684M000 Datasheet
552Kb / 7P
   SMT power inductors
More results

Similar Description - B82476A1684M000

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
EPCOS
B82479 EPCOS-B82479 Datasheet
1Mb / 4P
   SMT Power Inductors
B82477G2 EPCOS-B82477G2 Datasheet
160Kb / 7P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PF0560.252NLT PULSE-PF0560.252NLT Datasheet
234Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82477G4105M EPCOS-B82477G4105M Datasheet
566Kb / 8P
   SMT power inductors
B82462G4152M EPCOS-B82462G4152M Datasheet
542Kb / 8P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PE-53680NLT PULSE-PE-53680NLT Datasheet
181Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82462G4472M EPCOS-B82462G4472M Datasheet
542Kb / 8P
   SMT power inductors
B82479G1103M EPCOS-B82479G1103M Datasheet
521Kb / 7P
   SMT power inductors
B82477G2104M EPCOS-B82477G2104M Datasheet
541Kb / 7P
   SMT power inductors
B82472P6473M EPCOS-B82472P6473M Datasheet
546Kb / 7P
   SMT power inductors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com