Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B82498F3180J000 Datasheet(PDF) 4 Page - EPCOS

Part # B82498F3180J000
Description  SMT inductors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82498F3180J000 Datasheet(HTML) 4 Page - EPCOS

  B82498F3180J000 Datasheet HTML 1Page - EPCOS B82498F3180J000 Datasheet HTML 2Page - EPCOS B82498F3180J000 Datasheet HTML 3Page - EPCOS B82498F3180J000 Datasheet HTML 4Page - EPCOS B82498F3180J000 Datasheet HTML 5Page - EPCOS B82498F3180J000 Datasheet HTML 6Page - EPCOS B82498F3180J000 Datasheet HTML 7Page - EPCOS B82498F3180J000 Datasheet HTML 8Page - EPCOS B82498F3180J000 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
03/08
Please read Cautions and warnings and
Important notes at the end of this document.
Technical data and measuring conditions
Rated inductance LR
Measured with impedance analyzer Agilent 4291A and
test fixture Agilent 16197A at frequency fL, 0.1 V, 20 °C.
Pad distance 0.9
±0.1 (mm)
Short inductance 200 pH unconsidered
Q factor Qmin
Measured with impedance analyzer Agilent 4291A and
test fixture Agilent 16197A at frequency fQ, 20 °C.
Pad distance 0.9
±0.1 (mm)
Short inductance 200 pH unconsidered
Rated temperature TR
105
°C
Rated current IR
Maximum permissible DC with inductance decrease
∆L/L
0 ≤ 10% and temperature increase
of
≤ 20 K at rated temperature
Self-resonance frequency fres,min
Measured with network analyzer Agilent 8720D, 20 °C
DC resistance Rmax
Measured at 20 °C
Solderability (lead-free)
Sn95.5Ag3.8Cu0.7: (245
±5) °C, (5 ±0.3) s
Wetting of soldering area
≥ 90%
(based on IEC 60068-2-58)
Resistance to soldering heat
Standard version:
260
°C, 20 s (as referenced in JEDEC J-STD 020C)
Gold-plated terminals:
260
°C, 40 s (as referenced in JEDEC J-STD 020C)
Climatic category
55/125/56 (to IEC 60068-1)
Storage conditions
Mounted:
−55 °C … +125 °C
Packaged:
−25 °C … +40 °C, ≤ 75% RH
Weight
Approx. 10 mg
B82498F
SMT inductors, SIMID series
SIMID 0805-F


Similar Part No. - B82498F3180J000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B82498F3180J000 TDK-B82498F3180J000 Datasheet
246Kb / 2P
   Inductors (Coils)
More results

Similar Description - B82498F3180J000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82422T1104J EPCOS-B82422T1104J Datasheet
486Kb / 9P
   SMT inductors
B82496C3180J000 EPCOS-B82496C3180J000 Datasheet
484Kb / 8P
   SMT inductors
B82432A EPCOS-B82432A Datasheet
141Kb / 8P
   SMT inductors
B82432T1102K000 EPCOS-B82432T1102K000 Datasheet
150Kb / 8P
   SMT inductors
B82442H1102K000 EPCOS-B82442H1102K000 Datasheet
168Kb / 9P
   SMT inductors
B82442H EPCOS-B82442H Datasheet
163Kb / 9P
   SMT inductors
B82496C3470J EPCOS-B82496C3470J Datasheet
484Kb / 8P
   SMT inductors
B82422H1473K EPCOS-B82422H1473K Datasheet
276Kb / 5P
   SMT Inductors
B82432A1104K EPCOS-B82432A1104K Datasheet
487Kb / 8P
   SMT inductors
B82442A1102K000 EPCOS-B82442A1102K000 Datasheet
180Kb / 9P
   SMT inductors
B82422T EPCOS-B82422T Datasheet
148Kb / 9P
   SMT inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com