Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B82559A1042A025 Datasheet(PDF) 4 Page - EPCOS

Part # B82559A1042A025
Description  SMT power inductors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82559A1042A025 Datasheet(HTML) 4 Page - EPCOS

  B82559A1042A025 Datasheet HTML 1Page - EPCOS B82559A1042A025 Datasheet HTML 2Page - EPCOS B82559A1042A025 Datasheet HTML 3Page - EPCOS B82559A1042A025 Datasheet HTML 4Page - EPCOS B82559A1042A025 Datasheet HTML 5Page - EPCOS B82559A1042A025 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
10/08
Please read Cautions and warnings and
Important notes at the end of this document.
Technical data and measuring conditions
Characteristics and ordering codes
Sample kit available. Ordering code: B82559X002
For more information refer to chapter “Sample kits”.
Rated inductance LR
Measured with Wayne-Kerr 3260A/3265B
at 10 kHz, 0.1 V, 25 °C
Inductance tolerance
±7%
Saturation current Isat
Current that will result in approx. 20% drop in
inductance values.
Temperature response needs to be verified in specific
applications. Test results on request.
DC resistance Rtyp
Measured at 25 °C, tolerance
±15% (closer tolerances
on request), typical values
Self-resonant frequency
> 1 MHz
Solderability
235 °C, 5 s, wetting > 90% (IEC 60068-2-58)
Resistance to soldering heat
To JEDEC J-STD 020C
Operating temperature
−40 °C … +130 °C
Storage conditions (packaged)
–25 °C … +40 °C,
≤ 75% RH
LR
μH
Isat
A
Rtyp
m
Ω
Height h
max.
mm
Approx.
weight
g
Ordering code
0.44
71
0.2
8.95
22.1
B82559A1042A025
1.25
50
0.4
10.75
24.4
B82559A2122A025
2.3
41
0.6
11.95
29.5
B82559A3232A025
2.9
33
1.0
10.75
21.8
B82559A3292A025
4.35
30
1.3
10.75
25.2
B82559A4432A025
6.1
28
1.6
11.95
26.3
B82559A5612A025
7.9
26
2.0
12.85
27.5
B82559A6792A025
10.0
24
2.2
12.85
29.6
B82559A7103A025
B82559*A025
SMT power inductors
ERU 25
Helically wound


Similar Part No. - B82559A1042A025

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82559A1042A025 EPCOS-B82559A1042A025 Datasheet
145Kb / 6P
   SMT power inductors ERU 25, helically wound
More results

Similar Description - B82559A1042A025

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
EPCOS
B82479 EPCOS-B82479 Datasheet
1Mb / 4P
   SMT Power Inductors
B82477G2 EPCOS-B82477G2 Datasheet
160Kb / 7P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PF0560.252NLT PULSE-PF0560.252NLT Datasheet
234Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82477G4105M EPCOS-B82477G4105M Datasheet
566Kb / 8P
   SMT power inductors
B82462G4152M EPCOS-B82462G4152M Datasheet
542Kb / 8P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PE-53680NLT PULSE-PE-53680NLT Datasheet
181Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82462G4472M EPCOS-B82462G4472M Datasheet
542Kb / 8P
   SMT power inductors
B82479G1103M EPCOS-B82479G1103M Datasheet
521Kb / 7P
   SMT power inductors
B82477G2104M EPCOS-B82477G2104M Datasheet
541Kb / 7P
   SMT power inductors
B82472P6473M EPCOS-B82472P6473M Datasheet
546Kb / 7P
   SMT power inductors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com