Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B82623G0001A005 Datasheet(PDF) 2 Page - EPCOS

Part # B82623G0001A005
Description  Power line chokes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82623G0001A005 Datasheet(HTML) 2 Page - EPCOS

  B82623G0001A005 Datasheet HTML 1Page - EPCOS B82623G0001A005 Datasheet HTML 2Page - EPCOS B82623G0001A005 Datasheet HTML 3Page - EPCOS B82623G0001A005 Datasheet HTML 4Page - EPCOS B82623G0001A005 Datasheet HTML 5Page - EPCOS B82623G0001A005 Datasheet HTML 6Page - EPCOS B82623G0001A005 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
10/08
Please read Cautions and warnings and
Important notes at the end of this document.
Rated voltage 250 V AC/350 V DC
Rated current 0.3 A to 3 A
Rated inductance 0.033 mH to 1.2 mH
Construction
Ring core double choke
Iron powder core
Polycarbonate case (UL 94 V-0)
Polyurethane potting (UL 94 V-0)
Sector winding
Features
Effective suppression of differential-mode
interferences at higher frequencies
Approx. 50% of rated inductance
for common-mode interference suppression
Moderate inductance decrease at current load
Suitable for wave soldering
Design complies with EN 60938-2 (VDE 0565-2)
UL and VDE approval
RoHS-compatible
Applications
Suppression of differential-mode
and common-mode interferences
Compact switch-mode applications
Reduction of harmonics and PFC
Terminals
Base material CuNi18Zn20
Layer composition Ni, Sn
Hot-dipped
Pins 0.7
× 0.7 (mm)
Lead spacing 15
× 25 (mm)
Marking
Manufacturer, approval signs and VDE standard number,
ordering code, rated current, rated inductance,
rated voltage, “GKC”, graphic symbol, date of manufacture (YYWWD)
Delivery mode
Blister tray in cardboard box
B82623
Power line chokes
Ring core chokes with iron powder core


Similar Part No. - B82623G0001A005

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B82623G0001A005 TDK-B82623G0001A005 Datasheet
724Kb / 7P
   Power line chokes Ring core chokes with iron powder core
More results

Similar Description - B82623G0001A005

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82723A2501N001 EPCOS-B82723A2501N001 Datasheet
145Kb / 7P
   Power line chokes
B82747S4183N021 EPCOS-B82747S4183N021 Datasheet
144Kb / 6P
   Power line chokes
B82791G2251N020 EPCOS-B82791G2251N020 Datasheet
144Kb / 7P
   Power line chokes
B82720A EPCOS-B82720A Datasheet
111Kb / 6P
   Power line chokes
B82720S2301N042 EPCOS-B82720S2301N042 Datasheet
150Kb / 8P
   Power line chokes
B82625 EPCOS-B82625_10 Datasheet
115Kb / 7P
   Power line chokes
B82732W2901B30 EPCOS-B82732W2901B30 Datasheet
556Kb / 6P
   Power line chokes
logo
RENCO ELECTRONICS, INC.
RL-1282 RENCO-RL-1282 Datasheet
1Mb / 3P
   POWER LINE CHOKES
RL-1284 RENCO-RL-1284 Datasheet
1Mb / 3P
   POWER LINE CHOKES
logo
EPCOS
B82722J2301N002 EPCOS-B82722J2301N002 Datasheet
136Kb / 8P
   Power line chokes
B82523T0000E005 EPCOS-B82523T0000E005 Datasheet
137Kb / 6P
   Power line chokes
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com