Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3EZ100 Datasheet(PDF) 1 Page - Transys Electronics

Part # 3EZ100
Description  GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRSYS [Transys Electronics]
Direct Link  http://www.transyselectronics.com
Logo TRSYS - Transys Electronics

3EZ100 Datasheet(HTML) 1 Page - Transys Electronics

  3EZ100 Datasheet HTML 1Page - Transys Electronics 3EZ100 Datasheet HTML 2Page - Transys Electronics 3EZ100 Datasheet HTML 3Page - Transys Electronics 3EZ100 Datasheet HTML 4Page - Transys Electronics 3EZ100 Datasheet HTML 5Page - Transys Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
3EZ11 THRU 3EZ200
GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
VOLTAGE - 11 TO 200 Volts
Power - 3.0 Watts
FEATURES
l
Low profile package
l
Built-in strain relief
l
Glass passivated junction
l
Low inductance
l
Excellent clamping capability
l
Typical ID less than 1 A above 11V
l
High temperature soldering :
260 /10 seconds at terminals
l
Plastic package has Underwriters Laboratory
Flammability Classification 94V-O
MECHANICAL DATA
Case: JEDEC DO-15, Molded plastic over passivated junction
Terminals: Solder plated, solderable per MIL-STD-750,
method 2026
Polarity: Color band denotes positive end (cathode)
Standard Packaging: 52mm tape
Weight: 0.015 ounce, 0.04 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified.
SYMBOL
VALUE
UNITS
Peak Pulse Power Dissipation (Note A)
Derate above 75
PD
3
24
Watts
mW/
Peak forward Surge Current 8.3ms single half sine-wave superimposed on rated
load(JEDEC Method) (Note B)
IFSM
15
Amps
Operating Junction and Storage Temperature Range
TJ,TSTG
-55 to +150
NOTES:
A. Mounted on 5.0mm
2(.013mm thick) land areas.
B. Measured on 8.3ms, single half sine-wave or equivalent square wave, duty cycle = 4 pulses
per minute maximum.
DO-15


Similar Part No. - 3EZ100

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
3EZ100 PANJIT-3EZ100 Datasheet
461Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES(VOLTAGE- 11 to 200 Volts Power - 3.0 Watts)
logo
Diotec Semiconductor
3EZ100 DIOTEC-3EZ100 Datasheet
112Kb / 2P
   Silicon-Power-Z-Diodes (non-planar technology)
logo
Semikron International
3EZ100 SEMIKRON-3EZ100 Datasheet
42Kb / 1P
   Zener silicon diodes
logo
Pan Jit International I...
3EZ100 PANJIT-3EZ100 Datasheet
693Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
logo
Diotec Semiconductor
3EZ100 DIOTEC-3EZ100 Datasheet
84Kb / 2P
   Silicon-Power-Zener Diodes (non-planar technology)
More results

Similar Description - 3EZ100

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
1N4740A TSC-1N4740A Datasheet
5Mb / 5P
   Glass Passivated Junction Silicon Zener Diode
1N4741A TSC-1N4741A Datasheet
86Kb / 5P
   Glass Passivated Junction Silicon Zener Diode
logo
Pan Jit International I...
1N4728A PANJIT-1N4728A_04 Datasheet
360Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
1N4729A PANJIT-1N4729A Datasheet
803Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
1N4736A PANJIT-1N4736A Datasheet
379Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
Transys Electronics
1N4741A TRSYS-1N4741A Datasheet
348Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
1N5926B TRSYS-1N5926B Datasheet
204Kb / 3P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
Pan Jit International I...
1N4728A PANJIT-1N4728A Datasheet
395Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
WILLAS ELECTRONIC CORP
1N4728A WILLAS-1N4728A Datasheet
627Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
Taiwan Semiconductor Co...
1N4741A TSC-1N4741A_1 Datasheet
1Mb / 5P
   Glass Passivated Junction Silicon Zener Diode
logo
Transys Electronics
2EZ11 TRSYS-2EZ11 Datasheet
339Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com