Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43504C2477M000 Datasheet(PDF) 10 Page - EPCOS

Part # B43504C2477M000
Description  Aluminum electrolytic capacitors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43504C2477M000 Datasheet(HTML) 10 Page - EPCOS

Back Button B43504C2477M000 Datasheet HTML 6Page - EPCOS B43504C2477M000 Datasheet HTML 7Page - EPCOS B43504C2477M000 Datasheet HTML 8Page - EPCOS B43504C2477M000 Datasheet HTML 9Page - EPCOS B43504C2477M000 Datasheet HTML 10Page - EPCOS B43504C2477M000 Datasheet HTML 11Page - EPCOS B43504C2477M000 Datasheet HTML 12Page - EPCOS B43504C2477M000 Datasheet HTML 13Page - EPCOS B43504C2477M000 Datasheet HTML 14Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
2) 120-Hz conversion factor of ripple current: IAC (120 Hz) = 1.03 IAC (100 Hz)
Technical data and ordering codes
CR
100 Hz
20
°C
µF
Case
dimensions
d
× l
mm
ESRtyp
100 Hz
20
°C
m
Zmax
10 kHz
20
°C
m
IAC,max
100 Hz
60
°C
A
IAC,max
100 Hz
85
°C
A
IAC,R2)
100 Hz
105
°C
A
Ordering code
(composition see
below)
Composition of ordering code
* =
Insulation feature
# =
Terminal style
0 = PVC insulation
6 = PET insulation
8 = PVC insulation with additional PET insulation
cap on terminal side
0 = snap-in standard terminals (6.3 mm)
2 = snap-in 3 terminals (4.5 mm)
7 = snap-in short terminals (4.5 mm)
VR = 250 V DC
680
30
× 35
190
230
5.29
3.97
1.96
B43504C2687M0*#
680
35
× 30
190
230
5.56
4.18
2.06
B43504D2687M0*#
820
25
× 55
160
190
6.37
4.76
2.36
B43504C2827M0*#
820
30
× 40
160
190
6.10
4.57
2.26
B43504D2827M0*#
1000
30
× 45
140
180
7.04
5.27
2.61
B43504B2108M0*#
1000
35
× 40
140
180
7.56
5.70
2.80
B43504C2108M0*#
1200
30
× 55
120
150
8.34
6.24
3.09
B43504B2128M0*#
1200
35
× 40
120
150
8.15
6.11
3.02
B43504C2128M0*#
1500
35
× 50
100
120
9.88
7.40
3.66
B43504A2158M0*#
1800
35
× 55
80
100
11.2
8.40
4.16
B43504A2188M0*#
VR = 400 V DC
47
22
× 25
1860
2310
1.05
0.79
0.39
B43504A9476M0*#
68
22
× 25
1290
1600
1.26
0.95
0.47
B43504A9686M0*#
82
22
× 30
1070
1320
1.48
1.11
0.55
B43504A9826M0*#
100
22
× 35
880
1090
1.72
1.36
0.64
B43504A9107M0*#
100
25
× 25
880
1090
1.64
1.30
0.61
B43504B9107M0*#
120
22
× 35
730
910
1.89
1.41
0.70
B43504A9127M0*#
150
22
× 40
580
730
2.21
1.70
0.82
B43504A9157M0*#
150
30
× 25
580
730
2.21
1.70
0.82
B43504B9157M0*#
180
25
× 40
490
610
2.64
2.04
0.98
B43504A9187M0*#
180
30
× 30
490
610
2.59
2.00
0.96
B43504B9187M0*#
220
25
× 45
400
500
3.02
2.32
1.12
B43504A9227M0*#
220
30
× 35
400
500
2.99
2.30
1.11
B43504B9227M0*#
220
35
× 25
400
500
2.99
2.30
1.11
B43504D9227M0*#
270
25
× 50
320
410
3.51
2.70
1.30
B43504A9277M0*#
270
30
× 40
320
410
3.48
2.68
1.29
B43504B9277M0*#
270
35
× 30
320
410
3.51
2.70
1.30
B43504C9277M0*#
B43504
Compact
105
°C
Page 10 of 20
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B43504C2477M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43504C2337M000 EPCOS-B43504C2337M000 Datasheet
294Kb / 11P
   Snap-In Capacitors
B43504C2337M002 EPCOS-B43504C2337M002 Datasheet
294Kb / 11P
   Snap-In Capacitors
B43504C2337M007 EPCOS-B43504C2337M007 Datasheet
294Kb / 11P
   Snap-In Capacitors
More results

Similar Description - B43504C2477M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com