Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B84312C0060B001 Datasheet(PDF) 3 Page - EPCOS

Part # B84312C0060B001
Description  Filters for Communication Lines
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B84312C0060B001 Datasheet(HTML) 3 Page - EPCOS

  B84312C0060B001 Datasheet HTML 1Page - EPCOS B84312C0060B001 Datasheet HTML 2Page - EPCOS B84312C0060B001 Datasheet HTML 3Page - EPCOS B84312C0060B001 Datasheet HTML 4Page - EPCOS B84312C0060B001 Datasheet HTML 5Page - EPCOS B84312C0060B001 Datasheet HTML 6Page - EPCOS B84312C0060B001 Datasheet HTML 7Page - EPCOS B84312C0060B001 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
General technical data
Rated voltage
VR,AC 42 and 100
V
Rated voltage
VR,DC 80 and 100
V
Rated frequency
fR
See characteristics
Pass bandwidth at ZL
Rated current
IR
100
mA Referred to +40
°C ambient
temperature
Line impedance
ZL
See characteristics
Test voltage
Vtest
250 VDC, 2 s
Line/line
250 VDC, 2 s
Line/case
Maximum DC resistance
Rmax
See characteristics
Per line
Permissible ambient
temperature
TA
25/+40
°C
Climatic category
(EN 60068-1)
25/085/56
25
°C/+85 °C/56 days damp
heat test
Approx. weight
560
g
Characteristics and ordering codes
VR,AC
V
VR,DC
V
fR
MHz
ZL
Rmax
Number of
pairs
Ordering code
100
100
0 ... 0.3
150
2
1
B84312C0060B001
42
80
0 ... 4
100
4.2
1
B84312C0114B001
42
80
0 ... 4
100
4.2
2
B84312C0110E001
42
80
0 ... 10
50
1
2
B84312C0112E001
Filters for communication lines
B84312
ISDN systems
3


Similar Part No. - B84312C0060B001

ManufacturerPart #DatasheetDescription
logo
EPCOS
B84312C0060B001 EPCOS-B84312C0060B001 Datasheet
610Kb / 12P
   Filters for Communication Lines
More results

Similar Description - B84312C0060B001

ManufacturerPart #DatasheetDescription
logo
EPCOS
B84299G0111 EPCOS-B84299G0111 Datasheet
123Kb / 4P
   Filters for Communication Lines
B84299G0126A EPCOS-B84299G0126A Datasheet
509Kb / 9P
   Filters for Communication Lines
B84312C0020B003 EPCOS-B84312C0020B003 Datasheet
610Kb / 12P
   Filters for Communication Lines
B84299C2160B001 EPCOS-B84299C2160B001 Datasheet
834Kb / 18P
   Filters for Power Lines
B84263 EPCOS-B84263 Datasheet
710Kb / 16P
   Filters for Power Lines
B84261 EPCOS-B84261 Datasheet
561Kb / 12P
   Filters for Power Lines
B84299C2160B003 EPCOS-B84299C2160B003 Datasheet
1,006Kb / 21P
   Filters for Power Lines
B84299G EPCOS-B84299G Datasheet
441Kb / 9P
   Filters for Power Lines
logo
Murata Manufacturing Co...
LFL212G45TC1A007 MURATA-LFL212G45TC1A007 Datasheet
129Kb / 9P
   Filters for Communication Equipment
logo
Murata Manufacturing Co...
LFB32426MSC1-603 MURATA1-LFB32426MSC1-603_V01 Datasheet
79Kb / 5P
   Filters for Communication Equipment
03.12.9
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com