Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B85321A2502Y160 Datasheet(PDF) 9 Page - EPCOS

Part # B85321A2502Y160
Description  EMC filters
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B85321A2502Y160 Datasheet(HTML) 9 Page - EPCOS

Back Button B85321A2502Y160 Datasheet HTML 5Page - EPCOS B85321A2502Y160 Datasheet HTML 6Page - EPCOS B85321A2502Y160 Datasheet HTML 7Page - EPCOS B85321A2502Y160 Datasheet HTML 8Page - EPCOS B85321A2502Y160 Datasheet HTML 9Page - EPCOS B85321A2502Y160 Datasheet HTML 10Page - EPCOS B85321A2502Y160 Datasheet HTML 11Page - EPCOS B85321A2502Y160 Datasheet HTML 12Page - EPCOS B85321A2502Y160 Datasheet HTML 13Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
1-line filters
B85321A*+160
Feedthrough filters
∅ 20 mm, 25 A
Dimensional drawings
Figure 1, B85321A2502A160
1...3
SSB2022-L
Marking
5
60+2
45+2
93+2
_
17 2
Thread
Tightening torque
M4
1.2 +0.1 Nm
M12
× 0.75 4.0 +0.5 Nm
Figure 2, B85321A2502B160, B85321A4502C160
1...3
SSB2023-U
60+2
155 3
_
45+2
45±3
5
Marking
Tightening torque: 4 +0.5 Nm
Please read Cautions and warnings and
Important notes at the end of this document.
01/06
9


Similar Part No. - B85321A2502Y160

ManufacturerPart #DatasheetDescription
logo
EPCOS
B85321A4205B101 EPCOS-B85321A4205B101 Datasheet
76Kb / 2P
   Metallized (selfhealing) film capacitors
B85321A4205B630 EPCOS-B85321A4205B630 Datasheet
84Kb / 2P
   Metallized (selfhealing) film capacitors
B85321A4304A750 EPCOS-B85321A4304A750 Datasheet
79Kb / 2P
   Metallized (selfhealing) film capacitors
B85321A6304B201 EPCOS-B85321A6304B201 Datasheet
77Kb / 2P
   Metallized (selfhealing) film capacitors
More results

Similar Description - B85321A2502Y160

ManufacturerPart #DatasheetDescription
logo
EPCOS
B84108S1004A110 EPCOS-B84108S1004A110 Datasheet
113Kb / 6P
   EMC filters
B84142A0008R122 EPCOS-B84142A0008R122 Datasheet
260Kb / 12P
   EMC filters
B84142B0008R000 EPCOS-B84142B0008R000 Datasheet
145Kb / 7P
   EMC filters
B84143B0008R000 EPCOS-B84143B0008R000 Datasheet
165Kb / 9P
   EMC filters
B84299K0021 EPCOS-B84299K0021 Datasheet
155Kb / 8P
   EMC filters
B84102C0020 EPCOS-B84102C0020 Datasheet
115Kb / 6P
   EMC filters
B84142AR122 EPCOS-B84142AR122 Datasheet
246Kb / 12P
   EMC filters
B84112BB60 EPCOS-B84112BB60 Datasheet
134Kb / 11P
   EMC Filters
B84102K0030 EPCOS-B84102K0030 Datasheet
120Kb / 6P
   EMC filters
B84103S0001A010 EPCOS-B84103S0001A010 Datasheet
129Kb / 7P
   EMC filters
B84111A0000A010 EPCOS-B84111A0000A010 Datasheet
167Kb / 9P
   EMC filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com