Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B82498B3561K000 Datasheet(PDF) 4 Page - EPCOS

Part # B82498B3561K000
Description  SMT inductors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82498B3561K000 Datasheet(HTML) 4 Page - EPCOS

  B82498B3561K000 Datasheet HTML 1Page - EPCOS B82498B3561K000 Datasheet HTML 2Page - EPCOS B82498B3561K000 Datasheet HTML 3Page - EPCOS B82498B3561K000 Datasheet HTML 4Page - EPCOS B82498B3561K000 Datasheet HTML 5Page - EPCOS B82498B3561K000 Datasheet HTML 6Page - EPCOS B82498B3561K000 Datasheet HTML 7Page - EPCOS B82498B3561K000 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
03/08
Please read Cautions and warnings and
Important notes at the end of this document.
Technical data and measuring conditions
Characteristics and ordering codes
Closer tolerances on request.
Rated inductance LR
Measured with RF LCR meter Agilent 4286A and test
fixture Agilent 16193A at frequency fL, 0.1 V, 20 °C
Q factor Qmin, Qtyp
Measured with RF LCR meter Agilent 4286A and test
fixture Agilent 16193A, 20 °C
Qmin measured at frequency fQ
Rated temperature TR
85
°C
Rated current IR
Maximum permissible DC with inductance decrease
ΔL/L
0 ≤ 10% and temperature increase of ≤ 20 K
at rated temperature
Self-resonance frequency fres,min
Measured with network analyzer Agilent 8753D, 20 °C
DC resistance Rmax
Measured at 20 °C
Solderability (lead-free)
Sn95.5Ag3.8Cu0.7: (245
±5) °C, (5 ±0.3) s
Wetting of soldering area
≥ 90%
(based on IEC 60068-2-58)
Resistance to soldering heat
260
°C, 20 s (as referenced in JEDEC J-STD 020C)
Climatic category
55/125/56 (to IEC 60068-1)
Storage conditions
Mounted:
–55 °C … +125 °C
Packaged: –25 °C … +40 °C,
≤ 75% RH
Weight
Approx. 8.5 mg
LR
nH
Tolerance
Qmin
Qtyp
(at
800 MHz)
fL; fQ
MHz
IR
mA
Rmax
Ω
fres,min
MHz
Ordering code
Core material: ceramic
2.7
±10% K
±20% M
20
50
250
1000
0.03
6000
B82498B3279M000
5.6
25
60
250
900
0.04
6000
B82498B3569M000
6.8
30
70
250
800
0.05
5500
B82498B3689K000
8.2
35
75
250
700
0.06
5000
B82498B3829M000
10
±5% J
40
80
250
700
0.06
4500
B82498B3100J000
12
40
85
250
700
0.06
4000
B82498B3120J000
15
40
85
250
670
0.07
3500
B82498B3150J000
18
45
90
250
670
0.07
3300
B82498B3180J000
22
45
85
250
600
0.09
2600
B82498B3220J000
27
50
90
250
600
0.09
2500
B82498B3270J000
^
^
^
B82498B
SMT inductors, SIMID series
SIMID 0805-B


Similar Part No. - B82498B3561K000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82498B3561 EPCOS-B82498B3561 Datasheet
493Kb / 9P
   SMT inductors
B82498B3561+000 EPCOS-B82498B3561+000 Datasheet
138Kb / 8P
   SMT inductors
More results

Similar Description - B82498B3561K000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82422T1104J EPCOS-B82422T1104J Datasheet
486Kb / 9P
   SMT inductors
B82496C3180J000 EPCOS-B82496C3180J000 Datasheet
484Kb / 8P
   SMT inductors
B82432A EPCOS-B82432A Datasheet
141Kb / 8P
   SMT inductors
B82432T1102K000 EPCOS-B82432T1102K000 Datasheet
150Kb / 8P
   SMT inductors
B82442H1102K000 EPCOS-B82442H1102K000 Datasheet
168Kb / 9P
   SMT inductors
B82442H EPCOS-B82442H Datasheet
163Kb / 9P
   SMT inductors
B82496C3470J EPCOS-B82496C3470J Datasheet
484Kb / 8P
   SMT inductors
B82422H1473K EPCOS-B82422H1473K Datasheet
276Kb / 5P
   SMT Inductors
B82432A1104K EPCOS-B82432A1104K Datasheet
487Kb / 8P
   SMT inductors
B82442A1102K000 EPCOS-B82442A1102K000 Datasheet
180Kb / 9P
   SMT inductors
B82422T EPCOS-B82422T Datasheet
148Kb / 9P
   SMT inductors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com