Electronic Components Datasheet Search |
|
DL-5348AW-C610-VSAS Datasheet(PDF) 1 Page - Optoway Technology Inc |
|
DL-5348AW-C610-VSAS Datasheet(HTML) 1 Page - Optoway Technology Inc |
1 / 4 page Optoway DL-53X8AW-CXX0 **************************************************************************************************************************************************************** **************************************************************************************************************************************************************** OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303 Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw 6/1/2008 V1.0 DL-53X8AW-CXX0 Series Uncooled 1470 ~ 1610 nm CWDM MQW-DFB LD for Wide-Band CDMA application **************************************************************************************************************************************************************** DESCRIPTION DL-53X8AW-CXX0 series are designed for coupling a single mode optical fiber with 1470 ~ 1610 nm CWDM MQW-DFB uncooled laser diode. DL-53X8AW-CXX0 series are the best kits as light source for analog application, such as optical repeater for mobile wide-band CDMA (W-CDMA) communication. FEATURES l 8-Wavelength CWDM : from 1470 nm to 1610 nm, each Step 20 nm l Uncooled DFB Laser Diode with MOW Structure l High Reliability, Long Operation Life l Single Frequency Operation with High SMSR l -20 to 75℃ operation without active cooling l Built-in InGaAs monitor photodiode l Low Inter-modulation Distortion l Built-in isolator CHARACTERISTICS ELECTRICAL AND OPTICAL CHARACTERISTICS (TC = 25ºC) Symbol Parameter Test Conditions Min. Typ. Max. Unit Ith Threshold Current CW, Room Temperature CW, Over Temperature 10 15 50 mA mA Iop Operation Current CW, Room Temperature CW, Over Temperature 50 100 mA mA Vop Operating Voltage CW, IF=Iop 1.2 1.5 V Pf Optical Output Power Part No.:DL-5338AW DL-5348AW DL-5358AW CW, IF=Iop 2.0 3.0 4.0 mW mW mW λc Central Wavelength CW, IF=Iop λ-3 λ λ+2 nm SMSR Side Mode Suppression Ratio CW, IF=Iop 30 35 nm ΔPf/ Pf Tracking Error APC, -20~75 ℃ -1 1 dB Im PD monitor Current CW, IF=Iop, VRD=1V 100 1500 μA ID PD Dark Current VRD=5V 0.1 μA Ct PD Capacitance VRD=5V, f=1 MHz 10 15 pF IMD3 Third-Order Intermodulation (*1) -56 dBc RIN Relative Intensity Noise f=80~2200 MHz -145 dB/Hz Iso Optical Isolation λ=λc 30 dB Note: *1 2-tone (1770 MHz and 1772.5 MHz), OMI=0.2 for each RF Channel. |
Similar Part No. - DL-5348AW-C610-VSAS |
|
Similar Description - DL-5348AW-C610-VSAS |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |