Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B84312F0060B101 Datasheet(PDF) 5 Page - EPCOS

Part # B84312F0060B101
Description  Filters for Communication Lines
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B84312F0060B101 Datasheet(HTML) 5 Page - EPCOS

  B84312F0060B101 Datasheet HTML 1Page - EPCOS B84312F0060B101 Datasheet HTML 2Page - EPCOS B84312F0060B101 Datasheet HTML 3Page - EPCOS B84312F0060B101 Datasheet HTML 4Page - EPCOS B84312F0060B101 Datasheet HTML 5Page - EPCOS B84312F0060B101 Datasheet HTML 6Page - EPCOS B84312F0060B101 Datasheet HTML 7Page - EPCOS B84312F0060B101 Datasheet HTML 8Page - EPCOS B84312F0060B101 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
1) Typical test pulse: rise time 10 ns, time to half value 1500 ns, charge voltage min. 50 kV, source impedance 90
General technical data
Rated voltage
VR,AC 100
V
Rated voltage
VR,DC 100
V
Rated frequency
fR
Pass bandwidth at ZL
Rated current
IR
See characteristics
TA = 40
°C
Line impedance
ZL
See characteristics
Test voltage
Vtest
250 VDC, 2 s
Line/line
250 VDC, 2 s
Line/case
Maximum DC resistance
Rmax
See characteristics
Per line
Permissible ambient temperature TA
25/+40
°C
Climatic category
(EN 60068-1)
25/085/56
25
°C/+85 °C/56 days damp
heat test
Weight
560
g
2-line filters
4.5
kg 20-line filters
Mechanical version
C
Upright for 2- and 20-line filters
F
Flat for 2-line filters
Filters with EMP protection:
Nominal DC spark-over voltage
VsdcN
<500
V
Per line
Surge response voltage
<800
V
At 1 kV/
µs
<800
V
At 1 kV/ns
Nominal surge current (8/20
µs)
5/10
kA
Suppression condition
I
≤ I
R
Maximum voltage on filter output for filters with EMP protection
Series
B84312 ...0020+1**
...0090+1**
...0030+1**
...0100+1**
...0040+1** ...0050+1** ...0060+1**
Pulse shape in symmetrical circuit
dv/dt = 0.1
kV/
µs
2 V
360 V
8 V
3 V
12 V
dv/dt = 1
kV/
µs
1 V
60 V
3 V
2 V
9 V
dv/dt = 1
kV/ns1)
0.5 V
2 V
0.5 V
0.5 V
1.2 V
Nominal surge current (8/20
µs)
5 V
290 V
12 V
10 V
12 V
Pulse shape in unsymmetrical circuit
dv/dt = 0.1
kV/
µs
50 V
700 V
250 V
120 V
280 V
dv/dt = 1
kV/
µs
35 V
130 V
60 V
25 V
30 V
dv/dt = 1
kV/ns1)
1 V
5 V
3 V
1 V
1 V
Nominal surge current (8/20
µs)
20 V
200 V
110 V
25 V
50 V
Filters for communication lines
B84312
Analog systems and control lines
5


Similar Part No. - B84312F0060B101

ManufacturerPart #DatasheetDescription
logo
EPCOS
B84312 EPCOS-B84312 Datasheet
456Kb / 8P
   Filters for Communication Lines
B84312C0060B001 EPCOS-B84312C0060B001 Datasheet
456Kb / 8P
   Filters for Communication Lines
B84312C0110E001 EPCOS-B84312C0110E001 Datasheet
456Kb / 8P
   Filters for Communication Lines
B84312C0112E001 EPCOS-B84312C0112E001 Datasheet
456Kb / 8P
   Filters for Communication Lines
B84312C0114B001 EPCOS-B84312C0114B001 Datasheet
456Kb / 8P
   Filters for Communication Lines
More results

Similar Description - B84312F0060B101

ManufacturerPart #DatasheetDescription
logo
EPCOS
B84299G0111 EPCOS-B84299G0111 Datasheet
123Kb / 4P
   Filters for Communication Lines
B84312C0112E001 EPCOS-B84312C0112E001 Datasheet
456Kb / 8P
   Filters for Communication Lines
B84299G0126A EPCOS-B84299G0126A Datasheet
509Kb / 9P
   Filters for Communication Lines
B84299C2160B001 EPCOS-B84299C2160B001 Datasheet
834Kb / 18P
   Filters for Power Lines
B84263 EPCOS-B84263 Datasheet
710Kb / 16P
   Filters for Power Lines
B84261 EPCOS-B84261 Datasheet
561Kb / 12P
   Filters for Power Lines
B84299C2160B003 EPCOS-B84299C2160B003 Datasheet
1,006Kb / 21P
   Filters for Power Lines
B84299G EPCOS-B84299G Datasheet
441Kb / 9P
   Filters for Power Lines
logo
Murata Manufacturing Co...
LFL212G45TC1A007 MURATA-LFL212G45TC1A007 Datasheet
129Kb / 9P
   Filters for Communication Equipment
logo
Murata Manufacturing Co...
LFB32426MSC1-603 MURATA1-LFB32426MSC1-603_V01 Datasheet
79Kb / 5P
   Filters for Communication Equipment
03.12.9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com