Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B85121A2105A750 Datasheet(PDF) 10 Page - EPCOS

Part # B85121A2105A750
Description  EMC filters
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B85121A2105A750 Datasheet(HTML) 10 Page - EPCOS

Back Button B85121A2105A750 Datasheet HTML 6Page - EPCOS B85121A2105A750 Datasheet HTML 7Page - EPCOS B85121A2105A750 Datasheet HTML 8Page - EPCOS B85121A2105A750 Datasheet HTML 9Page - EPCOS B85121A2105A750 Datasheet HTML 10Page - EPCOS B85121A2105A750 Datasheet HTML 11Page - EPCOS B85121A2105A750 Datasheet HTML 12Page - EPCOS B85121A2105A750 Datasheet HTML 13Page - EPCOS B85121A2105A750 Datasheet HTML 14Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
1-line filter components
B85111A*B500
∅ 24 mm, 50 A
Feedthrough capacitors
Feedthrough capacitors
∅ 24 mm, housing with external screw thread
Technical data and measuring conditions
Rated voltage VR
250 V AC, 50/60 Hz
600 V DC
Rated current IR
Referred to 40
°C ambient temperature
Reduced current values at 400 Hz
Capacitance tolerance
±20%
Climatic category (IEC 60068-1)
40/085/56 (–40
°C/+85 °C/56 days damp heat test)
Screw cap fixing
M24
× 1.5
Approvals
UL 1283, 250 V
Characteristics and ordering code
I R
A
CR
µF
VR
V AC
VR
V DC
Vtest
V DC
Terminal
Ordering code
Approvals
50
0.05
250
600
3000
M6
B85111A2503B500
×
× = approval granted
Insertion loss (dB); typical values at 50
CR (µF)
10 kHz
100 kHz
1 MHz
10 MHz
100 MHz
> 300 MHz
0.05
2
18
35
60
> 90
Dimensional drawing
86 _0.5
14±0.2
15 min.
20±2
1.1
26.3 _
9 _0.6
45 _0.5
A/F 27
SSB2036-R-E
Thread
Tightening torque
M6
3 +0.5 Nm
M24
× 1.5 12 +1.5 Nm
Please read Cautions and warnings and
Important notes at the end of this document.
01/06
10


Similar Part No. - B85121A2105A750

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
B850 WEITRON-B850 Datasheet
209Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
EPCOS
B85321 EPCOS-B85321 Datasheet
244Kb / 14P
   EMC filters
B85321-A6304-B201 EPCOS-B85321-A6304-B201 Datasheet
77Kb / 2P
   Metallized (selfhealing) film capacitors
B85321A2105A101 EPCOS-B85321A2105A101 Datasheet
244Kb / 14P
   EMC filters
B85321A2105A201 EPCOS-B85321A2105A201 Datasheet
244Kb / 14P
   EMC filters
More results

Similar Description - B85121A2105A750

ManufacturerPart #DatasheetDescription
logo
EPCOS
B84108S1004A110 EPCOS-B84108S1004A110 Datasheet
113Kb / 6P
   EMC filters
B84142A0008R122 EPCOS-B84142A0008R122 Datasheet
260Kb / 12P
   EMC filters
B84142B0008R000 EPCOS-B84142B0008R000 Datasheet
145Kb / 7P
   EMC filters
B84143B0008R000 EPCOS-B84143B0008R000 Datasheet
165Kb / 9P
   EMC filters
B84299K0021 EPCOS-B84299K0021 Datasheet
155Kb / 8P
   EMC filters
B84102C0020 EPCOS-B84102C0020 Datasheet
115Kb / 6P
   EMC filters
B84142AR122 EPCOS-B84142AR122 Datasheet
246Kb / 12P
   EMC filters
B84112BB60 EPCOS-B84112BB60 Datasheet
134Kb / 11P
   EMC Filters
B84102K0030 EPCOS-B84102K0030 Datasheet
120Kb / 6P
   EMC filters
B84103S0001A010 EPCOS-B84103S0001A010 Datasheet
129Kb / 7P
   EMC filters
B84111A0000A010 EPCOS-B84111A0000A010 Datasheet
167Kb / 9P
   EMC filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com