Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B85321A2205A201 Datasheet(PDF) 5 Page - EPCOS

Part # B85321A2205A201
Description  EMC filters
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B85321A2205A201 Datasheet(HTML) 5 Page - EPCOS

  B85321A2205A201 Datasheet HTML 1Page - EPCOS B85321A2205A201 Datasheet HTML 2Page - EPCOS B85321A2205A201 Datasheet HTML 3Page - EPCOS B85321A2205A201 Datasheet HTML 4Page - EPCOS B85321A2205A201 Datasheet HTML 5Page - EPCOS B85321A2205A201 Datasheet HTML 6Page - EPCOS B85321A2205A201 Datasheet HTML 7Page - EPCOS B85321A2205A201 Datasheet HTML 8Page - EPCOS B85321A2205A201 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
1-line filters
B85321
Feedthrough filters
Rated voltage 250 V AC
Rated current 16 to 500 A
Rated capacitance 2
× 0.0025 to 2 × 4.7 µF
Construction
Building-block system
MKP technology (dry, self-healing)
Dielectric: polypropylene, metallized
Metal case, polyurethane potting (UL 94 V-0)
For central screw fixing
Features
■ Compact dimensions
■ Versions with rated voltage 440 V AC available on request
■ High insertion loss
■ Easy to install
■ High contact reliability thanks to central screw fixing
■ Comply with EN 133200
■ UL approval
Applications
Broadband interference suppression
for AC/DC supply lines, e.g. in
■ shielded rooms
■ telephone exchanges, base stations
■ electrical machines and systems
■ power supplies
Terminals
Threaded studs
Axial leads
Soldering tag
Tab connector
Marking
Manufacturer, ordering code, rated capacitance,
rated voltage, rated current, climatic category,
circuit diagram, date of manufacture (MM.YY), approvals
Circuit diagram
SSB1274-B
Please read Cautions and warnings and
Important notes at the end of this document.
01/06
5


Similar Part No. - B85321A2205A201

ManufacturerPart #DatasheetDescription
logo
EPCOS
B85321A4205B101 EPCOS-B85321A4205B101 Datasheet
76Kb / 2P
   Metallized (selfhealing) film capacitors
B85321A4205B630 EPCOS-B85321A4205B630 Datasheet
84Kb / 2P
   Metallized (selfhealing) film capacitors
B85321A4304A750 EPCOS-B85321A4304A750 Datasheet
79Kb / 2P
   Metallized (selfhealing) film capacitors
B85321A6304B201 EPCOS-B85321A6304B201 Datasheet
77Kb / 2P
   Metallized (selfhealing) film capacitors
More results

Similar Description - B85321A2205A201

ManufacturerPart #DatasheetDescription
logo
EPCOS
B84108S1004A110 EPCOS-B84108S1004A110 Datasheet
113Kb / 6P
   EMC filters
B84142A0008R122 EPCOS-B84142A0008R122 Datasheet
260Kb / 12P
   EMC filters
B84142B0008R000 EPCOS-B84142B0008R000 Datasheet
145Kb / 7P
   EMC filters
B84143B0008R000 EPCOS-B84143B0008R000 Datasheet
165Kb / 9P
   EMC filters
B84299K0021 EPCOS-B84299K0021 Datasheet
155Kb / 8P
   EMC filters
B84102C0020 EPCOS-B84102C0020 Datasheet
115Kb / 6P
   EMC filters
B84142AR122 EPCOS-B84142AR122 Datasheet
246Kb / 12P
   EMC filters
B84112BB60 EPCOS-B84112BB60 Datasheet
134Kb / 11P
   EMC Filters
B84102K0030 EPCOS-B84102K0030 Datasheet
120Kb / 6P
   EMC filters
B84103S0001A010 EPCOS-B84103S0001A010 Datasheet
129Kb / 7P
   EMC filters
B84111A0000A010 EPCOS-B84111A0000A010 Datasheet
167Kb / 9P
   EMC filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com