Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B82498B1821J000 Datasheet(PDF) 5 Page - EPCOS

Part # B82498B1821J000
Description  SMT inductors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82498B1821J000 Datasheet(HTML) 5 Page - EPCOS

  B82498B1821J000 Datasheet HTML 1Page - EPCOS B82498B1821J000 Datasheet HTML 2Page - EPCOS B82498B1821J000 Datasheet HTML 3Page - EPCOS B82498B1821J000 Datasheet HTML 4Page - EPCOS B82498B1821J000 Datasheet HTML 5Page - EPCOS B82498B1821J000 Datasheet HTML 6Page - EPCOS B82498B1821J000 Datasheet HTML 7Page - EPCOS B82498B1821J000 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
03/08
Please read Cautions and warnings and
Important notes at the end of this document.
Characteristics and ordering codes
Closer tolerances on request.
1) Replace the + by the code letter for the required inductance tolerance.
LR
nH
Tolerance
Qmin
Qtyp
(at
800 MHz)
fL; fQ
MHz
IR
mA
Rmax
Ω
fres,min
MHz
Ordering code1)
Core material: ceramic
33
±5% J
45
80
250
520
0.12
2150
B82498B3330J000
39
50
90
250
560
0.10
2050
B82498B3390J000
47
45
85
200
500
0.13
1900
B82498B3470J000
56
±2% G
±5% J
45
60
200
480
0.14
1700
B82498B3560+000
68
45
60
200
410
0.19
1550
B82498B3680+000
82
40
60
150
390
0.21
1430
B82498B3820+000
100
40
50
150
350
0.26
1310
B82498B3101+000
120
40
45
150
270
0.44
1210
B82498B3121+000
150
35
40
100
270
0.44
1120
B82498B3151+000
180
35
30
100
260
0.47
1030
B82498B3181+000
220
35
100
240
0.55
950
B82498B3221+000
270
35
100
180
1.0
870
B82498B3271+000
330
35
100
180
1.0
800
B82498B3331+000
390
35
100
130
1.9
730
B82498B3391+000
470
35
100
115
2.4
660
B82498B3471+000
560
35
100
100
3.2
600
B82498B3561+000
Core material: ferrite
680
±2% G
±5% J
20
25.2
250
0.50
450
B82498B1681+000
820
20
25.2
240
0.55
400
B82498B1821+000
1000
20
7.96
250
0.50
350
B82498B1102+000
1200
20
7.96
220
0.65
300
B82498B1122+000
1500
20
7.96
200
0.75
250
B82498B1152+000
1800
20
7.96
190
0.85
250
B82498B1182+000
2200
20
7.96
130
1.7
200
B82498B1222+000
2700
20
7.96
120
2.0
200
B82498B1272+000
3300
20
7.96
100
3.3
200
B82498B1332+000
3900
20
7.96
95
3.6
150
B82498B1392+000
4700
20
7.96
90
3.8
150
B82498B1472+000
^
^
^
^
^
B82498B
SMT inductors, SIMID series
SIMID 0805-B


Similar Part No. - B82498B1821J000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82498B1821 EPCOS-B82498B1821 Datasheet
493Kb / 9P
   SMT inductors
B82498B1821+000 EPCOS-B82498B1821+000 Datasheet
138Kb / 8P
   SMT inductors
More results

Similar Description - B82498B1821J000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82422T1104J EPCOS-B82422T1104J Datasheet
486Kb / 9P
   SMT inductors
B82496C3180J000 EPCOS-B82496C3180J000 Datasheet
484Kb / 8P
   SMT inductors
B82432A EPCOS-B82432A Datasheet
141Kb / 8P
   SMT inductors
B82432T1102K000 EPCOS-B82432T1102K000 Datasheet
150Kb / 8P
   SMT inductors
B82442H1102K000 EPCOS-B82442H1102K000 Datasheet
168Kb / 9P
   SMT inductors
B82442H EPCOS-B82442H Datasheet
163Kb / 9P
   SMT inductors
B82496C3470J EPCOS-B82496C3470J Datasheet
484Kb / 8P
   SMT inductors
B82422H1473K EPCOS-B82422H1473K Datasheet
276Kb / 5P
   SMT Inductors
B82432A1104K EPCOS-B82432A1104K Datasheet
487Kb / 8P
   SMT inductors
B82442A1102K000 EPCOS-B82442A1102K000 Datasheet
180Kb / 9P
   SMT inductors
B82422T EPCOS-B82422T Datasheet
148Kb / 9P
   SMT inductors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com