Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B85121A2205A201 Datasheet(PDF) 6 Page - EPCOS

Part # B85121A2205A201
Description  EMC filters
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B85121A2205A201 Datasheet(HTML) 6 Page - EPCOS

Back Button B85121A2205A201 Datasheet HTML 2Page - EPCOS B85121A2205A201 Datasheet HTML 3Page - EPCOS B85121A2205A201 Datasheet HTML 4Page - EPCOS B85121A2205A201 Datasheet HTML 5Page - EPCOS B85121A2205A201 Datasheet HTML 6Page - EPCOS B85121A2205A201 Datasheet HTML 7Page - EPCOS B85121A2205A201 Datasheet HTML 8Page - EPCOS B85121A2205A201 Datasheet HTML 9Page - EPCOS B85121A2205A201 Datasheet HTML 10Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
1-line filter components
B85121A*+160
∅ 16 mm, 16 A
Feedthrough capacitors
Feedthrough capacitors
∅ 16 mm
Technical data and measuring conditions
Rated voltage VR
75 … 440 V AC, 50/60 Hz
160 … 600 V DC
Rated current IR
Referred to 40
°C ambient temperature
Reduced current values at 400 Hz
Capacitance tolerance
±20%
Climatic category (IEC 60068-1)
40/085/56 (–40
°C/+85 °C/56 days damp heat test)
Screw cap fixing
M10
× 0.75
Approvals
UL 1283, 250 V
Characteristics and ordering codes
I R
A
CR
µF
VR
V AC
VR
V DC
Vtest
V DC
Terminal
Figure Ordering code
Approvals
16
0.00125
250
600
4000
Leads
∅ 2 mm
1
B85121A2122C160
×
0.0025
440
600
4350
B85121A4252C160
×
0.005
250
600
4000
B85121A2502C160
×
0.010
250
600
1750
B85121A2103C160
×
0.025
250
600
1750
B85121A2253C160
×
0.05
250
600
1750
B85121A2503C160
×
0.1
110
160
800
B85121A1104C160
1.0
75
160
350
Leads
∅ 2 mm
2
B85121A0105B160
× = approval granted
Insertion loss (dB); typical values at 50
CR (µF)
10 kHz
100 kHz
1 MHz
10 MHz
100 MHz
> 300 MHz
0.00125
6
35
> 40
0.0025
2
45
> 60
0.005
2
16
40
> 50
0.010
4
25
55
> 70
0.025
11
30
55
> 80
0.05
1
17
35
52
> 80
0.1
4
0
40
0
80
1.0
5
25
45
50
85
> 90
1
2
6
>
Please read Cautions and warnings and
Important notes at the end of this document.
01/06
6


Similar Part No. - B85121A2205A201

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
B850 WEITRON-B850 Datasheet
209Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
EPCOS
B85321 EPCOS-B85321 Datasheet
244Kb / 14P
   EMC filters
B85321-A6304-B201 EPCOS-B85321-A6304-B201 Datasheet
77Kb / 2P
   Metallized (selfhealing) film capacitors
B85321A2105A101 EPCOS-B85321A2105A101 Datasheet
244Kb / 14P
   EMC filters
B85321A2105A201 EPCOS-B85321A2105A201 Datasheet
244Kb / 14P
   EMC filters
More results

Similar Description - B85121A2205A201

ManufacturerPart #DatasheetDescription
logo
EPCOS
B84108S1004A110 EPCOS-B84108S1004A110 Datasheet
113Kb / 6P
   EMC filters
B84142A0008R122 EPCOS-B84142A0008R122 Datasheet
260Kb / 12P
   EMC filters
B84142B0008R000 EPCOS-B84142B0008R000 Datasheet
145Kb / 7P
   EMC filters
B84143B0008R000 EPCOS-B84143B0008R000 Datasheet
165Kb / 9P
   EMC filters
B84299K0021 EPCOS-B84299K0021 Datasheet
155Kb / 8P
   EMC filters
B84102C0020 EPCOS-B84102C0020 Datasheet
115Kb / 6P
   EMC filters
B84142AR122 EPCOS-B84142AR122 Datasheet
246Kb / 12P
   EMC filters
B84112BB60 EPCOS-B84112BB60 Datasheet
134Kb / 11P
   EMC Filters
B84102K0030 EPCOS-B84102K0030 Datasheet
120Kb / 6P
   EMC filters
B84103S0001A010 EPCOS-B84103S0001A010 Datasheet
129Kb / 7P
   EMC filters
B84111A0000A010 EPCOS-B84111A0000A010 Datasheet
167Kb / 9P
   EMC filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com