Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF0905652YL Datasheet(PDF) 1 Page - ABC Taiwan Electronics Corp

Part # SF0905652YL
Description  SMD LINE FILTER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SF0905652YL Datasheet(HTML) 1 Page - ABC Taiwan Electronics Corp

  SF0905652YL Datasheet HTML 1Page - ABC Taiwan Electronics Corp SF0905652YL Datasheet HTML 2Page - ABC Taiwan Electronics Corp SF0905652YL Datasheet HTML 3Page - ABC Taiwan Electronics Corp SF0905652YL Datasheet HTML 4Page - ABC Taiwan Electronics Corp SF0905652YL Datasheet HTML 5Page - ABC Taiwan Electronics Corp SF0905652YL Datasheet HTML 6Page - ABC Taiwan Electronics Corp SF0905652YL Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
R eflow Area
+2.0 ~ 4.0℃
SF0905□□□□L□-□□□
9.5
2.0
(PCB Pattern)
SPECIFICATION FOR APPROVAL
4
1
AR-001A
Ⅳ﹒GENERAL SPECIFICATION:
Ⅲ﹒MATERIALS:
Time ( seconds )
d﹒Resistance to solder heat:260℃.10 secs.
f﹒Remark:Products comply with RoHS'
b﹒Wire:Enamelled copper wire (class F)
requirements
e﹒Terminal:Cu/Ni/Sn
a﹒Temp. rise :45℃ max.
b﹒Storage temp.:-40℃ ----+105℃
c﹒Operating temp .:-40℃----+105℃
"
" : Polarity
a﹒Core:Ferrite Toroidal core
d﹒Case:LCP
c﹒Base:LCP
N1
50
100
0
50
200
250
150
100
150
Peak Temp:260℃ max.
Max time above 230℃ :50sec max.
Max time above 200℃ :70sec max.
Rising Area
Temperature
+4.0
/ sec max.
b
e
Preheat Area
150 ~ 200
/ 60 ~ 120sec
Marking
Inductance code
Ⅱ﹒SCHEMATIC DIAGRAM:
Ⅰ﹒CONFIGURATION & DIMENSIONS:
NAME
PROD.
REF : 20080815-A
2
1
N2
3
F
4
1.4 max.
2
1.8 max.
3
d
a
W :
1.00±0.1
A
ABC
100Y
SMD LINE FILTER
A :
9.20±0.3
F :
5.70 ref.
E :
2.54±0.2
C :
5.00±0.3
B :
6.00±0.3
ABC'S ITEM NO.
ABC'S DWG NO.
Peak Temperature:
200
250
260℃
70sec max.
50sec max.
230℃
-(1.0 ~ 5.0)
/ sec max.
Forced C ooling Area
c
m / m
m / m
m / m
m / m
m / m
m / m
PAGE: 1


Similar Part No. - SF0905652YL

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
SF0903200Y2B ABC-SF0903200Y2B Datasheet
1Mb / 7P
   SMD LINE FILTER
SF0903470Y2B ABC-SF0903470Y2B Datasheet
1Mb / 7P
   SMD LINE FILTER
SF0904101YP ABC-SF0904101YP Datasheet
248Kb / 9P
   SMD LINE FILTER
SF0904102YP ABC-SF0904102YP Datasheet
248Kb / 9P
   SMD LINE FILTER
SF0904110YP ABC-SF0904110YP Datasheet
248Kb / 9P
   SMD LINE FILTER
More results

Similar Description - SF0905652YL

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
SF2012300YL ABC-SF2012300YL Datasheet
248Kb / 7P
   SMD LINE FILTER
logo
Bourns Electronic Solut...
SRF1306 BOURNS-SRF1306 Datasheet
36Kb / 1P
   SMD Line Filter
SRF2012 BOURNS-SRF2012 Datasheet
118Kb / 1P
   SMD LINE FILTER
logo
ABC Taiwan Electronics ...
SF0503110YL ABC-SF0503110YL Datasheet
1Mb / 7P
   SMD LINE FILTER
SF0903470Y2B ABC-SF0903470Y2B Datasheet
1Mb / 7P
   SMD LINE FILTER
SF1006121YL ABC-SF1006121YL Datasheet
1Mb / 6P
   SMD LINE FILTER
SF6018100YL ABC-SF6018100YL Datasheet
582Kb / 7P
   SMD LINE FILTER
SF3216900YL ABC-SF3216900YL Datasheet
216Kb / 7P
   SMD LINE FILTER
SF0603001YL ABC-SF0603001YL Datasheet
621Kb / 8P
   SMD LINE FILTER
SF1358350YL ABC-SF1358350YL Datasheet
600Kb / 7P
   SMD LINE FILTER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com