Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF0905472YL Datasheet(PDF) 7 Page - ABC Taiwan Electronics Corp

Part # SF0905472YL
Description  SMD LINE FILTER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SF0905472YL Datasheet(HTML) 7 Page - ABC Taiwan Electronics Corp

  SF0905472YL Datasheet HTML 1Page - ABC Taiwan Electronics Corp SF0905472YL Datasheet HTML 2Page - ABC Taiwan Electronics Corp SF0905472YL Datasheet HTML 3Page - ABC Taiwan Electronics Corp SF0905472YL Datasheet HTML 4Page - ABC Taiwan Electronics Corp SF0905472YL Datasheet HTML 5Page - ABC Taiwan Electronics Corp SF0905472YL Datasheet HTML 6Page - ABC Taiwan Electronics Corp SF0905472YL Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
4
2
240
200
1.5
94V-0
220
AR-001A
E400(Y)L , E4008L
E4810
94V-0
94V-0
94V-0
94V-0
94V-0
94V-0
94V-0
94V-0
94V-0
1.5
3.0
NC , BK
NC , BK
1.5
0.30
3.0
0.75
3.0
0.30
0.75
130
130
130
130
220
130
130
130
130
130
130
130
130
130
130
200
130
130
4
0
130
130
1
40
2
130
130
130
130
___
1
0
240
130
130
___
1
3
4
___
4
4
___
0
___
___
___
4
4
___
0
___
___
54
___
5
___
___
___
4
___
___
___
5
___
___
___
4
___
___
Mech
Liquid crystal plyester (LCP), designated "EKONOL" or "SUMIKASUPER", furnished in the form of pellets, (Contd)
ABC'S ITEM NO.
ABC'S DWG NO.
SMD LINE FILTER
E4010
E4008
Mtl Dsg
E4008 , E400X
NAME
PROD.
UL94
94V-0
Class
94V-0
94V-0
94V-0
Flame
94V-0
94V-0
94V-0
94V-0
94V-0
94V-0
1.5
NC , BK
NC , WT , BK
1.5
0.30
3.0
0.75
3.0
0.75
0.30
Col
NC , BK
mm
0.75
0.30
Min
Thk
130
130
130
220
220
130
220
220
130
200
130
200
180
130
180
130
Elec
130
130
Imp
130
130
RTI
with
REF :
___
4
2
130
2
240
240
130
220
___
1
3
130
220
130
___
1
3
___
4
___
4
4
___
0
___
___
___
4
4
___
0
___
I
Imp
130
130
___
3
w/o
H
W
R
I
___
4
___
___
H
A
H
V
T
___
___
___
___
___
5
___
___
___
4
___
___
___
5
___
___
4
___
I
5
___
___
___
___
4
D
9
C
T
E54705 (M)
SF0905□□□□L□-□□□
PAGE: 7
20080815-A


Similar Part No. - SF0905472YL

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
SF0903200Y2B ABC-SF0903200Y2B Datasheet
1Mb / 7P
   SMD LINE FILTER
SF0903470Y2B ABC-SF0903470Y2B Datasheet
1Mb / 7P
   SMD LINE FILTER
SF0904101YP ABC-SF0904101YP Datasheet
248Kb / 9P
   SMD LINE FILTER
SF0904102YP ABC-SF0904102YP Datasheet
248Kb / 9P
   SMD LINE FILTER
SF0904110YP ABC-SF0904110YP Datasheet
248Kb / 9P
   SMD LINE FILTER
More results

Similar Description - SF0905472YL

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
SF2012300YL ABC-SF2012300YL Datasheet
248Kb / 7P
   SMD LINE FILTER
logo
Bourns Electronic Solut...
SRF1306 BOURNS-SRF1306 Datasheet
36Kb / 1P
   SMD Line Filter
SRF2012 BOURNS-SRF2012 Datasheet
118Kb / 1P
   SMD LINE FILTER
logo
ABC Taiwan Electronics ...
SF0503110YL ABC-SF0503110YL Datasheet
1Mb / 7P
   SMD LINE FILTER
SF0903470Y2B ABC-SF0903470Y2B Datasheet
1Mb / 7P
   SMD LINE FILTER
SF1006121YL ABC-SF1006121YL Datasheet
1Mb / 6P
   SMD LINE FILTER
SF6018100YL ABC-SF6018100YL Datasheet
582Kb / 7P
   SMD LINE FILTER
SF3216900YL ABC-SF3216900YL Datasheet
216Kb / 7P
   SMD LINE FILTER
SF0603001YL ABC-SF0603001YL Datasheet
621Kb / 8P
   SMD LINE FILTER
SF1358350YL ABC-SF1358350YL Datasheet
600Kb / 7P
   SMD LINE FILTER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com