Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BY254 Datasheet(PDF) 2 Page - Transys Electronics

Part # BY254
Description  MEDIUM CURRENT PLASTIC RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRSYS [Transys Electronics]
Direct Link  http://www.transyselectronics.com
Logo TRSYS - Transys Electronics

BY254 Datasheet(HTML) 2 Page - Transys Electronics

  BY254 Datasheet HTML 1Page - Transys Electronics BY254 Datasheet HTML 2Page - Transys Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTES:
1.
Thermal Resistance From Junction to applied at Ambient 0.375"(9.5mm) lead length P.C.Board mounted.
2.
Measured at 1 MHz and applied reverse voltage of 4.0 volts.
3.
Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, Irr=0.25A.
RATING AND CHARACTERISTIC CURVES BY251 THRU BY255
Fig. 1-FORWARD CURRENT DERATING CURVE
Fig. 2-MAXIMUM PEAK FORWARD
SURGE CURRENT
Fig. 3-TYPICAL INSTANTANEOUS FORWARD
Fig. 4-TYPICAL JUNCTION CHARACTERISTICS
CHARACTERISTICS
Fig. 5-TYPICAL REVERSE CHARACTERISTICS


Similar Part No. - BY254

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
BY254 DIOTEC-BY254 Datasheet
94Kb / 2P
   Standard Recovery Rectifier Diodes
logo
Pan Jit International I...
BY254 PANJIT-BY254 Datasheet
67Kb / 2P
   MEDIUM CURRENT PLASTIC RECTIFIER(VOLTAGE - 200 to 1300 Volts CURRENT - 3.0 Amperes)
BY254 PANJIT-BY254 Datasheet
59Kb / 2P
   MEDIUM CURRENT PLASTIC RECTIFIER
BY254 PANJIT-BY254 Datasheet
57Kb / 2P
   MEDIUM CURRENT PLASTIC RECTIFIER
logo
Diode Semiconductor Kor...
BY254 DSK-BY254 Datasheet
275Kb / 3P
   PLASTIC SILICON RECTIFIERS
More results

Similar Description - BY254

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BY251 PANJIT-BY251_09 Datasheet
57Kb / 2P
   MEDIUM CURRENT PLASTIC RECTIFIER
BY251 PANJIT-BY251_04 Datasheet
59Kb / 2P
   MEDIUM CURRENT PLASTIC RECTIFIER
logo
Shenzhen Yixinwei Techn...
BY255 YIXIN-BY255 Datasheet
143Kb / 2P
   MEDIUM CURRENT PLASTIC RECTIFIER
logo
CHENG-YI ELECTRONIC CO....
BY251 CHENG-YI-BY251 Datasheet
119Kb / 2P
   MEDIUM CURRENT PLASTIC RECTIFIER
logo
General Semiconductor
GI910 GE-GI910 Datasheet
44Kb / 2P
   MEDIUM-SWITCHING PLASTIC RECTIFIER
logo
Vishay Siliconix
GI910 VISHAY-GI910 Datasheet
71Kb / 4P
   Medium Switching Plastic Rectifier
Revision: 10-Nov-09
logo
Pan Jit International I...
BY251 PANJIT-BY251 Datasheet
67Kb / 2P
   MEDIUM CURRENT PLASTIC RECTIFIER(VOLTAGE - 200 to 1300 Volts CURRENT - 3.0 Amperes)
logo
ON Semiconductor
TRA3225 ONSEMI-TRA3225 Datasheet
71Kb / 8P
   Medium-Current Silicon Rectifier
October, 2000 ??Rev. 1
logo
GOOD-ARK Electronics
SB520 GOOD-ARK-SB520 Datasheet
192Kb / 2P
   MEDIUM CURRENT SCHOTTKY BARRIER RECTIFIER
logo
First Silicon Co., Ltd
SB320 FS-SB320 Datasheet
536Kb / 2P
   MEDIUM CURRENT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com