Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VP2009 Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # VP2009
Description  10/100/1000 BASE-TX VOICEOVER IP MODULE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

VP2009 Datasheet(HTML) 1 Page - Bothhand USA, LP.

  VP2009 Datasheet HTML 1Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
P/N: VP2009 DATA SHEET
Page : 1/1
A
Feature
l
IEEE 802.3af/ANSI X3.263 compliant performance.
l
350mA current capability.
l
Designed for IP phone or switch applications.
l
Compact footprint.
l
The model offer Auto MDIX capability.
l
Operating temperature range : 0℃ to +70℃.
l
Storage temperature range: -25℃ to +125℃.
Electrical Specifications @ 25°C
Turns Ratio
(±5%)
Cross talk
(dB Min)
Part
Number
TX
RX
30 MHz
60 MHz
100 MHz
HI-POT
(Vrms)
VP2009
1CT: 1
1CT: 1
-43
-37
-33
1500
Continue
Insertion Loss
(dB Max)
Return Loss
(dB Min)
DCMR
(dB Min) TX/RX
Part
Number
1–100MHz
1-30MHz
40MHz
50 MHz
60-80MHz
30MHz
60MHz
100MHz
VP2009
-1.1
-16
-14
-13
-12
-43
-37
-33
Schematic
Mechanical
Bothhandusa.com
10/100/1000 BASE–TX VOICEOVER IP MODULE
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434


Similar Part No. - VP2009

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
VP2009-LF BOTHHAND-VP2009-LF Datasheet
103Kb / 2P
   Designed for IP phone or switch applications.
VP2009B BOTHHAND-VP2009B Datasheet
274Kb / 1P
   10/100/1000 BASE-TX VOICEOVER IP MODULE
VP2009LF BOTHHAND-VP2009LF Datasheet
298Kb / 1P
   10/100/1000 BASE-TX VOICEOVER IP MODULE
VP2009M BOTHHAND-VP2009M Datasheet
249Kb / 2P
   10/100/1000 BASE ?밫X VOICE OVER IP MAGNETICS MODULE
VP2009M-HF BOTHHAND-VP2009M-HF Datasheet
249Kb / 2P
   Designed for IP phone or switch applications.
More results

Similar Description - VP2009

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
VP2009B BOTHHAND-VP2009B Datasheet
274Kb / 1P
   10/100/1000 BASE-TX VOICEOVER IP MODULE
VP2009LF BOTHHAND-VP2009LF Datasheet
298Kb / 1P
   10/100/1000 BASE-TX VOICEOVER IP MODULE
VP2014LF BOTHHAND-VP2014LF Datasheet
343Kb / 2P
   10/100/1000 BASE-TX VOICEOVER IP MODULE
VP8019MLF BOTHHAND-VP8019MLF Datasheet
79Kb / 1P
   10/100 BASE-TX VOICE OVER IP MAGNETICS MODULE
logo
Broadcom Corporation.
VP8019ZM BOARDCOM-VP8019ZM Datasheet
182Kb / 1P
   10/100 BASE-TX VOICE OVER IP MAGNETICS MODULE
VP6019M BOARDCOM-VP6019M Datasheet
248Kb / 2P
   10/100 BASE-TX VOICE OVER IP MAGNETICS MODULE
logo
Bothhand USA, LP.
VP8019LF BOTHHAND-VP8019LF Datasheet
85Kb / 1P
   10/100 BASE-TX VOICE OVER IP MAGNETICS MODULE
logo
PCA ELECTRONICS INC.
EPF8220F PCA-EPF8220F Datasheet
37Kb / 1P
   10/100 Base-TX Voice Over IP Magnetic Module
logo
Broadcom Corporation.
VP6019 BOARDCOM-VP6019 Datasheet
132Kb / 2P
   10/100 BASE-TX VOICE OVER IP MAGNETICS MODULE
VP6019R BOARDCOM-VP6019R Datasheet
125Kb / 2P
   10/100 BASE-TX VOICE OVER IP MAGNETICS MODULE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com