Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF6018100YL Datasheet(PDF) 3 Page - ABC Taiwan Electronics Corp

Part # SF6018100YL
Description  SMD LINE FILTER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SF6018100YL Datasheet(HTML) 3 Page - ABC Taiwan Electronics Corp

  SF6018100YL Datasheet HTML 1Page - ABC Taiwan Electronics Corp SF6018100YL Datasheet HTML 2Page - ABC Taiwan Electronics Corp SF6018100YL Datasheet HTML 3Page - ABC Taiwan Electronics Corp SF6018100YL Datasheet HTML 4Page - ABC Taiwan Electronics Corp SF6018100YL Datasheet HTML 5Page - ABC Taiwan Electronics Corp SF6018100YL Datasheet HTML 6Page - ABC Taiwan Electronics Corp SF6018100YL Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
REF :
ABC'S ITEM NO.
ABC'S DWG NO.
PAGE: 3
PROD.
NAME
SMD LINE FILTER
SF6018□□□□L□-□□□
Start
End
User direction of feed
Components
200 m/m min.
no component
Leader
400 m/m min.
Trailer
no component
AE-001A
Inner : Reel
( 3 ) Q'TY & G.W. Per package
Series
SF6018
1000
300
Q'TY (pcs)
G.W. (gw)
07 - 12
178
21±0.8
G.W. (Kg)
12.0
Outer : Carton
40,000
07 - 12
Q'TY (pcs)
Style
42 x 41 x 24
Size (cm)
+0
13
12
14
-0
50
18.4
PACKAGING INFORMATION
Ⅵ﹒
Style
( 2 ) Dimensions
AB
C
2.0±0.5
( 1 ) Configuration
T
Cover Tape
Embossed Carrier
Carrier tape width : D
CD
G
G
NT
Unit:m/m
D
P:8m/m
4m/m
SPECIFICATION FOR APPROVAL


Similar Part No. - SF6018100YL

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SF601 GOOD-ARK-SF601 Datasheet
191Kb / 2P
   Super Fast Rectifiers
logo
SIFIRST TECHNOLOGIES NA...
SF6010N SIFIRST-SF6010N Datasheet
156Kb / 2P
   NC-Cap/PSRTM (Primary Side Regulation) CV/CC Controller
SF6010NLGT SIFIRST-SF6010NLGT Datasheet
156Kb / 2P
   NC-Cap/PSRTM (Primary Side Regulation) CV/CC Controller
SF6010NMGT SIFIRST-SF6010NMGT Datasheet
156Kb / 2P
   NC-Cap/PSRTM (Primary Side Regulation) CV/CC Controller
SF6010R SIFIRST-SF6010R Datasheet
152Kb / 2P
   Built-in AC Line CC Compensation
More results

Similar Description - SF6018100YL

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
SF0905100YL ABC-SF0905100YL Datasheet
136Kb / 7P
   SMD LINE FILTER
SF2012300YL ABC-SF2012300YL Datasheet
248Kb / 7P
   SMD LINE FILTER
logo
Bourns Electronic Solut...
SRF1306 BOURNS-SRF1306 Datasheet
36Kb / 1P
   SMD Line Filter
SRF2012 BOURNS-SRF2012 Datasheet
118Kb / 1P
   SMD LINE FILTER
logo
ABC Taiwan Electronics ...
SF0503110YL ABC-SF0503110YL Datasheet
1Mb / 7P
   SMD LINE FILTER
SF0903470Y2B ABC-SF0903470Y2B Datasheet
1Mb / 7P
   SMD LINE FILTER
SF1006121YL ABC-SF1006121YL Datasheet
1Mb / 6P
   SMD LINE FILTER
SF3216900YL ABC-SF3216900YL Datasheet
216Kb / 7P
   SMD LINE FILTER
SF0603001YL ABC-SF0603001YL Datasheet
621Kb / 8P
   SMD LINE FILTER
SF1358350YL ABC-SF1358350YL Datasheet
600Kb / 7P
   SMD LINE FILTER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com