Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH2009100YL Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # SH2009100YL
Description  SHIELDED SMD POWER INDUCTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SH2009100YL Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  SH2009100YL Datasheet HTML 1Page - ABC Taiwan Electronics Corp SH2009100YL Datasheet HTML 2Page - ABC Taiwan Electronics Corp SH2009100YL Datasheet HTML 3Page - ABC Taiwan Electronics Corp SH2009100YL Datasheet HTML 4Page - ABC Taiwan Electronics Corp SH2009100YL Datasheet HTML 5Page - ABC Taiwan Electronics Corp SH2009100YL Datasheet HTML 6Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
REF :
SPECIFICATION FOR APPROVAL
ABC'S ITEM NO.
ABC'S DWG NO.
PAGE: 2
PROD.
NAME
Ⅴ﹒
ELECTRICAL CHARACTERISTICS:
AR-001A
POWER INDUCTOR
SHIELDED SMD
4). Irms base on Temp. rise 40
max.
5). Isat base on
L / LOA=35% typ.
SH2009220YL□
SH2009100YL□
SH2009150YL□
SH20096R8YL□
SH20094R7YL□
22.0 ± 30 %
15.0 ± 30 %
10.0 ± 30 %
6.8 ± 30 %
4.7 ± 30 %
SH20093R3YL□
SH20092R2YL□
SH20091R0YL□
DWG No.
1.0 ± 30 %
3.3 ± 30 %
2.2 ± 30 %
Inductance
( µH )
2210
850
580
430
10
2.52
2.52
6
8
6
7.96
2.52
7.96
35
50
1700
935
70
55
90
445
650
330
250
470
350
540
620
150
200
240
270
370
290
205
max.
( mΩ )
RDC
7.96
6
6
6
7.96
7.96
Test Freq.
Q
ref.
( MHz )
80
210
135
110
160
220
( MHz )
typ.
SRF
typ.
1100
( mA )
Irms
max.
1450
780
430
540
( mA )
Isat
typ.
1).
Packaging Information… A:Bulk B:Taping Reel
3). Inductance Test Freq. :100KHz /0.1V
Marking
J
H
I
G
F
E
C
A
@ Inductance VS. DC Current Curve
10
0.1
0.01
1
100
1000
10
DC Current ( A )
0.1
1R0
1
100
220
□□
2)."-
":Reference code
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
SH2009□□□□L□-□□□
10
105
1220
860
20070101-A


Similar Part No. - SH2009100YL

ManufacturerPart #DatasheetDescription
logo
Rohm
SH2002-DC70A ROHM-SH2002-DC70A Datasheet
57Kb / 4P
   Near edge thermal printhead (with thermal historical control)
SH2002-DC90A ROHM-SH2002-DC90A Datasheet
87Kb / 6P
   Near edge thermal printhead (8dots / mm)
SH2002-DC90A ROHM-SH2002-DC90A Datasheet
212Kb / 6P
   Near edge thermal printhead (8dots / mm)
SH2002-DC90A ROHM-SH2002-DC90A_07 Datasheet
212Kb / 6P
   Near edge thermal printhead (8dots / mm)
SH2004-DC70A ROHM-SH2004-DC70A Datasheet
71Kb / 4P
   Near edge thermal printhead (with thermal historical control)
More results

Similar Description - SH2009100YL

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-1306S ABRACON-ASPI-1306S Datasheet
1Mb / 3P
   SMD SHIELDED POWER INDUCTOR
07.25.13
logo
Central Technologies
CTSR0906F CT-CTSR0906F Datasheet
429Kb / 1P
   SMD Shielded Power Inductor
logo
ABC Taiwan Electronics ...
SS12052R5ML ABC-SS12052R5ML Datasheet
609Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SS12801R1YL ABC-SS12801R1YL Datasheet
147Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SU10303R5YF ABC-SU10303R5YF Datasheet
128Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SU20091R0YP ABC-SU20091R0YP Datasheet
101Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU20131R0YL ABC-SU20131R0YL Datasheet
105Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU30091R3YL ABC-SU30091R3YL Datasheet
96Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU50284R7Y2 ABC-SU50284R7Y2 Datasheet
129Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SH30091R3YL ABC-SH30091R3YL Datasheet
481Kb / 6P
   SHIELDED SMD POWER INDUCTOR
logo
Datatronic Distribution...
DR364-202 DATATRONICS-DR364-202 Datasheet
81Kb / 1P
   SHIELDED SMD POWER INDUCTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com