Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP1002 Datasheet(PDF) 1 Page - Transys Electronics

Part # CP1002
Description  SINGLE-PHASE SILICON BRIDGE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRSYS [Transys Electronics]
Direct Link  http://www.transyselectronics.com
Logo TRSYS - Transys Electronics

CP1002 Datasheet(HTML) 1 Page - Transys Electronics

  CP1002 Datasheet HTML 1Page - Transys Electronics CP1002 Datasheet HTML 2Page - Transys Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CP1000 THRU CP1008
SINGLE-PHASE SILICON BRIDGE
VOLTAGE - 50 to 800 Volts CURRENT - P.C. MTG 3A, HEAT-SINK MTG 10A
FEATURES
l
Surge overload rating—200 Amperes peak
l
Low forward voltage drop and reverse leakage
l
Small size, simple installation
l
Plastic package has Underwriter Laboratory
Flammability Classification 94V-O
l
Reliable low cost construction utilizing molded
plastic technique
MECHANICAL DATA
Case: Molded plastic with heatsink integrally
mounted in the bridge encapsulation
Terminals: Leads solderable per MIL-STD-202,
Method 208
Weight: 0.21 ounce, 6.1 grams
MACXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
At 25 ambient temperature unless otherwise noted; resistive or inductive load at 60Hz .
CP1000 CP1001 CP1002 CP1004 CP1006 CP1008 UNITS
Max Recurrent Peak Rev Voltage
50
100
200
400
600
800
V
Max Bridge Input Voltage RMS
35
70
140
280
420
560
V
Max Average Rectified Output at TC=50 *
See Fig. 2
at TC=100 *
at TA=50 **
10.0
3.0
3.0
A
A
Peak One Cycle Surge Overload Current
200
A
Max Forward Voltage Drop per element at
5.0A DC & 25 . See Fig. 3
1.1
V
Max Rev Leakage at rated Dc Blocking
Voltage per element at 25
See Fig 4
at100
10.0
1.0
A
mA
Typical junction capacitance per leg (Note 4) CJ
200
PF
I
2t Rating for fusing ( t<8.3ms)
164
A
2S
Typical Thermal Resistance (Note 2) R JA
Typical Thermal Resistance (Note 3) R JC
25
5
/W
Operating Temperature Range
-55 TO +125
Storage Temperature Range
-55 TO +150
NOTES:
* Unit mounted on metal chassis.
** Unit mounted on P.C. board.
1.
Recommended mounting position is to bolt down on heatsink with silicone thermal compound
for maximum heat transfer with #6 screw.
2.
Units Mounted in free air, no heatsink. P.C.B at 0.375”(9.5mm) lead length with 0.5×0.5”
CP-10


Similar Part No. - CP1002

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
CP1002 PANJIT-CP1002 Datasheet
56Kb / 2P
   SINGLE-PHASE SILICON BRIDGE(VOLTAGE - 50 to 800 Volts CURRENT - P.C. MTG 3A, HEAT-SINK MTG 10A)
More results

Similar Description - CP1002

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
GOOD-ARK Electronics
BR1005 GOOD-ARK-BR1005 Datasheet
47Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
BR305 GOOD-ARK-BR305 Datasheet
45Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
KBPC10 GOOD-ARK-KBPC10 Datasheet
49Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
KBU4 GOOD-ARK-KBU4 Datasheet
171Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
RB151 GOOD-ARK-RB151 Datasheet
47Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
RS201 GOOD-ARK-RS201 Datasheet
48Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
logo
Shenzhen Luguang Electr...
KBP3005 LUGUANG-KBP3005 Datasheet
278Kb / 2P
   Single-phase Silicon Bridge
logo
CHENG-YI ELECTRONIC CO....
KBPC25 CHENG-YI-KBPC25 Datasheet
135Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
W005 CHENG-YI-W005 Datasheet
118Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
RB151 CHENG-YI-RB151 Datasheet
120Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com