Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATA010A0X43-SRZ Datasheet(PDF) 10 Page - Lineage Power Corporation

Part # ATA010A0X43-SRZ
Description  8.3 - 14.0 Vdc Input; 0.75Vdc to 5.5Vdc Output; 10A output current
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

ATA010A0X43-SRZ Datasheet(HTML) 10 Page - Lineage Power Corporation

Back Button ATA010A0X43-SRZ Datasheet HTML 6Page - Lineage Power Corporation ATA010A0X43-SRZ Datasheet HTML 7Page - Lineage Power Corporation ATA010A0X43-SRZ Datasheet HTML 8Page - Lineage Power Corporation ATA010A0X43-SRZ Datasheet HTML 9Page - Lineage Power Corporation ATA010A0X43-SRZ Datasheet HTML 10Page - Lineage Power Corporation ATA010A0X43-SRZ Datasheet HTML 11Page - Lineage Power Corporation ATA010A0X43-SRZ Datasheet HTML 12Page - Lineage Power Corporation ATA010A0X43-SRZ Datasheet HTML 13Page - Lineage Power Corporation ATA010A0X43-SRZ Datasheet HTML 14Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Data Sheet
May 19, 2009
Austin LynxTM II 12 V SMT Non-Isolated Power Modules:
8.3 – 14.0Vdc Input; 0.75Vdc to 5.5Vdc Output; 10A output current
LINEAGE POWER
10
Test Configurations
TO OSCILLOSCOPE
CURRENT PROBE
LTEST
1μH
CS 1000μF
Electrolytic
E.S.R.<0.1
Ω
@ 20°C 100kHz
2x100μF
Tantalum
VIN(+)
COM
NOTE: Measure input reflected ripple current with a simulated
source inductance (LTEST) of 1μH. Capacitor CS offsets
possible battery impedance. Measure current as shown
above.
CIN
Figure 23. Input Reflected Ripple Current Test Setup.
NOTE: All voltage measurements to be taken at the module
terminals, as shown above. If sockets are used then
Kelvin connections are required at the module terminals
to avoid measurement errors due to socket contact
resistance.
VO(+)
COM
1uF .
RESISTIVE
LOAD
SCOPE
COPPER STRIP
GROUND PLANE
10uF
Figure 24. Output Ripple and Noise Test Setup.
VO
COM
VIN(+)
COM
RLOAD
Rcontact
Rdistribution
Rcontact
Rdistribution
Rcontact
Rcontact
Rdistribution
Rdistribution
VIN
VO
NOTE: All voltage measurements to be taken at the module
terminals, as shown above. If sockets are used then
Kelvin connections are required at the module terminals
to avoid measurement errors due to socket contact
resistance.
Figure 25. Output Voltage and Efficiency Test Setup.
η =
VO. IO
VIN. IIN
x 100 %
Efficiency
Design Considerations
Input Filtering
Austin Lynx
TM II 12V SMT module should be connected to
a low-impedance AC source. A highly inductive source
can affect the stability of the module. An input
capacitance must be placed directly adjacent to the input
pin of the module, to minimize input ripple voltage and
ensure module stability.
In a typical application, 4x47 µF low-ESR tantalum
capacitors (AVX part #: TPSE476M025R0100, 47µF 25V
100 mΩ ESR tantalum capacitor) will be sufficient to
provide adequate ripple voltage at the input of the
module. To minimize ripple voltage at the input, low
ESR ceramic capacitors are recommended at the input of
the module. Figure 26 shows input ripple voltage (mVp-
p) for various outputs with 4x47 µF tantalum capacitors
and with 4x22 µF ceramic capacitor (TDK part #:
C4532X5R1C226M) at full load.
0
50
100
150
200
250
300
01
23
4
5
6
Tantalum
Ceramic
Output Voltage (Vdc)
Figure 26. Input ripple voltage for various output
with 4x22 µF polymer and 4x47 µF ceramic capacitors
at the input (full load).


Similar Part No. - ATA010A0X43-SRZ

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
ATA010A0X43 LINEAGEPOWER-ATA010A0X43 Datasheet
691Kb / 19P
   8.3 - 14Vdc input; 0.75Vdc to 5.5Vdc Output; 10A output current
ATA010A0X43Z LINEAGEPOWER-ATA010A0X43Z Datasheet
691Kb / 19P
   8.3 - 14Vdc input; 0.75Vdc to 5.5Vdc Output; 10A output current
More results

Similar Description - ATA010A0X43-SRZ

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
ATA010A0X3 LINEAGEPOWER-ATA010A0X3 Datasheet
691Kb / 19P
   8.3 - 14Vdc input; 0.75Vdc to 5.5Vdc Output; 10A output current
AXA003A0X LINEAGEPOWER-AXA003A0X Datasheet
578Kb / 18P
   8.3 - 14Vdc Input; 0.75Vdc to 5.5Vdc Output; 3A output current
ATA016A0X3 LINEAGEPOWER-ATA016A0X3 Datasheet
687Kb / 19P
   8.3 - 14Vdc input; 0.75Vdc to 5.5Vdc Output;16A output current
ATA016A0X3-SR LINEAGEPOWER-ATA016A0X3-SR Datasheet
718Kb / 21P
   8.3 - 14Vdc Input; 0.75Vdc to 5.5Vdc Output;16A output current
ATA006A0X LINEAGEPOWER-ATA006A0X Datasheet
530Kb / 19P
   8.3 - 14Vdc input; 0.75Vdc to 5.5Vdc Output; 6A output current
ATA006A0X-SR LINEAGEPOWER-ATA006A0X-SR Datasheet
796Kb / 21P
   8.3 - 14Vdc input; 0.75Vdc to 5.5Vdc Output; 6A output current
AXA003A0X-SR LINEAGEPOWER-AXA003A0X-SR Datasheet
701Kb / 20P
   8.3 - 14Vdc input; 0.75Vdc to 5.5Vdc Output; 3A output current
AXH010A0X-SR LINEAGEPOWER-AXH010A0X-SR Datasheet
579Kb / 20P
   3.0 - 5.5Vdc Input; 0.75Vdc to 3.63Vdc Output; 10A output current
ATL010A0X43-SR LINEAGEPOWER-ATL010A0X43-SR Datasheet
727Kb / 21P
   9 - 18Vdc input; 0.75Vdc to 5.5Vdc Output; 10A output current
AXA010A0X3 LINEAGEPOWER-AXA010A0X3 Datasheet
650Kb / 19P
   10Vdc - 14Vdc input; 0.75Vdc to 5.5Vdc Output;10A Output Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com