Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATH010A0X3-SR Datasheet(PDF) 1 Page - Lineage Power Corporation

Part # ATH010A0X3-SR
Description  2.4 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 10A output current
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

ATH010A0X3-SR Datasheet(HTML) 1 Page - Lineage Power Corporation

  ATH010A0X3-SR Datasheet HTML 1Page - Lineage Power Corporation ATH010A0X3-SR Datasheet HTML 2Page - Lineage Power Corporation ATH010A0X3-SR Datasheet HTML 3Page - Lineage Power Corporation ATH010A0X3-SR Datasheet HTML 4Page - Lineage Power Corporation ATH010A0X3-SR Datasheet HTML 5Page - Lineage Power Corporation ATH010A0X3-SR Datasheet HTML 6Page - Lineage Power Corporation ATH010A0X3-SR Datasheet HTML 7Page - Lineage Power Corporation ATH010A0X3-SR Datasheet HTML 8Page - Lineage Power Corporation ATH010A0X3-SR Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Data Sheet
August 28, 2009
Austin LynxTM II SMT Non-isolated Power Modules:
2.4Vdc –5.5Vdc input; 0.75Vdc to 3.63Vdc Output;10A Output Current
* UL is a registered trademark of Underwriters Laboratories, Inc.
CSA is a registered trademark of Canadian Standards Association.
VDE is a trademark of Verband Deutscher Elektrotechniker e.V.
** ISO is a registered trademark of the International Organization of Standards
Document No: DS03-105 ver. 1.03
PDF name: lynx_II_smt_ds.pdf
EZ-SEQUENCETM
Applications
Distributed power architectures
Intermediate bus voltage applications
Telecommunications equipment
Servers and storage applications
Networking equipment
Enterprise Networks
Latest generation IC’s (DSP, FPGA, ASIC) and
Microprocessor powered applications
Features
Compliant to RoHS EU Directive 2002/95/EC (-Z
versions)
Compliant to ROHS EU Directive 2002/95/EC with
lead solder exemption (non-Z versions)
Flexible output voltage sequencing EZ-
SEQUENCE
TM
Delivers up to 10A output current
High efficiency – 95% at 3.3V full load (VIN = 5.0V)
Small size and low profile:
33.0 mm x 13.5 mm x 8.28 mm
(1.30 in x 0.53 in x 0.326 in)
Low output ripple and noise
High Reliability:
Calculated MTBF = 15.7M hours at 25
oC Full-load
Constant switching frequency (300 kHz)
Output voltage programmable from 0.75 Vdc to
3.63Vdc via external resistor
Line Regulation: 0.3% (typical)
Load Regulation: 0.4% (typical)
Temperature Regulation: 0.4 % (typical)
Remote On/Off
Remote sense
Output overcurrent protection (non-latching)
Wide operating temperature range (-40°C to 85°C)
UL* 60950-1Recognized, CSA
C22.2 No. 60950-1-
03 Certified, and VDE
0805:2001-12 (EN60950-1)
Licensed
ISO** 9001 and ISO 14001 certified manufacturing
facilities
Description
Austin Lynx
TM II SMT (surface mount technology) power modules are non-isolated DC-DC converters that can
deliver up to 10A of output current with full load efficiency of 95% at 3.3V output. These modules provide a
precisely regulated output voltage programmable via an external resistor from 0.75Vdc to 3.63Vdc over a wide
range of input voltage (VIN = 2.4 – 5.5Vdc). The Austin Lynx
TM II series has a sequencing feature, EZ-
SEQUENCE
TM that enable designers to implement various types of output voltage sequencing when powering
multiple voltages on a board.
RoHS Compliant


Similar Part No. - ATH010A0X3-SR

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
ATH010A0X3 LINEAGEPOWER-ATH010A0X3 Datasheet
593Kb / 19P
   2.4 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 10A output current
ATH010A0X3Z LINEAGEPOWER-ATH010A0X3Z Datasheet
593Kb / 19P
   2.4 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 10A output current
More results

Similar Description - ATH010A0X3-SR

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
ATH010A0X3 LINEAGEPOWER-ATH010A0X3 Datasheet
593Kb / 19P
   2.4 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 10A output current
ATH006A0X-SR LINEAGEPOWER-ATH006A0X-SR Datasheet
786Kb / 21P
   2.4 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 6A output current
ATH016A0X3-SR LINEAGEPOWER-ATH016A0X3-SR Datasheet
639Kb / 21P
   2.4 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 16A output current
AXH010A0X-SR LINEAGEPOWER-AXH010A0X-SR Datasheet
579Kb / 20P
   3.0 - 5.5Vdc Input; 0.75Vdc to 3.63Vdc Output; 10A output current
ATH006A0X LINEAGEPOWER-ATH006A0X Datasheet
526Kb / 19P
   2.4 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 6A output current
AXH003A0X LINEAGEPOWER-AXH003A0X Datasheet
518Kb / 18P
   2.4 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 3A output current
AXH003A0X-SR LINEAGEPOWER-AXH003A0X-SR Datasheet
708Kb / 20P
   2.4 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 3A output current
AXH016A0X3 LINEAGEPOWER-AXH016A0X3 Datasheet
779Kb / 18P
   3.0 - 5.5Vdc Input; 0.75Vdc to 3.63Vdc Output; 16A output current
AXH005A0XZ LINEAGEPOWER-AXH005A0XZ Datasheet
486Kb / 19P
   3 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 5A output current
AXH016A0X3-SR LINEAGEPOWER-AXH016A0X3-SR Datasheet
689Kb / 21P
   3.0 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 16A output current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com