Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AXH010A0X3-SRZ Datasheet(PDF) 6 Page - Lineage Power Corporation

Part # AXH010A0X3-SRZ
Description  3.0 - 5.5Vdc Input; 0.75Vdc to 3.63Vdc Output; 10A output current
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

AXH010A0X3-SRZ Datasheet(HTML) 6 Page - Lineage Power Corporation

Back Button AXH010A0X3-SRZ Datasheet HTML 2Page - Lineage Power Corporation AXH010A0X3-SRZ Datasheet HTML 3Page - Lineage Power Corporation AXH010A0X3-SRZ Datasheet HTML 4Page - Lineage Power Corporation AXH010A0X3-SRZ Datasheet HTML 5Page - Lineage Power Corporation AXH010A0X3-SRZ Datasheet HTML 6Page - Lineage Power Corporation AXH010A0X3-SRZ Datasheet HTML 7Page - Lineage Power Corporation AXH010A0X3-SRZ Datasheet HTML 8Page - Lineage Power Corporation AXH010A0X3-SRZ Datasheet HTML 9Page - Lineage Power Corporation AXH010A0X3-SRZ Datasheet HTML 10Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Data Sheet
January 20, 2009
Austin LynxTM SMT Non-isolated Power Modules:
3.0 – 5.5Vdc Input; 0.75Vdc to 3.63Vdc Output; 10A output current
LINEAGE POWER
6
Characteristic Curves
The following figures provide typical characteristics for the Austin Lynx
TM SMT modules at 25ºC.
72
75
78
81
84
87
90
02.5
57.5
10
VIN = 5.5V
VIN = 5.0V
VIN = 3.0V
72
75
78
81
84
87
90
93
96
02.557.5
10
VIN = 5.5V
VIN = 5.0V
VIN = 3.0V
OUTPUT CURRENT, IO (A)
OUTPUT CURRENT, IO (A)
Figure 1. Converter Efficiency versus Output Current
(Vout = 0.75Vdc).
Figure 4. Converter Efficiency versus Output Current
(Vout = 1.8Vdc).
72
75
78
81
84
87
90
93
0
2.5
5
7.5
10
VIN = 5.5V
VIN = 5.0V
VIN = 3.0V
73
76
79
82
85
88
91
94
97
100
02.5
57.5
10
VIN = 5.5V
VIN = 5.0V
VIN = 3.0V
OUTPUT CURRENT, IO (A)
OUTPUT CURRENT, IO (A)
Figure 2. Converter Efficiency versus Output Current
(Vout = 1.2Vdc).
Figure 5. Converter Efficiency versus Output Current
(Vout = 2.5Vdc).
70
73
76
79
82
85
88
91
94
02.557.5
10
VIN = 5.5V
VIN = 5.0V
VIN = 3.0V
OUTPUT CURRENT, IO (A)
OUTPUT CURRENT, IO (A)
Figure 3. Converter Efficiency versus Output Current
(Vout = 1.5Vdc).
Figure 6. Converter Efficiency versus Output Current
(Vout = 3.3Vdc).
76
79
82
85
88
91
94
97
100
0
2.557.5
10
VIN = 5.5V
VIN = 5.0V
VIN = 4.5V


Similar Part No. - AXH010A0X3-SRZ

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
AXH010A0X3 LINEAGEPOWER-AXH010A0X3 Datasheet
701Kb / 17P
   3.0Vdc - 5.5Vdc input; 0.75 to 3.63Vdc Output; 10A Output Current
AXH010A0X3Z LINEAGEPOWER-AXH010A0X3Z Datasheet
701Kb / 17P
   3.0Vdc - 5.5Vdc input; 0.75 to 3.63Vdc Output; 10A Output Current
More results

Similar Description - AXH010A0X3-SRZ

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
ATH010A0X3-SR LINEAGEPOWER-ATH010A0X3-SR Datasheet
594Kb / 21P
   2.4 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 10A output current
AXH016A0X3 LINEAGEPOWER-AXH016A0X3 Datasheet
779Kb / 18P
   3.0 - 5.5Vdc Input; 0.75Vdc to 3.63Vdc Output; 16A output current
ATH010A0X3 LINEAGEPOWER-ATH010A0X3 Datasheet
593Kb / 19P
   2.4 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 10A output current
AXH016A0X3-SR LINEAGEPOWER-AXH016A0X3-SR Datasheet
689Kb / 21P
   3.0 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 16A output current
ATH006A0X-SR LINEAGEPOWER-ATH006A0X-SR Datasheet
786Kb / 21P
   2.4 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 6A output current
ATH016A0X3-SR LINEAGEPOWER-ATH016A0X3-SR Datasheet
639Kb / 21P
   2.4 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 16A output current
ATH006A0X LINEAGEPOWER-ATH006A0X Datasheet
526Kb / 19P
   2.4 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 6A output current
AXH005A0XZ LINEAGEPOWER-AXH005A0XZ Datasheet
486Kb / 19P
   3 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 5A output current
AXH003A0X LINEAGEPOWER-AXH003A0X Datasheet
518Kb / 18P
   2.4 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 3A output current
AXH003A0X-SR LINEAGEPOWER-AXH003A0X-SR Datasheet
708Kb / 20P
   2.4 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 3A output current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com