Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATH006A0X Datasheet(PDF) 10 Page - Lineage Power Corporation

Part # ATH006A0X
Description  2.4 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 6A output current
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

ATH006A0X Datasheet(HTML) 10 Page - Lineage Power Corporation

Back Button ATH006A0X Datasheet HTML 6Page - Lineage Power Corporation ATH006A0X Datasheet HTML 7Page - Lineage Power Corporation ATH006A0X Datasheet HTML 8Page - Lineage Power Corporation ATH006A0X Datasheet HTML 9Page - Lineage Power Corporation ATH006A0X Datasheet HTML 10Page - Lineage Power Corporation ATH006A0X Datasheet HTML 11Page - Lineage Power Corporation ATH006A0X Datasheet HTML 12Page - Lineage Power Corporation ATH006A0X Datasheet HTML 13Page - Lineage Power Corporation ATH006A0X Datasheet HTML 14Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Data Sheet
June 24, 2008
Austin MicroLynxTM II SIP Non-isolated Power Modules:
2.4 – 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 6A output current
LINEAGE POWER
10
Test Configurations
TO OSCILLOSCOPE
CURRENT PROBE
LTEST
1μH
CS 1000μF
Electrolytic
E.S.R.<0.1
Ω
@ 20°C 100kHz
2x100μF
Tantalum
VIN(+)
COM
NOTE: Measure input reflected ripple current with a simulated
source inductance (LTEST) of 1μH. Capacitor CS offsets
possible battery impedance. Measure current as shown
above.
CIN
Figure 23. Input Reflected Ripple Current Test Setup.
NOTE: All voltage measurements to be taken at the module
terminals, as shown above. If sockets are used then
Kelvin connections are required at the module terminals
to avoid measurement errors due to socket contact
resistance.
VO(+)
COM
1uF .
RESISTIVE
LOAD
SCOPE
COPPER STRIP
GROUND PLANE
10uF
Figure 24. Output Ripple and Noise Test Setup.
VO
COM
VIN(+)
COM
RLOAD
Rcontact
Rdistribution
Rcontact
Rdistribution
Rcontact
Rcontact
Rdistribution
Rdistribution
VIN
VO
NOTE: All voltage measurements to be taken at the module
terminals, as shown above. If sockets are used then
Kelvin connections are required at the module terminals
to avoid measurement errors due to socket contact
resistance.
Figure 25. Output Voltage and Efficiency Test Setup.
η =
VO. IO
VIN. IIN
x 100 %
Efficiency
Design Considerations
Input Filtering
The Austin MicroLynx
TM II SIP module should be
connected to a low-impedance source. A highly
inductive source can affect the stability of the module.
An input capacitance must be placed directly adjacent
to the input pin of the module, to minimize input ripple
voltage and ensure module stability.
To minimize input voltage ripple, low-ESR polymer
and ceramic capacitors are recommended at the input
of the module. Figure 26 shows the input ripple
voltage (mVp-p) for various outputs with 1x150 µF
polymer capacitors (Panasonic p/n: EEFUE0J151R,
Sanyo p/n: 6TPE150M) in parallel with 1 x 47 µF
ceramic capacitor (Panasonic p/n: ECJ-5YB0J476M,
Taiyo- Yuden p/n: CEJMK432BJ476MMT) at full load.
Figure 27 shows the input ripple with 2x150 µF
polymer capacitors in parallel with 2 x 47 µF ceramic
capacitor at full load.
0
20
40
60
80
100
120
0
1
234
Vin = 3.3V
Vin = 5.0V
Output Voltage (Vdc)
Figure 26. Input ripple voltage for various output
with 1x150 µF polymer and 1x47 µF ceramic
capacitors at the input (80% of Io,max).
0
20
40
60
80
100
120
01
2
3
4
Vin = 3.3V
Vin = 5.0V
Output Voltage (Vdc)
Figure 27. Input ripple voltage for various output
with 2x150 µF polymer and 2x47 µF ceramic
capacitors at the input (80% of Io,max).


Similar Part No. - ATH006A0X

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
ATH006A0X-SR LINEAGEPOWER-ATH006A0X-SR Datasheet
786Kb / 21P
   2.4 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 6A output current
ATH006A0X-SRZ LINEAGEPOWER-ATH006A0X-SRZ Datasheet
786Kb / 21P
   2.4 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 6A output current
ATH006A0X4-SR LINEAGEPOWER-ATH006A0X4-SR Datasheet
786Kb / 21P
   2.4 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 6A output current
ATH006A0X4-SRZ LINEAGEPOWER-ATH006A0X4-SRZ Datasheet
786Kb / 21P
   2.4 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 6A output current
More results

Similar Description - ATH006A0X

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
ATH006A0X-SR LINEAGEPOWER-ATH006A0X-SR Datasheet
786Kb / 21P
   2.4 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 6A output current
ATH010A0X3-SR LINEAGEPOWER-ATH010A0X3-SR Datasheet
594Kb / 21P
   2.4 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 10A output current
ATH016A0X3-SR LINEAGEPOWER-ATH016A0X3-SR Datasheet
639Kb / 21P
   2.4 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 16A output current
AXH003A0X LINEAGEPOWER-AXH003A0X Datasheet
518Kb / 18P
   2.4 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 3A output current
AXH003A0X-SR LINEAGEPOWER-AXH003A0X-SR Datasheet
708Kb / 20P
   2.4 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 3A output current
ATH010A0X3 LINEAGEPOWER-ATH010A0X3 Datasheet
593Kb / 19P
   2.4 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 10A output current
APXH006A0X-SRZ LINEAGEPOWER-APXH006A0X-SRZ Datasheet
595Kb / 23P
   2.4 - 5.5Vdc input; 0.6Vdc to 3.63Vdc output; 6A output current
AXH016A0X3 LINEAGEPOWER-AXH016A0X3 Datasheet
779Kb / 18P
   3.0 - 5.5Vdc Input; 0.75Vdc to 3.63Vdc Output; 16A output current
AXH010A0X-SR LINEAGEPOWER-AXH010A0X-SR Datasheet
579Kb / 20P
   3.0 - 5.5Vdc Input; 0.75Vdc to 3.63Vdc Output; 10A output current
AXH005A0XZ LINEAGEPOWER-AXH005A0XZ Datasheet
486Kb / 19P
   3 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 5A output current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com