Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATH006A0X4-SRZ Datasheet(PDF) 6 Page - Lineage Power Corporation

Part # ATH006A0X4-SRZ
Description  2.4 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 6A output current
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

ATH006A0X4-SRZ Datasheet(HTML) 6 Page - Lineage Power Corporation

Back Button ATH006A0X4-SRZ Datasheet HTML 2Page - Lineage Power Corporation ATH006A0X4-SRZ Datasheet HTML 3Page - Lineage Power Corporation ATH006A0X4-SRZ Datasheet HTML 4Page - Lineage Power Corporation ATH006A0X4-SRZ Datasheet HTML 5Page - Lineage Power Corporation ATH006A0X4-SRZ Datasheet HTML 6Page - Lineage Power Corporation ATH006A0X4-SRZ Datasheet HTML 7Page - Lineage Power Corporation ATH006A0X4-SRZ Datasheet HTML 8Page - Lineage Power Corporation ATH006A0X4-SRZ Datasheet HTML 9Page - Lineage Power Corporation ATH006A0X4-SRZ Datasheet HTML 10Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Data Sheet
June 24, 2008
Austin MicroLynxTM II SMT Non-isolated Power Modules:
2.4 – 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 6A output current
LINEAGE POWER
6
Characteristic Curves
The following figures provide typical characteristics for the Austin MicroLynx
TM II SMT modules at 25ºC.
70
73
76
79
82
85
88
91
0
1
2
3456
VIN=2.4V
VIN=5V
VIN=5.5V
74
77
80
83
86
89
92
95
98
0
1
23
45
6
VIN=2.4V
VIN=5V
VIN=5.5V
OUTPUT CURRENT, IO (A)
OUTPUT CURRENT, IO (A)
Figure 1. Converter Efficiency versus Output Current
(Vout = 0.75Vdc).
Figure 4. Converter Efficiency versus Output Current
(Vout = 1.8Vdc).
70
73
76
79
82
85
88
91
94
0
1
23
456
VIN=2.4V
VIN=5V
VIN=5.5V
74
77
80
83
86
89
92
95
98
0
1
23
45
6
VIN=3V
VIN=5V
VIN=5.5V
OUTPUT CURRENT, IO (A)
OUTPUT CURRENT, IO (A)
Figure 2. Converter Efficiency versus Output Current
(Vout = 1.2Vdc).
Figure 5. Converter Efficiency versus Output Current
(Vout = 2.5Vdc).
70
73
76
79
82
85
88
91
94
0
1
23456
VIN=2.4V
VIN=5V
VIN=5.5V
74
77
80
83
86
89
92
95
98
0
1
2
3456
VIN=4.5V
VIN=5V
VIN=5.5V
OUTPUT CURRENT, IO (A)
OUTPUT CURRENT, IO (A)
Figure3. Converter Efficiency versus Output Current
(Vout = 1.5Vdc).
Figure 6. Converter Efficiency versus Output Current
(Vout = 3.3Vdc).


Similar Part No. - ATH006A0X4-SRZ

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
ATH006A0X4 LINEAGEPOWER-ATH006A0X4 Datasheet
526Kb / 19P
   2.4 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 6A output current
ATH006A0X4Z LINEAGEPOWER-ATH006A0X4Z Datasheet
526Kb / 19P
   2.4 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 6A output current
More results

Similar Description - ATH006A0X4-SRZ

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
ATH006A0X LINEAGEPOWER-ATH006A0X Datasheet
526Kb / 19P
   2.4 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 6A output current
ATH010A0X3-SR LINEAGEPOWER-ATH010A0X3-SR Datasheet
594Kb / 21P
   2.4 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 10A output current
ATH016A0X3-SR LINEAGEPOWER-ATH016A0X3-SR Datasheet
639Kb / 21P
   2.4 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 16A output current
AXH003A0X LINEAGEPOWER-AXH003A0X Datasheet
518Kb / 18P
   2.4 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 3A output current
AXH003A0X-SR LINEAGEPOWER-AXH003A0X-SR Datasheet
708Kb / 20P
   2.4 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 3A output current
ATH010A0X3 LINEAGEPOWER-ATH010A0X3 Datasheet
593Kb / 19P
   2.4 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 10A output current
APXH006A0X-SRZ LINEAGEPOWER-APXH006A0X-SRZ Datasheet
595Kb / 23P
   2.4 - 5.5Vdc input; 0.6Vdc to 3.63Vdc output; 6A output current
AXH016A0X3 LINEAGEPOWER-AXH016A0X3 Datasheet
779Kb / 18P
   3.0 - 5.5Vdc Input; 0.75Vdc to 3.63Vdc Output; 16A output current
AXH010A0X-SR LINEAGEPOWER-AXH010A0X-SR Datasheet
579Kb / 20P
   3.0 - 5.5Vdc Input; 0.75Vdc to 3.63Vdc Output; 10A output current
AXH005A0XZ LINEAGEPOWER-AXH005A0XZ Datasheet
486Kb / 19P
   3 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 5A output current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com