Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AXH005A0X-SRZ Datasheet(PDF) 3 Page - Lineage Power Corporation

Part # AXH005A0X-SRZ
Description  3.0 - 5.8Vdc input; 0.75Vdc to 4.0Vdc Output; 5A output current
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

AXH005A0X-SRZ Datasheet(HTML) 3 Page - Lineage Power Corporation

  AXH005A0X-SRZ Datasheet HTML 1Page - Lineage Power Corporation AXH005A0X-SRZ Datasheet HTML 2Page - Lineage Power Corporation AXH005A0X-SRZ Datasheet HTML 3Page - Lineage Power Corporation AXH005A0X-SRZ Datasheet HTML 4Page - Lineage Power Corporation AXH005A0X-SRZ Datasheet HTML 5Page - Lineage Power Corporation AXH005A0X-SRZ Datasheet HTML 6Page - Lineage Power Corporation AXH005A0X-SRZ Datasheet HTML 7Page - Lineage Power Corporation AXH005A0X-SRZ Datasheet HTML 8Page - Lineage Power Corporation AXH005A0X-SRZ Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Data Sheet
June 24, 2008
Austin MicroLynxTM SMT Non-isolated Power Modules:
3.0 – 5.8Vdc input; 0.75Vdc to 4.0Vdc Output; 5A output current
LINEAGE POWER
3
Electrical Specifications (continued)
Parameter
Device
Symbol
Min
Typ
Max
Unit
Output Voltage Set-point
All
VO, set
–2.0
+2.0
% VO, set
(VIN=IN, min, IO=IO, max, TA=25°C)
Output Voltage
All
VO, set
–3%
+3%
% VO, set
(Over all operating input voltage, resistive load,
and temperature conditions until end of life)
Adjustment Range
All
VO
0.7525
4.0
Vdc
Selected by an external resistor
Output Regulation
Line (VIN=VIN, min to VIN, max)
All
0.3
% VO, set
Load (IO=IO, min to IO, max)
All
0.4
% VO, set
Temperature (Tref=TA, min to TA, max)
All
0.4
% VO, set
Output Ripple and Noise on nominal output
(VIN=VIN, nom and IO=IO, min to IO, max
Cout = 1μF ceramic//10μFtantalum capacitors)
RMS (5Hz to 20MHz bandwidth)
All
10
15
mVrms
Peak-to-Peak (5Hz to 20MHz bandwidth)
All
40
50
mVpk-pk
External Capacitance
ESR ≥ 1 mΩ
All
CO, max
1000
μF
ESR ≥ 10 mΩ
All
CO, max
3000
μF
Output Current
All
Io
0
5
Adc
Output Current Limit Inception (Hiccup Mode )
All
IO, lim
220
% Io
Output Short-Circuit Current
All
IO, s/c
2
Adc
(VO≤250mV) ( Hiccup Mode )
Efficiency
VO,set = 0.75Vdc
η
79.0
%
VIN= VIN, nom, TA=25°C
VO, set = 1.2Vdc
η
85.0
%
IO=IO, max , VO= VO,set
VO,set = 1.5Vdc
η
87.0
%
VO,set = 1.8Vdc
η
88.5
%
VO,set = 2.5Vdc
η
92.0
%
VO,set = 3.3Vdc
η
94.0
%
VO,set = 4.0Vdc
η
95.0
%
Switching Frequency
All
fsw
300
kHz
Dynamic Load Response
(dIo/dt=2.5A/
μs; VIN = VIN, nom; TA=25°C)
All
Vpk
130
mV
Load Change from Io= 50% to 100% of
Io,max; 1μF ceramic// 10 μF tantalum
Peak Deviation
Settling Time (Vo<10% peak deviation)
All
ts
25
μs
(dIo/dt=2.5A/
μs; VIN = VIN, nom; TA=25°C)
All
Vpk
130
mV
Load Change from Io= 100% to 50%of Io,max:
1μF ceramic// 10 μF tantalum
Peak Deviation
Settling Time (Vo<10% peak deviation)
All
ts
25
μs


Similar Part No. - AXH005A0X-SRZ

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AXH005A0X MACOM-AXH005A0X Datasheet
207Kb / 2P
   Austin MicroLynx Non-Isolated SIP series
logo
Lineage Power Corporati...
AXH005A0X LINEAGEPOWER-AXH005A0X Datasheet
486Kb / 19P
   3 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 5A output current
AXH005A0XZ LINEAGEPOWER-AXH005A0XZ Datasheet
486Kb / 19P
   3 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 5A output current
More results

Similar Description - AXH005A0X-SRZ

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
AXA005A0X-SR LINEAGEPOWER-AXA005A0X-SR Datasheet
583Kb / 21P
   10 - 14Vdc input; 0.75Vdc to 5.5Vdc Output; 5A output current
AXA005A0XZ LINEAGEPOWER-AXA005A0XZ Datasheet
516Kb / 19P
   10 - 14Vdc input; 0.75Vdc to 5.5Vdc Output; 5A output current
AXH005A0XZ LINEAGEPOWER-AXH005A0XZ Datasheet
486Kb / 19P
   3 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 5A output current
AXH010A0X-SR LINEAGEPOWER-AXH010A0X-SR Datasheet
579Kb / 20P
   3.0 - 5.5Vdc Input; 0.75Vdc to 3.63Vdc Output; 10A output current
AXH016A0X3 LINEAGEPOWER-AXH016A0X3 Datasheet
779Kb / 18P
   3.0 - 5.5Vdc Input; 0.75Vdc to 3.63Vdc Output; 16A output current
AXH016A0X3-SR LINEAGEPOWER-AXH016A0X3-SR Datasheet
689Kb / 21P
   3.0 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 16A output current
ATM030A0X3-SR LINEAGEPOWER-ATM030A0X3-SR Datasheet
646Kb / 22P
   2.7 - 4.0Vdc input; 0.8 to 2.0Vdc Output; 30A output current
ATL010A0X43-SR LINEAGEPOWER-ATL010A0X43-SR Datasheet
727Kb / 21P
   9 - 18Vdc input; 0.75Vdc to 5.5Vdc Output; 10A output current
AXA010A0X3 LINEAGEPOWER-AXA010A0X3 Datasheet
650Kb / 19P
   10Vdc - 14Vdc input; 0.75Vdc to 5.5Vdc Output;10A Output Current
ATA016A0X3 LINEAGEPOWER-ATA016A0X3 Datasheet
687Kb / 19P
   8.3 - 14Vdc input; 0.75Vdc to 5.5Vdc Output;16A output current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com