Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AXH005A0X-SRZ Datasheet(PDF) 7 Page - Lineage Power Corporation

Part # AXH005A0X-SRZ
Description  3.0 - 5.8Vdc input; 0.75Vdc to 4.0Vdc Output; 5A output current
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

AXH005A0X-SRZ Datasheet(HTML) 7 Page - Lineage Power Corporation

Back Button AXH005A0X-SRZ Datasheet HTML 3Page - Lineage Power Corporation AXH005A0X-SRZ Datasheet HTML 4Page - Lineage Power Corporation AXH005A0X-SRZ Datasheet HTML 5Page - Lineage Power Corporation AXH005A0X-SRZ Datasheet HTML 6Page - Lineage Power Corporation AXH005A0X-SRZ Datasheet HTML 7Page - Lineage Power Corporation AXH005A0X-SRZ Datasheet HTML 8Page - Lineage Power Corporation AXH005A0X-SRZ Datasheet HTML 9Page - Lineage Power Corporation AXH005A0X-SRZ Datasheet HTML 10Page - Lineage Power Corporation AXH005A0X-SRZ Datasheet HTML 11Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
Data Sheet
June 24, 2008
Austin MicroLynxTM SMT Non-isolated Power Modules:
3.0 – 5.8Vdc input; 0.75Vdc to 4.0Vdc Output; 5A output current
LINEAGE POWER
7
Characteristic Curves
The following figures provide typical characteristics for the Austin MicroLynx
TM SMT modules at 25ºC.
70
75
80
85
90
95
100
01
2
3
45
Vin=5.8V
Vin=5.5V
Vin=5.0V
OUTPUT CURRENT, IO (A)
Figure 7. Converter Efficiency versus Output Current
(Vout = 4.0Vdc).


Similar Part No. - AXH005A0X-SRZ

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AXH005A0X MACOM-AXH005A0X Datasheet
207Kb / 2P
   Austin MicroLynx Non-Isolated SIP series
logo
Lineage Power Corporati...
AXH005A0X LINEAGEPOWER-AXH005A0X Datasheet
486Kb / 19P
   3 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 5A output current
AXH005A0XZ LINEAGEPOWER-AXH005A0XZ Datasheet
486Kb / 19P
   3 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 5A output current
More results

Similar Description - AXH005A0X-SRZ

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
AXA005A0X-SR LINEAGEPOWER-AXA005A0X-SR Datasheet
583Kb / 21P
   10 - 14Vdc input; 0.75Vdc to 5.5Vdc Output; 5A output current
AXA005A0XZ LINEAGEPOWER-AXA005A0XZ Datasheet
516Kb / 19P
   10 - 14Vdc input; 0.75Vdc to 5.5Vdc Output; 5A output current
AXH005A0XZ LINEAGEPOWER-AXH005A0XZ Datasheet
486Kb / 19P
   3 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 5A output current
AXH010A0X-SR LINEAGEPOWER-AXH010A0X-SR Datasheet
579Kb / 20P
   3.0 - 5.5Vdc Input; 0.75Vdc to 3.63Vdc Output; 10A output current
AXH016A0X3 LINEAGEPOWER-AXH016A0X3 Datasheet
779Kb / 18P
   3.0 - 5.5Vdc Input; 0.75Vdc to 3.63Vdc Output; 16A output current
AXH016A0X3-SR LINEAGEPOWER-AXH016A0X3-SR Datasheet
689Kb / 21P
   3.0 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 16A output current
ATM030A0X3-SR LINEAGEPOWER-ATM030A0X3-SR Datasheet
646Kb / 22P
   2.7 - 4.0Vdc input; 0.8 to 2.0Vdc Output; 30A output current
ATL010A0X43-SR LINEAGEPOWER-ATL010A0X43-SR Datasheet
727Kb / 21P
   9 - 18Vdc input; 0.75Vdc to 5.5Vdc Output; 10A output current
AXA010A0X3 LINEAGEPOWER-AXA010A0X3 Datasheet
650Kb / 19P
   10Vdc - 14Vdc input; 0.75Vdc to 5.5Vdc Output;10A Output Current
ATA016A0X3 LINEAGEPOWER-ATA016A0X3 Datasheet
687Kb / 19P
   8.3 - 14Vdc input; 0.75Vdc to 5.5Vdc Output;16A output current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com