Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSR060A0X543-37Z Datasheet(PDF) 10 Page - Lineage Power Corporation

Part # NSR060A0X543-37Z
Description  5 - 13.8Vdc input; 0.6Vdc to 5.0Vdc Output; 60A output current
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

NSR060A0X543-37Z Datasheet(HTML) 10 Page - Lineage Power Corporation

Back Button NSR060A0X543-37Z Datasheet HTML 6Page - Lineage Power Corporation NSR060A0X543-37Z Datasheet HTML 7Page - Lineage Power Corporation NSR060A0X543-37Z Datasheet HTML 8Page - Lineage Power Corporation NSR060A0X543-37Z Datasheet HTML 9Page - Lineage Power Corporation NSR060A0X543-37Z Datasheet HTML 10Page - Lineage Power Corporation NSR060A0X543-37Z Datasheet HTML 11Page - Lineage Power Corporation NSR060A0X543-37Z Datasheet HTML 12Page - Lineage Power Corporation NSR060A0X543-37Z Datasheet HTML 13Page - Lineage Power Corporation NSR060A0X543-37Z Datasheet HTML 14Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Data Sheet
September 27, 2009
Naos Raptor 60A: Non Isolated Power Modules
5 – 13.8Vdc input; 0.6Vdc to 5.0Vdc Output; 60A output current
LINEAGE POWER
10
Characteristic Curves (continued)
The following figures provide typical characteristics for the Naos Raptor 60A module at 5Vout and at 25ºC.
75
80
85
90
95
100
0
1020
30
4050
60
Vin = 9V
Vin = 14V
Vin = 12V
10
20
30
40
50
60
70
25
30
35
40
45
50
55
60
65
70
2m/s
(400LFM)
0.5m/s
(100LFM)
1.5m/s
(300LFM)
1m/s
(200LFM)
OUTPUT CURRENT, IO (A)
AMBIENT TEMPERATURE, TA
OC
Figure 31. Converter Efficiency versus Output Current.
Figure 32. Derating Output Current versus Ambient
Temperature and Airflow.
TIME, t (1
μs/div)
TIME, t (100
μs /div)
Figure 33. Typical output ripple and noise (VIN = 12V, Io
= Io,max).
Figure 34. Transient Response to Dynamic Load
Change from 0% to 50% to 0% with VIN=12V.
TIME, t (1ms/div)
TIME, t (1ms/div)
Figure 35. Typical Start-up Using On/Off Voltage (Io =
Io,max).
Figure 36. Typical Start-up Using Input Voltage (VIN =
12V, Io = Io,max).


Similar Part No. - NSR060A0X543-37Z

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
NSR060A0X543-37Z LINEAGEPOWER-NSR060A0X543-37Z Datasheet
771Kb / 18P
   Naos Raptor 60A: Non-Isolated Power Modules
More results

Similar Description - NSR060A0X543-37Z

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
NSR040A0X43Z LINEAGEPOWER-NSR040A0X43Z Datasheet
498Kb / 18P
   5 - 13.8Vdc input; 0.6Vdc to 5.0Vdc Output; 40A output current
APXH006A0X-SRZ LINEAGEPOWER-APXH006A0X-SRZ Datasheet
595Kb / 23P
   2.4 - 5.5Vdc input; 0.6Vdc to 3.63Vdc output; 6A output current
APXH003A0X-SRZ LINEAGEPOWER-APXH003A0X-SRZ Datasheet
565Kb / 23P
   2.4 - 5.5Vdc input; 0.6Vdc to 3.63Vdc output; 3A output current
APXK004A0X-SRZ LINEAGEPOWER-APXK004A0X-SRZ Datasheet
658Kb / 26P
   8 - 16Vdc input; 0.6Vdc to 8.0Vdc output; 4A output current
APTH012A0X3-SRZ LINEAGEPOWER-APTH012A0X3-SRZ Datasheet
643Kb / 23P
   2.4 - 5.5Vdc input; 0.6Vdc to 3.63Vdc output; 12A output current
APTH020A0X3-SRZ LINEAGEPOWER-APTH020A0X3-SRZ Datasheet
556Kb / 23P
   2.4 - 5.5Vdc input; 0.6Vdc to 3.63Vdc output; 20A output current
EVW020A0A41Z LINEAGEPOWER-EVW020A0A41Z Datasheet
862Kb / 19P
   36-75Vdc Input; 5.0Vdc Output; 20A Output Current
EHW015A0A1 LINEAGEPOWER-EHW015A0A1 Datasheet
1Mb / 19P
   36-75Vdc Input; 5.0Vdc Output; 15A Output Current
KNW013A0A41-SRZ LINEAGEPOWER-KNW013A0A41-SRZ Datasheet
487Kb / 17P
   36 - 75Vdc Input; 3.3 to 5.0Vdc Output; 13 to 20A Output Current
KW010A0A41-SR LINEAGEPOWER-KW010A0A41-SR Datasheet
852Kb / 23P
   36 - 75Vdc Input; 1.2 to 5.0Vdc Output; 10 to 25A Output current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com