Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B25669-A4827-J375 Datasheet(PDF) 1 Page - EPCOS

Part # B25669-A4827-J375
Description  PhaseCap HD
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B25669-A4827-J375 Datasheet(HTML) 1 Page - EPCOS

  B25669-A4827-J375 Datasheet HTML 1Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
4RB5 500-5 AB 45
r(40)
AC 480
kA
(
= 40°C,
)
Humidity
Max. relative
AC 440
C61014-A0518-A001
B25669-A4827-J375
MKK440-D-50-21
PhaseCap™ HD
3x 274
Q
50
3x 90
tan
0,2 W/kvar (dielectric)
N
Characteristics
f N
I
δ 0
CN
Rivet
(Impregnating hole)
Marking
Toothed washer DIN 6797-J13
Hex nut DIN 439-BM12
AC 570
I
18
(du/dt)
15
(du/dt)
38
U
AC 950 V, 10 s
U
AC 3000 V, 10 s
0,4 W/kvar (total)
Maximum ratings
Test data
Θ
–40 °C
Θ
+55 °C
95 %
t
100 000 h
Θ
–55 bis +70 °C
Life expectancy
Remarks
Natural cooling
IEC 60831-1/2, EN 60831-1/2, VDE 560-46/47
142 x 355 mm (5,59 x 13,98 in)
Approx. weight
4,7 kg (10,4 lb)
Impregnation
Gas
Fixing
Threaded bolt M12
14 mm (0,55 in)
10 Nm
Terminals
Isolated terminal, IP20
Terminal cross section
35 mm² (2 AWG)
2,5 Nm
Creepage distance
15 mm (0,59 in)
Clearance
12 mm (0,47 in)
Overpressure disconnector
Upright mounting position
Design data
Dimensions
KO L E / Pe 17.12.1999
Hz
A
50 kvar
V
UN
3x 66
I N
A
µF ±5 %
V/µs
V/µs
s
max
s
tan
δ≤
TT
TC
Climatic category
Max. torque
Mounting hole
Max. torque
Ø x l
min
max
LD
stg
Umax
V, 8 h daily
V, 1 min
60 Hz
60 kvar
79 A
-40/D
(50 Hz)
Humidity
ΘA
UN
Contact: EPCOS AG KO PM L, P.O. Box 80 17 09, 81617 Munich, Germany, Fax: 0049 89 636-22748, Phone: 0049 89 636-23817
Dimensions in mm
*)
*)
*)
*) Temperature class deviation -40/B max. 45°C


Similar Part No. - B25669-A4827-J375

ManufacturerPart #DatasheetDescription
logo
EPCOS
B25669-A4657-J375 EPCOS-B25669-A4657-J375 Datasheet
35Kb / 1P
   PhaseCap HD
More results

Similar Description - B25669-A4827-J375

ManufacturerPart #DatasheetDescription
logo
EPCOS
B25669-A4657-J375 EPCOS-B25669-A4657-J375 Datasheet
35Kb / 1P
   PhaseCap HD
B25669-A3796-J375 EPCOS-B25669-A3796-J375 Datasheet
35Kb / 1P
   PhaseCap HD
B25669-A5467-J375 EPCOS-B25669-A5467-J375 Datasheet
35Kb / 1P
   PhaseCap HD
B25669-A3996-J375 EPCOS-B25669-A3996-J375 Datasheet
35Kb / 1P
   PhaseCap HD Capacitors for Power Factor Correction
B25669B4927J375 EPCOS-B25669B4927J375 Datasheet
163Kb / 7P
   PhaseCap HD Capacitors for Power Factor Correction
B25667-A3127-A375 EPCOS-B25667-A3127-A375 Datasheet
34Kb / 1P
   PhaseCap
B25667-A2207-A175 EPCOS-B25667-A2207-A175 Datasheet
34Kb / 1P
   PhaseCap
B25667-A2157-A175 EPCOS-B25667-A2157-A175 Datasheet
34Kb / 1P
   PhaseCap
B25667-A3147-A175 EPCOS-B25667-A3147-A175 Datasheet
34Kb / 1P
   PhaseCap
B25667-A3107-A175 EPCOS-B25667-A3107-A175 Datasheet
34Kb / 1P
   PhaseCap
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com