Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VP3101 Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # VP3101
Description  10/100 BASE-TX VOICE OVER IP MAGNETICS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

VP3101 Datasheet(HTML) 1 Page - Bothhand USA, LP.

  VP3101 Datasheet HTML 1Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
P/N: VP3101 DATA SHEET
Page : 1/1
A)
Feature
!
IEEE 802.3af/ANSI X3.263 compliant performance.
!
350mA current capability.
!
Designed to for IP phone or switch applications.
!
16-PIN DIP package for economic cost.
!
Operating temperature range: 0℃ to +70℃.
!
Storage temperature range: -25℃ to +125℃.
Electrical Specifications @ 25°C
Turns Ratio
(±3%)
Part
Number
TX
RX
OCL (uH Min)
@100KHz/0.1Vrms
with 8mA DC Bias
CW/W
(pF Max)
L.L
(uH Max)
DCR
(Ω Max)
HI-POT
(Vrms)
VP3101
1CT:1CT
1CT:1CT
350
50
0.6
0.9
1500
Continue
Insertion Loss
(dB Max)
Return Loss
(dB Min)
Cross talk
(dB Min)
DCMR
(dB Min)
Part
Number
0.3-100MHz
30MHz
40MHz
50MHz
60-80MHz
0.3-100MHz
0.3-100MHz
VP3101
-1.1
-16
-15
-13
-11
-35
-30
Schematic
Mechanical
Bothhandusa.com
10/100 BASE-TX VOICE OVER IP MAGNETICS
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434


Similar Part No. - VP3101

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
VP310 MITEL-VP310 Datasheet
258Kb / 31P
   Satellite Channel Decoder
VP310CGGQ1R MITEL-VP310CGGQ1R Datasheet
258Kb / 31P
   Satellite Channel Decoder
More results

Similar Description - VP3101

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
VP2017A BOTHHAND-VP2017A Datasheet
331Kb / 2P
   10/100 BASE-TX VOICE OVER IP MAGNETICS
VP2019XLF BOTHHAND-VP2019XLF Datasheet
319Kb / 1P
   10/100 BASE-TX VOICE OVER IP MAGNETICS
VP2006B BOTHHAND-VP2006B Datasheet
332Kb / 1P
   10/100 BASE-TX VOICE OVER IP MAGNETICS
VP2008 BOTHHAND-VP2008 Datasheet
301Kb / 1P
   10/100 BASE-TX VOICE OVER IP MAGNETICS
VP87 BOTHHAND-VP87 Datasheet
258Kb / 1P
   10/100 BASE-TX VOICE OVER IP MAGNETICS
VP4009ALF BOTHHAND-VP4009ALF Datasheet
303Kb / 1P
   10/100 BASE-TX VOICE OVER IP MAGNETICS
VP2019 BOTHHAND-VP2019 Datasheet
278Kb / 1P
   10/100 BASE-TX VOICE OVER IP MAGNETICS
VP2006AM BOTHHAND-VP2006AM Datasheet
295Kb / 1P
   10/100 BASE-TX VOICE OVER IP MAGNETICS
VP80 BOTHHAND-VP80 Datasheet
270Kb / 1P
   10/100 BASE-TX VOICE OVER IP MAGNETICS
VP2019H BOTHHAND-VP2019H Datasheet
277Kb / 1P
   10/100 BASE-TX VOICE OVER IP MAGNETICS
VP3119 BOTHHAND-VP3119 Datasheet
273Kb / 1P
   10/100 BASE-TX VOICE OVER IP MAGNETICS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com