Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QBW018A0B1 Datasheet(PDF) 3 Page - Lineage Power Corporation

Part # QBW018A0B1
Description  36-75Vdc Input; 12Vdc Output; 18A Output Current
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

QBW018A0B1 Datasheet(HTML) 3 Page - Lineage Power Corporation

  QBW018A0B1 Datasheet HTML 1Page - Lineage Power Corporation QBW018A0B1 Datasheet HTML 2Page - Lineage Power Corporation QBW018A0B1 Datasheet HTML 3Page - Lineage Power Corporation QBW018A0B1 Datasheet HTML 4Page - Lineage Power Corporation QBW018A0B1 Datasheet HTML 5Page - Lineage Power Corporation QBW018A0B1 Datasheet HTML 6Page - Lineage Power Corporation QBW018A0B1 Datasheet HTML 7Page - Lineage Power Corporation QBW018A0B1 Datasheet HTML 8Page - Lineage Power Corporation QBW018A0B1 Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Data Sheet
March 27, 2008
QBW018A0B Series Power Modules, DC - DC Converters:
36 – 75Vdc Input; 12Vdc Output; 18A Output Current
LINEAGE POWER
3
Electrical Specifications (continued)
Parameter
Device
Symbol
Min
Typ
Max
Unit
Output Voltage Set-point
All
VO, set
12
Vdc
(VIN=IN, min, IO=IO, max, TA=25°C)
Output Voltage
All
VO
11.4
12.6
Vdc
(Over all operating input voltage, resistive load,
and temperature conditions until end of life)
Output Regulation
Line (VIN=VIN, min to VIN, max)
All
0.2
% VO, set
Load (IO=IO, min to IO, max)
All
3
% VO, set
Temperature (Tref=TA, min to TA, max)
All
150
mV
Output Ripple and Noise on nominal output
(VIN=VIN, nom and IO=IO, min to IO, max)
RMS (5Hz to 20MHz bandwidth)
All
25
mVrms
Peak-to-Peak (5Hz to 20MHz bandwidth)
All
70
mVpk-pk
External Capacitance
All
CO, max
3,000
μF
Output Current
All
Io
0
18
Adc
Output Current Limit Inception
All
IO, lim
20
Adc
Efficiency
VIN= VIN, nom, TA=25°C
All
η
__
93
%
IO=IO, max , VO= VO,set
Switching Frequency
All
fsw
300
kHz
Dynamic Load Response
(
ΔIo/Δt=1A/10μs; Vin=Vin,nom; TA=25°C;
Tested with a 10 μF aluminum and a 1.0 μF
tantalum capacitor across the load.)
Load Change from Io= 50% to 75% of Io,max:
Peak Deviation
Settling Time (Vo<10% peak deviation)
12V
Vpk
ts
__
4
300
__
%VO, set
μs
Load Change from Io= 75% to 50% of Io,max:
Peak Deviation
Settling Time (Vo<10% peak deviation)
Vpk
ts
__
__
4
300
__
%VO, set
μs


Similar Part No. - QBW018A0B1

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
QBW018A0B61-HTZ LINEAGEPOWER-QBW018A0B61-HTZ Datasheet
493Kb / 14P
   36-75Vdc Input; 12Vdc Output; 18A Output Current
More results

Similar Description - QBW018A0B1

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
QBW018A0B61-HTZ LINEAGEPOWER-QBW018A0B61-HTZ Datasheet
493Kb / 14P
   36-75Vdc Input; 12Vdc Output; 18A Output Current
EQW006A0B LINEAGEPOWER-EQW006A0B Datasheet
980Kb / 19P
   36 - 75Vdc Input; 12Vdc Output; 6A Output Current
QSW025A0B1Z LINEAGEPOWER-QSW025A0B1Z Datasheet
416Kb / 16P
   36 - 75Vdc Input; 12Vdc Output; 25A Output Current
logo
Vishay Siliconix
EBVW020A0B VISHAY-EBVW020A0B Datasheet
1Mb / 16P
   36-75Vdc Input; 12Vdc Output; 20A Output Current
Data Sheet June 27, 2012
logo
Lineage Power Corporati...
JRW017A0B LINEAGEPOWER-JRW017A0B Datasheet
461Kb / 24P
   36-75Vdc Input; 1.2Vdc to 12Vdc Output
SSTW001A3B LINEAGEPOWER-SSTW001A3B Datasheet
777Kb / 15P
   36-75Vdc Input; 12Vdc, 1.3A, 15W Output
EBVW017A0X LINEAGEPOWER-EBVW017A0X Datasheet
1Mb / 15P
   36-75Vdc Input; 14.0Vdc Output; 17A Output Current
EHW007A0B41Z LINEAGEPOWER-EHW007A0B41Z Datasheet
756Kb / 18P
   36-75Vdc Input; 12.0Vdc Output; 7A Output Current
EVW020A0A41Z LINEAGEPOWER-EVW020A0A41Z Datasheet
862Kb / 19P
   36-75Vdc Input; 5.0Vdc Output; 20A Output Current
EHW015A0A1 LINEAGEPOWER-EHW015A0A1 Datasheet
1Mb / 19P
   36-75Vdc Input; 5.0Vdc Output; 15A Output Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com