Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QBW018A0B41 Datasheet(PDF) 2 Page - Lineage Power Corporation

Part # QBW018A0B41
Description  36-75Vdc Input; 12Vdc Output; 18A Output Current
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

QBW018A0B41 Datasheet(HTML) 2 Page - Lineage Power Corporation

  QBW018A0B41 Datasheet HTML 1Page - Lineage Power Corporation QBW018A0B41 Datasheet HTML 2Page - Lineage Power Corporation QBW018A0B41 Datasheet HTML 3Page - Lineage Power Corporation QBW018A0B41 Datasheet HTML 4Page - Lineage Power Corporation QBW018A0B41 Datasheet HTML 5Page - Lineage Power Corporation QBW018A0B41 Datasheet HTML 6Page - Lineage Power Corporation QBW018A0B41 Datasheet HTML 7Page - Lineage Power Corporation QBW018A0B41 Datasheet HTML 8Page - Lineage Power Corporation QBW018A0B41 Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Data Sheet
March 27, 2008
QBW018A0B Series Power Modules, DC - DC Converters:
36 – 75Vdc Input; 12Vdc Output; 18A Output Current
2
LINEAGE POWER
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are
absolute stress ratings only, functional operation of the device is not implied at these or any other conditions in
excess of those given in the operations sections of the data sheet. Exposure to absolute maximum ratings for
extended periods can adversely affect the device reliability.
Parameter
Device
Symbol
Min
Max
Unit
Input Voltage*
Continuous
VIN
-0.3
75
Vdc
Non- operating continuous
VIN
-0.3
80
Vdc
Operating Ambient Temperature
All
TA
-40
85
°C
(See Thermal Considerations section)
Storage Temperature
All
Tstg
-55
125
°C
I/O Isolation Voltage (100% factory Hi-Pot tested)
All
1500
Vdc
* Input over voltage protection will shutdown the output voltage when the input voltage exceeds threshold level.
Electrical Specifications
Unless otherwise indicated, specifications apply over all operating input voltage, resistive load, and temperature
conditions.
Parameter
Device
Symbol
Min
Typ
Max
Unit
Operating Input Voltage
VIN
36
48
75
Vdc
Maximum Input Current
IIN,max
-
-
7
Adc
(VIN=0V to 75V, IO=IO, max)
Inrush Transient
All
I
2t
-
-
1
A
2s
Input Reflected Ripple Current, peak-to-peak
(5Hz to 20MHz, 12μH source impedance; VIN=
48V, IO= IOmax ; see Figure 9)
All
-
24
-
mAp-p
Input Ripple Rejection (120Hz)
All
-
-50
-
dB
CAUTION: This power module is not internally fused. An input line fuse must always be used.
This power module can be used in a wide variety of applications, ranging from simple standalone operation to being
part of a complex power architecture. To preserve maximum flexibility, internal fusing is not included, however, to
achieve maximum safety and system protection, always use an input line fuse. The safety agencies require a fast-
acting fuse with a maximum rating of 15 A (see Safety Considerations section). Based on the information provided in
this data sheet on inrush energy and maximum dc input current, the same type of fuse with a lower rating can be
used. Refer to the fuse manufacturer’s data sheet for further information.


Similar Part No. - QBW018A0B41

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
QBW018A0B61-HTZ LINEAGEPOWER-QBW018A0B61-HTZ Datasheet
493Kb / 14P
   36-75Vdc Input; 12Vdc Output; 18A Output Current
More results

Similar Description - QBW018A0B41

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
QBW018A0B61-HTZ LINEAGEPOWER-QBW018A0B61-HTZ Datasheet
493Kb / 14P
   36-75Vdc Input; 12Vdc Output; 18A Output Current
EQW006A0B LINEAGEPOWER-EQW006A0B Datasheet
980Kb / 19P
   36 - 75Vdc Input; 12Vdc Output; 6A Output Current
QSW025A0B1Z LINEAGEPOWER-QSW025A0B1Z Datasheet
416Kb / 16P
   36 - 75Vdc Input; 12Vdc Output; 25A Output Current
logo
Vishay Siliconix
EBVW020A0B VISHAY-EBVW020A0B Datasheet
1Mb / 16P
   36-75Vdc Input; 12Vdc Output; 20A Output Current
Data Sheet June 27, 2012
logo
Lineage Power Corporati...
JRW017A0B LINEAGEPOWER-JRW017A0B Datasheet
461Kb / 24P
   36-75Vdc Input; 1.2Vdc to 12Vdc Output
SSTW001A3B LINEAGEPOWER-SSTW001A3B Datasheet
777Kb / 15P
   36-75Vdc Input; 12Vdc, 1.3A, 15W Output
EBVW017A0X LINEAGEPOWER-EBVW017A0X Datasheet
1Mb / 15P
   36-75Vdc Input; 14.0Vdc Output; 17A Output Current
EHW007A0B41Z LINEAGEPOWER-EHW007A0B41Z Datasheet
756Kb / 18P
   36-75Vdc Input; 12.0Vdc Output; 7A Output Current
EVW020A0A41Z LINEAGEPOWER-EVW020A0A41Z Datasheet
862Kb / 19P
   36-75Vdc Input; 5.0Vdc Output; 20A Output Current
EHW015A0A1 LINEAGEPOWER-EHW015A0A1 Datasheet
1Mb / 19P
   36-75Vdc Input; 5.0Vdc Output; 15A Output Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com