Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B41041A2107M008 Datasheet(PDF) 9 Page - EPCOS

Part # B41041A2107M008
Description  Aluminum electrolytic capacitors
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41041A2107M008 Datasheet(HTML) 9 Page - EPCOS

Back Button B41041A2107M008 Datasheet HTML 5Page - EPCOS B41041A2107M008 Datasheet HTML 6Page - EPCOS B41041A2107M008 Datasheet HTML 7Page - EPCOS B41041A2107M008 Datasheet HTML 8Page - EPCOS B41041A2107M008 Datasheet HTML 9Page - EPCOS B41041A2107M008 Datasheet HTML 10Page - EPCOS B41041A2107M008 Datasheet HTML 11Page - EPCOS B41041A2107M008 Datasheet HTML 12Page - EPCOS B41041A2107M008 Datasheet HTML 13Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Single-ended capacitors
B41041, B43041
Low impedance – 105
°C
9
08/08
Please read Cautions and warnings and
Important notes at the end of this document.
*** = Version
000 = for standard leads, bulk
001 = for kinked leads, bulk
002 = for cut leads, bulk
016 = for taped leads, Ammo pack, lead spacing a = 2.0 mm
007 = for taped leads, Ammo pack, lead spacing a = 2.5 mm
006 = for taped leads, Ammo pack, lead spacing a = 3.5 mm
008 = for taped leads, Ammo pack, lead spacing a = 5.0 mm
Technical data and ordering codes B41041
VR
V DC
CR
120 Hz
20
°C
µF
Case
dimensions
d × l
mm
Z
100 kHz
20
°C
IAC,R
100 kHz
105
°C
mA
Ordering code
(composition see
below)
6.3
33
5
× 11
2.5
105
B41041A2336M***
47
5
× 11
1.5
120
B41041A2476M***
68
5
× 11
1.3
125
B41041A2686M***
100
5
× 11
1.2
130
B41041A2107M***
150
6.3
× 11
1.0
150
B41041A2157M***
220
6.3
× 11
0.87
180
B41041A2227M***
330
6.3
× 11
0.58
220
B41041A2337M***
470
8
× 11.5
0.39
315
B41041A2477M***
680
10
× 12.5
0.35
370
B41041A2687M***
1000
10
× 12.5
0.23
500
B41041A2108M***
1500
10
× 20
0.18
630
B41041A2158M***
2200
12.5
× 20
0.095
1000
B41041A2228M***
3300
12.5
× 20
0.090
1050
B41041A2338M***
4700
16
× 25
0.061
1670
B41041A2478M***
6800
16
× 25
0.056
1740
B41041A2688M***
10000
16
× 31.5
0.045
2110
B41041A2109M***
15000
18
× 35.5
0.036
2580
B41041A2159M***
10
22
5
× 11
2.5
92
B41041A3226M***
33
5
× 11
1.9
105
B41041A3336M***
47
5
× 11
1.5
120
B41041A3476M***
68
5
× 11
1.4
125
B41041A3686M***
100
5
× 11
1.2
130
B41041A3107M***
150
6.3
× 11
0.8
160
B41041A3157M***
220
6.3
× 11
0.58
220
B41041A3227M***
330
8
× 11.5
0.47
265
B41041A3337M***
470
8
× 11.5
0.39
315
B41041A3477M***
680
10
× 12.5
0.30
400
B41041A3687M***
1000
10
× 16
0.18
615
B41041A3108M***
1500
10
× 20
0.15
810
B41041A3158M***
2200
12.5
× 20
0.09
1050
B41041A3228M***
3300
12.5
× 25
0.068
1300
B41041A3338M***
4700
16
× 25
0.056
1740
B41041A3478M***
6800
16
× 31.5
0.045
2110
B41041A3688M***
10000
18
× 35.5
0.036
2580
B41041A3109M***
AEC-C_B41041_B43041.book Seite 9 Dienstag, 5. August 2008 4:02 16


Similar Part No. - B41041A2107M008

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41042 EPCOS-B41042 Datasheet
528Kb / 23P
   Aluminum electrolytic capacitors
B41042A0106M000 EPCOS-B41042A0106M000 Datasheet
528Kb / 23P
   Aluminum electrolytic capacitors
B41042A0106M016 EPCOS-B41042A0106M016 Datasheet
528Kb / 23P
   Aluminum electrolytic capacitors
B41042A0107M000 EPCOS-B41042A0107M000 Datasheet
528Kb / 23P
   Aluminum electrolytic capacitors
B41042A0107M016 EPCOS-B41042A0107M016 Datasheet
528Kb / 23P
   Aluminum electrolytic capacitors
More results

Similar Description - B41041A2107M008

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com