Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIMB-580G2-00A1E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # AIMB-580G2-00A1E
Description  Intel짰 Core i7/i5/i3/Pentium mATX with VGA/DVI, 4 COM, Dual LAN
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

AIMB-580G2-00A1E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  AIMB-580G2-00A1E Datasheet HTML 1Page - Advantech Co., Ltd. AIMB-580G2-00A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Industrial Motherboards
All product specifications are subject to change without notice
Last updated : 20-Jan-2010
Features
Supports Intel Core i7/i5/i3/Pentium processor with Q57 chipset
Four DIMM socket support up to 16 GB DDR3 800/1066/1333
Supports dual display of VGA and DVI and dual GbE LAN
Supports SATA RAID 0, 1, 5, 10, AMT 6.0, TPM 1.2
Supports embedded software APIs and Utilities
AIMB-580
Intel® Core i7/i5/i3/Pentium mATX with
VGA/DVI, 4 COM, Dual LAN
Specifications
Processor System
CPU.
Corei7
Corei5 700
Core i5 600
Core i3
Petium
Core number
4
4
2
2
2
Max.speed
2.93 GHz
2.66 GHz
3.3 GHz
3.06 GHz
2.8 GHz
Integrated Graphic
Only those Core i5 600, Core i3 and Pentium CPUs with Clarkdale core are embedded with integrated
L2 Cache
8 MB
8 MB
4 MB
4 MB
3 MB
Chipset
Q57
BIOS
AMI 64 Mbit SPI
Expansion Slot
PCI
32-bit/33 MHz, 2 slots
PCIe x 4
1.0 GB/s per direction, 1 slot
PCIe x16 (Gen2)
8 GB/s per direction, 1 slot
Memory
Technology
Dual Channel DDR3 800/1066/1333
Max. Capacity
16 GB
Socket
4 x 240-pin DIMM
Graphics
Controller
Intel GFX
VRAM
1 GB maximum shared memory with 2 GB and above system memory installed
Ethernet
Interface
10/100/1000 Mbps
Controller
GbE LAN1: Intel 82578DM, GbE LAN2: Intel 82583V
Connector
RJ-45 x 2
SATA
Max Data Transfer Rate
300 MB/s
Channel
6
Rear I/O
VGA
1
DVI
1
Ethernet
2
USB
4 (USB 2.0 compliant)
Audio
3 (Mic-in, Line-out)
Serial
2 (RS-232)
PS/2
2 (1 x keyboard and 1 x mouse)
Internal Connector
USB
6 (USB 2.0 compliant)
Serial
2 (1 of RS-232, 1 of RS-232/422/485 for support auto flow control)
IDE
-
SATA
6
FDD
1
Parallel
1
IrDA
-
DIO
-
Watchdog Timer
Output
System reset
Interval
Programmable 1 ~ 255 sec/min
Power Requirement
Power On
5 V
3.3 V
12 V
5 Vsb
-12 V
TBD
TBD
TBD
TBD
TBD
Environment
Operating
Non-Operating
Temperature
0 ~ 60° C (32 ~ 140° F), depends on CPU speed and cooler
solution
-20 ~ 70° C (-4 ~ 158° F)
Physical Characteristics
Dimensions
244 mm x 244 mm (9.6" x 9.6")
Watchdog
H/W Monitor
SMBus
Monitoring
eSOS
BIOS flash
Embedded
Security ID
Flash Lock
Utilities:
Software APIs:
Note: eSOS need ODM BIOS by request
NEW


Similar Part No. - AIMB-580G2-00A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AIMB-580QG2-00A1E ADVANTECH-AIMB-580QG2-00A1E Datasheet
1Mb / 2P
   Intel짰 Core??i7/i5/i3/Pentium짰/Xeon LGA1156 mATX with CRT/DVI, 4 COM, Dual LAN, DDR3
AIMB-580QG2-00A1E ADVANTECH-AIMB-580QG2-00A1E Datasheet
710Kb / 2P
   Intel짰 Core??i7/i5/i3/Pentium짰/Xeon LGA1156 mATX with CRT/DVI, 4 COM, Dual LAN
AIMB-580WG2-00A1E ADVANTECH-AIMB-580WG2-00A1E Datasheet
1Mb / 2P
   Intel짰 Core??i7/i5/i3/Pentium짰/Xeon LGA1156 mATX with CRT/DVI, 4 COM, Dual LAN, DDR3
AIMB-580WG2-00A1E ADVANTECH-AIMB-580WG2-00A1E Datasheet
710Kb / 2P
   Intel짰 Core??i7/i5/i3/Pentium짰/Xeon LGA1156 mATX with CRT/DVI, 4 COM, Dual LAN
AIMB-580 ADVANTECH-AIMB-580_12 Datasheet
1Mb / 2P
   Intel짰 Core??i7/i5/i3/Pentium짰/Xeon LGA1156 mATX with CRT/DVI, 4 COM, Dual LAN, DDR3
More results

Similar Description - AIMB-580G2-00A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AIMB-780 ADVANTECH-AIMB-780 Datasheet
1Mb / 3P
   Intel짰 Core??i7/i5/i3/Pentium/Xeon with DVI/VGA, 4 COM, Dual LAN, DDR3
AIMB-580 ADVANTECH-AIMB-580_14 Datasheet
710Kb / 2P
   Intel짰 Core??i7/i5/i3/Pentium짰/Xeon LGA1156 mATX with CRT/DVI, 4 COM, Dual LAN
AIMB-701 ADVANTECH-AIMB-701 Datasheet
486Kb / 2P
   LGA1155 Intel짰 Core??i7/i5/i3/Pentium ATX with DVI/VGA, Dual GbE LAN
PCA-6028VG-00A1E ADVANTECH-PCA-6028VG-00A1E Datasheet
1Mb / 2P
   LGA1150 Intel짰 Core??i7/i5/i3/Pentium SBC with VGA/DVI/Dual GbE LAN
logo
Protech Systems Co., Lt...
PMB-871LF PROTECHSYSTEMS-PMB-871LF Datasheet
535Kb / 2P
   ATX MB with Intel짰 Core??i7/i5/i3/Pentium Core??i7/i5/i3/Pentium Dual LAN, DDR3
logo
Advantech Co., Ltd.
AIMB-580 ADVANTECH-AIMB-580_12 Datasheet
1Mb / 2P
   Intel짰 Core??i7/i5/i3/Pentium짰/Xeon LGA1156 mATX with CRT/DVI, 4 COM, Dual LAN, DDR3
AIMB-780 ADVANTECH-AIMB-780_12 Datasheet
2Mb / 2P
   LGA1156 Intel짰 Core??i7/i5/i3/Pentium짰/Xeon짰 ATX with DVI/VGA, 4 COM, Dual LAN, DDR3
SIMB-A21 ADVANTECH-SIMB-A21 Datasheet
321Kb / 2P
   Intel짰 LGA1155 Core??i7/i5/i3, Celeron짰 ATX with VGA/DVI, 6 COM and Dual LAN
AIMB-781 ADVANTECH-AIMB-781 Datasheet
2Mb / 2P
   LGA1155 Intel짰 Core??i7/i5/i3/Pentium ATX with DVI/VGA, Dual Gigabit LAN, DDR3, SATA III
AIMB-701 ADVANTECH-AIMB-701_V01 Datasheet
744Kb / 2P
   LGA1155 3rd Intel짰 Core??i7/i5/i3/ Pentium짰 ATX with DVI/VGA, Dual GbE LAN
27-Jun-2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com