Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32340C4052A000 Datasheet(PDF) 6 Page - EPCOS

Part # B32340C4052A000
Description  Film capacitors - Power Factor Correction
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32340C4052A000 Datasheet(HTML) 6 Page - EPCOS

Back Button B32340C4052A000 Datasheet HTML 2Page - EPCOS B32340C4052A000 Datasheet HTML 3Page - EPCOS B32340C4052A000 Datasheet HTML 4Page - EPCOS B32340C4052A000 Datasheet HTML 5Page - EPCOS B32340C4052A000 Datasheet HTML 6Page - EPCOS B32340C4052A000 Datasheet HTML 7Page - EPCOS B32340C4052A000 Datasheet HTML 8Page - EPCOS B32340C4052A000 Datasheet HTML 9Page - EPCOS B32340C4052A000 Datasheet HTML 10Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Film capacitors – Power Factor Correction
B32340C****A***
PhiCap capacitors
B32340C / MKPxxx-I
Preliminary data
FK PC PM PFC
June 2009
Please read Cautions and warnings and
Page 6 of 12
Important notes at the end of this document
.
Single-phase capacitors – VR = 400 V AC, 50/60 Hz
Product / Type
50 Hz
60 Hz
CR
Dimensions
Weight
Quantity
Ordering code
Output
IR
Output
IR
d × h
per
kvar
A
kvar
A
μF
mm
kg
box
MKP400-I-0.8
B32340C4002A800
0.8
2.0
1.0
2.3
15
63.5 × 68
0.30
12
MKP400-I-1.7
B32340C4012A700
1.7
4.2
2.0
5.0
33
63.5 × 68
0.30
12
MKP400-I-2.5
B32340C4022A500
2.5
6.3
3.0
7.5
50
63.5 × 105
0.40
12
MKP400-I-3.3
B32340C4032A300
3.3
8.4
4.0
10.0
66
63.5 × 105
0.40
12
MKP400-I-4.2
B32340C4051A000
4.2
10.4
5.0
12.5
83
63.5 × 142
0.50
12
MKP400-I-5.0
B32340C4052A000
5.0
12.4
6.0
15.0
99
63.5 × 142
0.50
12
Single-phase capacitors – VR = 415 V AC, 50/60 Hz
Product / Type
50 Hz
60 Hz
CR
Dimensions Weight
Quantity
Ordering code
Output
IR
Output
IR
d × h
per
kvar
A
kvar
A
μF
mm
kg
box
MKP415-I-0.8
B32340C4002A810
0.8
2.0
1.0
2.4
15
63.5 × 68
0.35
12
MKP415-I-1.7
B32340C4012A710
1.7
4.0
2.0
4.8
31
63.5 × 105
0.45
12
MKP415-I-2.5
B32340C4022A510
2.5
6.0
3.0
7.2
46
63.5 × 142
0.50
12
MKP415-I-3.3
B32340C4032A310
3.3
8.0
4.0
9.7
62
63.5 × 142
0.50
12
MKP415-I-5.0
B32340C4052A010
5.0
12.0
6.0
14.4
91
63.5 × 142
0.50
12


Similar Part No. - B32340C4052A000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32340C4056J000 EPCOS-B32340C4056J000 Datasheet
246Kb / 10P
   HomeCap capacitors for Power Factor Correction
More results

Similar Description - B32340C4052A000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32344E4071A540 TDK-B32344E4071A540 Datasheet
345Kb / 10P
   Film Capacitors - Power Factor Correction
B32364 TDK-B32364 Datasheet
272Kb / 9P
   Film Capacitors - Power Factor Correction
B25667C3147A375 TDK-B25667C3147A375 Datasheet
168Kb / 10P
   Film Capacitors ??Power Factor Correction
B32344E4071A580 TDK-B32344E4071A580 Datasheet
344Kb / 10P
   Film Capacitors - Power Factor Correction
B32344E4072A580 TDK-B32344E4072A580 Datasheet
345Kb / 10P
   Film Capacitors - Power Factor Correction
B32344E4102A000 TDK-B32344E4102A000 Datasheet
344Kb / 10P
   Film Capacitors - Power Factor Correction
B25673A0122A500 TDK-B25673A0122A500 Datasheet
195Kb / 10P
   Film Capacitors - Power Factor Correction
B44066D7075M400 TDK-B44066D7075M400 Datasheet
77Kb / 5P
   Film Capacitors - Power Factor Correction
B25671A5002A520 TDK-B25671A5002A520 Datasheet
150Kb / 8P
   Film Capacitors ??Power Factor Correction
B25671A5032A020 TDK-B25671A5032A020 Datasheet
150Kb / 8P
   Film Capacitors ??Power Factor Correction
B25671A5127A375 TDK-B25671A5127A375 Datasheet
128Kb / 8P
   Film Capacitors ??Power Factor Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com