Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QPW025A0F64 Datasheet(PDF) 3 Page - Lineage Power Corporation

Part # QPW025A0F64
Description  36-75Vdc Input; 3.3Vdc Output Voltage; 25A Output Current
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

QPW025A0F64 Datasheet(HTML) 3 Page - Lineage Power Corporation

  QPW025A0F64 Datasheet HTML 1Page - Lineage Power Corporation QPW025A0F64 Datasheet HTML 2Page - Lineage Power Corporation QPW025A0F64 Datasheet HTML 3Page - Lineage Power Corporation QPW025A0F64 Datasheet HTML 4Page - Lineage Power Corporation QPW025A0F64 Datasheet HTML 5Page - Lineage Power Corporation QPW025A0F64 Datasheet HTML 6Page - Lineage Power Corporation QPW025A0F64 Datasheet HTML 7Page - Lineage Power Corporation QPW025A0F64 Datasheet HTML 8Page - Lineage Power Corporation QPW025A0F64 Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Data Sheet
May 7, 2008
QPW025A0F41/QPW025A0F41-H DC-DC Power Module
36-75Vdc Input; 3.3Vdc Output Voltage; 25A Output Current
LINEAGE POWER
3
Electrical Specifications (continued)
Parameter
Symbol
Min
Typ
Max
Unit
Output Voltage Set-point
VO, set
3.24
3.3
3.36
% VO, set
(VIN=VIN,nom, IO=IO, max, Tref=25°C)
-1.6
+1.6
% VO, set
Output Voltage
VO
3.2
-
3.4
% VO
(Over all operating input voltage, resistive load,
and temperature conditions until end of life)
Output Regulation
Line (VIN = VIN, min to VIN, max)
0.05
0.2
% VO, nom
Load (IO = IO, min to IO, max)
0.05
0.2
% VO, nom
Temperature (Tref =TA, min to TA, max)
0.15
0.50
% VO, nom
Output Ripple and Noise on nominal output
(VIN =VIN, nom and IO = IO, min to IO, max,
Cout = 1μF ceramic // 10μF Tantalum capacitor)
RMS (5Hz to 20MHz bandwidth)
10
20
mVrms
Peak-to-Peak (5Hz to 20MHz bandwidth)
45
60
mVpk-pk
External Capacitance
CO
0
10000
μF
Output Current
Io
0
25
A dc
Output Current Limit Inception (Hiccup Mode)
(Vo = 90% Vo, set )
IO, lim
105
120
130
% Io, max
Output Short-Circuit Current
IO, s/c
130
150
% Io, max
VO ≤ 250 mV @ 25
o C
Efficiency
VIN= 48V, TA=25°C, IO= IO, max A
η
92.5
%
Switching Frequency
fsw
300
KHz
Dynamic Load Response
(dIO/dt=0.1A/μs; VIN=VIN, nom; TA=25°C)
Load change from IO = 50% to 75% of IO, max
Peak Deviation
Vpk
5
% VO
Settling Time (VO<10% peak deviation)
ts
150
μs
Load change from IO = 50% to 25% of IO, max,
Peak Deviation
Vpk
5
% VO
Settling Time (VO<10% peak deviation)
ts
150
μs
Isolation Specifications
Parameter
Symbol
Min
Typ
Max
Unit
Isolation Capacitance
CISO
2700
pF
Isolation Resistance
RISO
10
MΩ
General Specifications
Parameter
Symbol
Min
Typ
Max
Unit
Calculated Reliability based upon Telcordia SR-
332, Issue 2; Method I Case 3 (IO= 80% of IO, max,
TA=40°C, airflow = 200 lfm, 90% confidence)
MTBF
FIT
2,808,445
356
Hours
10
9/Hours
Weight
31 (1.1)
g (oz.)


Similar Part No. - QPW025A0F64

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
QPW050A0F1 LINEAGEPOWER-QPW050A0F1 Datasheet
570Kb / 22P
   36-75Vdc Input; 1.2Vdc to 3.3Vdc Output
QPW050A0F1-HZ LINEAGEPOWER-QPW050A0F1-HZ Datasheet
570Kb / 22P
   36-75Vdc Input; 1.2Vdc to 3.3Vdc Output
QPW060A0G1 LINEAGEPOWER-QPW060A0G1 Datasheet
570Kb / 22P
   36-75Vdc Input; 1.2Vdc to 3.3Vdc Output
QPW060A0G1Z LINEAGEPOWER-QPW060A0G1Z Datasheet
570Kb / 22P
   36-75Vdc Input; 1.2Vdc to 3.3Vdc Output
QPW060A0M1 LINEAGEPOWER-QPW060A0M1 Datasheet
570Kb / 22P
   36-75Vdc Input; 1.2Vdc to 3.3Vdc Output
More results

Similar Description - QPW025A0F64

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
QSW025A0B1Z LINEAGEPOWER-QSW025A0B1Z Datasheet
416Kb / 16P
   36 - 75Vdc Input; 12Vdc Output; 25A Output Current
KSTW010A0F LINEAGEPOWER-KSTW010A0F Datasheet
1Mb / 16P
   36-75Vdc Input; 3.3Vdc, 10A Output
KSTW015A0F LINEAGEPOWER-KSTW015A0F Datasheet
920Kb / 16P
   36-75Vdc Input; 3.3Vdc, 15A Output
SSTW005A0F LINEAGEPOWER-SSTW005A0F Datasheet
790Kb / 15P
   36-75Vdc Input; 3.3Vdc, 5A, 15W Output
QPW050A0F1 LINEAGEPOWER-QPW050A0F1 Datasheet
570Kb / 22P
   36-75Vdc Input; 1.2Vdc to 3.3Vdc Output
KW010A0A41-SR LINEAGEPOWER-KW010A0A41-SR Datasheet
852Kb / 23P
   36 - 75Vdc Input; 1.2 to 5.0Vdc Output; 10 to 25A Output current
EQW006A0B LINEAGEPOWER-EQW006A0B Datasheet
980Kb / 19P
   36 - 75Vdc Input; 12Vdc Output; 6A Output Current
QBW018A0B61-HTZ LINEAGEPOWER-QBW018A0B61-HTZ Datasheet
493Kb / 14P
   36-75Vdc Input; 12Vdc Output; 18A Output Current
logo
Vishay Siliconix
EBVW020A0B VISHAY-EBVW020A0B Datasheet
1Mb / 16P
   36-75Vdc Input; 12Vdc Output; 20A Output Current
Data Sheet June 27, 2012
logo
Lineage Power Corporati...
EBVW017A0X LINEAGEPOWER-EBVW017A0X Datasheet
1Mb / 15P
   36-75Vdc Input; 14.0Vdc Output; 17A Output Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com