Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QPW060A0P1 Datasheet(PDF) 5 Page - Lineage Power Corporation

Part # QPW060A0P1
Description  36-75Vdc Input; 1.2Vdc to 3.3Vdc Output
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

QPW060A0P1 Datasheet(HTML) 5 Page - Lineage Power Corporation

  QPW060A0P1 Datasheet HTML 1Page - Lineage Power Corporation QPW060A0P1 Datasheet HTML 2Page - Lineage Power Corporation QPW060A0P1 Datasheet HTML 3Page - Lineage Power Corporation QPW060A0P1 Datasheet HTML 4Page - Lineage Power Corporation QPW060A0P1 Datasheet HTML 5Page - Lineage Power Corporation QPW060A0P1 Datasheet HTML 6Page - Lineage Power Corporation QPW060A0P1 Datasheet HTML 7Page - Lineage Power Corporation QPW060A0P1 Datasheet HTML 8Page - Lineage Power Corporation QPW060A0P1 Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Data Sheet
March 27, 2008
QPW050/060 Series Power Modules; DC-DC converters
36-75Vdc Input; 1.2Vdc to 3.3Vdc Output
LINEAGE POWER
5
Feature Specifications
Unless otherwise indicated, specifications apply over all operating input voltage, resistive load, and temperature
conditions. See Feature Descriptions for additional information.
Parameter
Device
Symbol
Min
Typ
Max
Unit
Remote On/Off Signal Interface
(VIN=VIN, min to VIN, max ; open collector or equivalent,
Signal referenced to VIN- terminal)
Negative Logic: device code suffix “1”
Logic Low = module On, Logic High = module Off
Positive Logic: No device code suffix required
Logic Low = module Off, Logic High = module On
Logic Low Specification
Remote On/Off Current – Logic Low
All
Ion/off
0.15
1.0
mA
On/Off Voltage:
Logic Low
All
Von/off
0.0
1.2
V
Logic High – (Typ = Open Collector)
All
Von/off
__
15
V
Logic High maximum allowable leakage current
All
Ion/off
50
μA
Turn-On Delay and Rise Times
(IO=IO, max)
Tdelay
2.5
ms
3.3V
Trise
12
ms
Tdelay = Time until VO = 10% of VO,set from either
application of Vin with Remote On/Off set to On or
operation of Remote On/Off from Off to On with Vin
already applied for at least one second.
Tdelay
2.5
ms
Trise = time for VO to rise from 10% of VO,set to 90%
of VO,set.
2.5V – 1.2V
Trise
1.5
ms
Output Voltage Adjustment
(See Feature Descriptions):
Output Voltage Remote-sense Range
Output Voltage Set-point Adjustment Range (trim)
Vsense
__
90
__
__
10
110
%Vo,nom
%Vo,nom
Output Overvoltage Protection
3.3V
VO, limit
4.0
4.9
V
2.5V
3.0
3.4
V
1.8V
2.1
2.4
V
1.5V
1.8
2.2
V
1.2V
1.5
1.8
V
Overtemperature Protection
All
Tref
110
°C
(See Feature Descriptions)
Input Undervoltage Lockout
VIN, UVLO
Turn-on Threshold
R
34.5
36
V
Turn-off Threshold
R
30
32
V


Similar Part No. - QPW060A0P1

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
QPW025A0F41 LINEAGEPOWER-QPW025A0F41 Datasheet
577Kb / 14P
   36-75Vdc Input; 3.3Vdc Output Voltage; 25A Output Current
QPW025A0F41-H LINEAGEPOWER-QPW025A0F41-H Datasheet
577Kb / 14P
   36-75Vdc Input; 3.3Vdc Output Voltage; 25A Output Current
QPW025A0F64 LINEAGEPOWER-QPW025A0F64 Datasheet
577Kb / 14P
   36-75Vdc Input; 3.3Vdc Output Voltage; 25A Output Current
More results

Similar Description - QPW060A0P1

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
JRW017A0B LINEAGEPOWER-JRW017A0B Datasheet
461Kb / 24P
   36-75Vdc Input; 1.2Vdc to 12Vdc Output
KSTW010A0F LINEAGEPOWER-KSTW010A0F Datasheet
1Mb / 16P
   36-75Vdc Input; 3.3Vdc, 10A Output
KSTW015A0F LINEAGEPOWER-KSTW015A0F Datasheet
920Kb / 16P
   36-75Vdc Input; 3.3Vdc, 15A Output
EQW025A0P1 LINEAGEPOWER-EQW025A0P1 Datasheet
881Kb / 25P
   36 - 75Vdc Input; 1.2Vdc to 5Vdc Output; 12A to 25A Output
SSTW005A0F LINEAGEPOWER-SSTW005A0F Datasheet
790Kb / 15P
   36-75Vdc Input; 3.3Vdc, 5A, 15W Output
QPW025A0F41 LINEAGEPOWER-QPW025A0F41 Datasheet
577Kb / 14P
   36-75Vdc Input; 3.3Vdc Output Voltage; 25A Output Current
logo
Astec America, Inc
APA06 ASTEC-APA06_02 Datasheet
182Kb / 15P
   3-5.5Vdc Input, 1.2Vdc - 3.3Vdc Output 20W DC-DC Converter
logo
Lineage Power Corporati...
ESTW006A0B LINEAGEPOWER-ESTW006A0B Datasheet
1Mb / 18P
   36 - 75Vdc Input; 12V/6Adc Output
EQW006A0B LINEAGEPOWER-EQW006A0B Datasheet
980Kb / 19P
   36 - 75Vdc Input; 12Vdc Output; 6A Output Current
QBW018A0B61-HTZ LINEAGEPOWER-QBW018A0B61-HTZ Datasheet
493Kb / 14P
   36-75Vdc Input; 12Vdc Output; 18A Output Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com