Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QPW060A0P1 Datasheet(PDF) 1 Page - Lineage Power Corporation

Part # QPW060A0P1
Description  36-75Vdc Input; 1.2Vdc to 3.3Vdc Output
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

QPW060A0P1 Datasheet(HTML) 1 Page - Lineage Power Corporation

  QPW060A0P1 Datasheet HTML 1Page - Lineage Power Corporation QPW060A0P1 Datasheet HTML 2Page - Lineage Power Corporation QPW060A0P1 Datasheet HTML 3Page - Lineage Power Corporation QPW060A0P1 Datasheet HTML 4Page - Lineage Power Corporation QPW060A0P1 Datasheet HTML 5Page - Lineage Power Corporation QPW060A0P1 Datasheet HTML 6Page - Lineage Power Corporation QPW060A0P1 Datasheet HTML 7Page - Lineage Power Corporation QPW060A0P1 Datasheet HTML 8Page - Lineage Power Corporation QPW060A0P1 Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Data Sheet
March 27, 2008
QPW050/060 Series DC-DC Converter Power Modules:
36-75Vdc Input; 1.2Vdc to 3.3Vdc Output; 50A/60A Output Current
* UL is a registered trademark of Underwriters Laboratories, Inc.
CSA is a registered trademark of Canadian Standards Association.
VDE is a trademark of Verband Deutscher Elektrotechniker e.V.
** ISO is a registered trademark of the International Organization of Standards
Document No: DS03-075 ver 1.12
PDF name: qpw050-60a_series.ds.pdf
Applications
Distributed power architectures
Wireless Networks
Access and Optical Network Equipment
Enterprise Networks
Latest generation IC’s (DSP, FPGA, ASIC)
and Microprocessor powered applications
Options
Positive Remote On/Off logic
Case ground pin (-H Baseplate option)
Auto restart after fault shutdown
Features
Compliant to RoHS EU Directive 2002/95/EC (-Z
versions)
Compliant to ROHS EU Directive 2002/95/EC with lead
solder exemption (non-Z versions)
Delivers up to 60A output current
Improved Thermal Performance: 30A at 70ºC at 1m/s
(200LFM) for 3.3Vo
High power density: 119W/in
3
High efficiency – 93% at 3.3V full load
Low output voltage- supports migration to future IC
supply voltages down to 1.0V
Industry standard Quarter brick:
57.9 mm x 36.8 mm x 10.6 mm
(2.28 in x 1.45 in x 0.42 in)
Single tightly regulated output
2:1 input voltage range
Constant Switching frequency
Negative Remote On/Off logic
Output overcurrent/voltage/temperature protection
Output Voltage adjustment (±10%)
Wide operating temperature range (-40°C to 85°C)
Meets the voltage insulation requirements for
ETSI 300-132-2 and complies with and is licensed for
Basic Insulation rating per EN60950-1
CE mark meets 73/23/EEC and 93/68/EEC directives
§
UL* 60950-1Recognized, CSA
C22.2 No. 60950-1-03
Certified, and VDE
0805:2001-12 (EN60950-1)
Licensed
ISO** 9001 certified manufacturing facilities
Description
The QPW-series dc-dc converters are a new generation of DC/DC power modules designed for maximum efficiency
and power density. The QPW series provide up to 60A output current in an industry standard quarter brick. The
converter incorporates synchronous rectification technology and innovative packaging techniques to achieve ultra
high efficiency reaching 93% at 3.3V full load. The ultra high efficiency of this converter leads to lower power
dissipation such that for most applications a heat sink is not required. The QPW series power modules are isolated
dc-dc converters that operate over a wide input voltage range of 36 to 75 Vdc and provide single precisely regulated
output. The output is fully isolated from the input, allowing versatile polarity configurations and grounding
connections
.
RoHS Compliant


Similar Part No. - QPW060A0P1

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
QPW025A0F41 LINEAGEPOWER-QPW025A0F41 Datasheet
577Kb / 14P
   36-75Vdc Input; 3.3Vdc Output Voltage; 25A Output Current
QPW025A0F41-H LINEAGEPOWER-QPW025A0F41-H Datasheet
577Kb / 14P
   36-75Vdc Input; 3.3Vdc Output Voltage; 25A Output Current
QPW025A0F64 LINEAGEPOWER-QPW025A0F64 Datasheet
577Kb / 14P
   36-75Vdc Input; 3.3Vdc Output Voltage; 25A Output Current
More results

Similar Description - QPW060A0P1

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
JRW017A0B LINEAGEPOWER-JRW017A0B Datasheet
461Kb / 24P
   36-75Vdc Input; 1.2Vdc to 12Vdc Output
KSTW010A0F LINEAGEPOWER-KSTW010A0F Datasheet
1Mb / 16P
   36-75Vdc Input; 3.3Vdc, 10A Output
KSTW015A0F LINEAGEPOWER-KSTW015A0F Datasheet
920Kb / 16P
   36-75Vdc Input; 3.3Vdc, 15A Output
EQW025A0P1 LINEAGEPOWER-EQW025A0P1 Datasheet
881Kb / 25P
   36 - 75Vdc Input; 1.2Vdc to 5Vdc Output; 12A to 25A Output
SSTW005A0F LINEAGEPOWER-SSTW005A0F Datasheet
790Kb / 15P
   36-75Vdc Input; 3.3Vdc, 5A, 15W Output
QPW025A0F41 LINEAGEPOWER-QPW025A0F41 Datasheet
577Kb / 14P
   36-75Vdc Input; 3.3Vdc Output Voltage; 25A Output Current
logo
Astec America, Inc
APA06 ASTEC-APA06_02 Datasheet
182Kb / 15P
   3-5.5Vdc Input, 1.2Vdc - 3.3Vdc Output 20W DC-DC Converter
logo
Lineage Power Corporati...
ESTW006A0B LINEAGEPOWER-ESTW006A0B Datasheet
1Mb / 18P
   36 - 75Vdc Input; 12V/6Adc Output
EQW006A0B LINEAGEPOWER-EQW006A0B Datasheet
980Kb / 19P
   36 - 75Vdc Input; 12Vdc Output; 6A Output Current
QBW018A0B61-HTZ LINEAGEPOWER-QBW018A0B61-HTZ Datasheet
493Kb / 14P
   36-75Vdc Input; 12Vdc Output; 18A Output Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com