Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATA016A0X3 Datasheet(PDF) 1 Page - Lineage Power Corporation

Part # ATA016A0X3
Description  8.3 - 14Vdc input; 0.75Vdc to 5.5Vdc Output;16A output current
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

ATA016A0X3 Datasheet(HTML) 1 Page - Lineage Power Corporation

  ATA016A0X3 Datasheet HTML 1Page - Lineage Power Corporation ATA016A0X3 Datasheet HTML 2Page - Lineage Power Corporation ATA016A0X3 Datasheet HTML 3Page - Lineage Power Corporation ATA016A0X3 Datasheet HTML 4Page - Lineage Power Corporation ATA016A0X3 Datasheet HTML 5Page - Lineage Power Corporation ATA016A0X3 Datasheet HTML 6Page - Lineage Power Corporation ATA016A0X3 Datasheet HTML 7Page - Lineage Power Corporation ATA016A0X3 Datasheet HTML 8Page - Lineage Power Corporation ATA016A0X3 Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Data Sheet
April 1, 2008
Austin SuperLynxTM II 12V SIP Non-isolated Power Modules:
8.3Vdc – 14Vdc input; 0.75Vdc to 5.5Vdc Output; 16A Output Current
* UL is a registered trademark of Underwriters Laboratories, Inc.
CSA is a registered trademark of Canadian Standards Association.
VDE is a trademark of Verband Deutscher Elektrotechniker e.V.
** ISO is a registered trademark of the International Organization of Standards
Document No: DS04-022 ver. 1.21
PDF name: superlynx_II_sip_12v_ds.pdf
Applications
Distributed power architectures
Intermediate bus voltage applications
Telecommunications equipment
Servers and storage applications
Networking equipment
Enterprise Networks
Latest generation IC’s (DSP, FPGA, ASIC) and
Microprocessor powered applications
Features
Compliant to RoHS EU Directive 2002/95/EC (-Z
versions)
Compliant to ROHS EU Directive 2002/95/EC with
lead solder exemption (non-Z versions)
Flexible output voltage sequencing EZ-
SEQUENCE
TM
Delivers up to 16A output current
High efficiency – 92% at 3.3V full load (VIN = 12.0V)
Small size and low profile:
50.8 mm x 12.7 mm x 8.1 mm
(2.00 in x 0.5 in x 0.32 in)
Low output ripple and noise
Constant switching frequency (300KHz)
High Reliability:
Calculated MTBF = 9.2M hours at 25
oC Full-load
Programmable Output voltage
Line Regulation: 0.3% (typical)
Load Regulation: 0.4% (typical)
Temperature Regulation: 0.4 % (typical)
Remote On/Off
Remote Sense
Output overcurrent protection (non-latching)
Wide operating temperature range (-40°C to 85°C)
UL* 60950-1Recognized, CSA
C22.2 No.
60950-1-03 Certified, and VDE
0805:2001-12
(EN60950-1) Licensed
ISO** 9001 and ISO 14001 certified manufacturing
facilities
Description
Austin SuperLynx
TM II 12V SIP (single in-line package) power modules are non-isolated dc-dc converters that can
deliver up to 16A of output current with full load efficiency of 92% at 3.3V output. These modules provide a precisely
regulated output voltage programmable via an external resistor from 0.75Vdc to 5.0Vdc over a wide range of input
voltage (VIN = 8.3 – 14Vdc). Austin SuperLynx
TM II has a sequencing feature, EZ-SEQUENCETM that enable
designers to implement various types of output voltage sequencing when powering multiple modules on board. Their
open-frame construction and small footprint enable designers to develop cost- and space-efficient solutions.
RoHS Compliant
EZ-SEQUENCETM


Similar Part No. - ATA016A0X3

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
ATA016A0X3-SR LINEAGEPOWER-ATA016A0X3-SR Datasheet
718Kb / 21P
   8.3 - 14Vdc Input; 0.75Vdc to 5.5Vdc Output;16A output current
ATA016A0X3-SRZ LINEAGEPOWER-ATA016A0X3-SRZ Datasheet
718Kb / 21P
   8.3 - 14Vdc Input; 0.75Vdc to 5.5Vdc Output;16A output current
More results

Similar Description - ATA016A0X3

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
ATA016A0X3-SR LINEAGEPOWER-ATA016A0X3-SR Datasheet
718Kb / 21P
   8.3 - 14Vdc Input; 0.75Vdc to 5.5Vdc Output;16A output current
AXA003A0X LINEAGEPOWER-AXA003A0X Datasheet
578Kb / 18P
   8.3 - 14Vdc Input; 0.75Vdc to 5.5Vdc Output; 3A output current
ATA006A0X LINEAGEPOWER-ATA006A0X Datasheet
530Kb / 19P
   8.3 - 14Vdc input; 0.75Vdc to 5.5Vdc Output; 6A output current
ATA010A0X3 LINEAGEPOWER-ATA010A0X3 Datasheet
691Kb / 19P
   8.3 - 14Vdc input; 0.75Vdc to 5.5Vdc Output; 10A output current
AXA016A0X3-SR LINEAGEPOWER-AXA016A0X3-SR Datasheet
693Kb / 21P
   10 - 14Vdc input; 0.75Vdc to 5.5Vdc Output; 16A output current
ATA006A0X-SR LINEAGEPOWER-ATA006A0X-SR Datasheet
796Kb / 21P
   8.3 - 14Vdc input; 0.75Vdc to 5.5Vdc Output; 6A output current
AXA003A0X-SR LINEAGEPOWER-AXA003A0X-SR Datasheet
701Kb / 20P
   8.3 - 14Vdc input; 0.75Vdc to 5.5Vdc Output; 3A output current
AXA016A0X3 LINEAGEPOWER-AXA016A0X3 Datasheet
656Kb / 19P
   10 - 14Vdc Input; 0.75Vdc to 5.5Vdc Output; 16A output current
AXA005A0X-SR LINEAGEPOWER-AXA005A0X-SR Datasheet
583Kb / 21P
   10 - 14Vdc input; 0.75Vdc to 5.5Vdc Output; 5A output current
AXA010A0X3-SR LINEAGEPOWER-AXA010A0X3-SR Datasheet
589Kb / 20P
   10 - 14Vdc input; 0.75Vdc to 5.5Vdc Output; 10A output current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com