Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MHST10023Z Datasheet(PDF) 7 Page - Lineage Power Corporation

Part # MHST10023Z
Description  Eighth Brick Power Module Heat Sinks
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

MHST10023Z Datasheet(HTML) 7 Page - Lineage Power Corporation

  MHST10023Z Datasheet HTML 1Page - Lineage Power Corporation MHST10023Z Datasheet HTML 2Page - Lineage Power Corporation MHST10023Z Datasheet HTML 3Page - Lineage Power Corporation MHST10023Z Datasheet HTML 4Page - Lineage Power Corporation MHST10023Z Datasheet HTML 5Page - Lineage Power Corporation MHST10023Z Datasheet HTML 6Page - Lineage Power Corporation MHST10023Z Datasheet HTML 7Page - Lineage Power Corporation MHST10023Z Datasheet HTML 8Page - Lineage Power Corporation MHST10023Z Datasheet HTML 9Page - Lineage Power Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Product Option Sheet
April 3, 2008
Quarter Brick Power Module Heat Sinks:
¼”, ½”, 1” Longitudinal and Transverse Heat Sinks
LINEAGE POWER
7
Mechanical Outline 1” Longitudinal
Dimensions are in inches
Tolerances: x.xx in.
± 0.01 in. [unless otherwise indicated]
x.xxx in
± 0.005 in.


Similar Part No. - MHST10023Z

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
MHST10018Z LINEAGEPOWER-MHST10018Z Datasheet
290Kb / 8P
   Longitudinal and Transverse Heat Sinks
More results

Similar Description - MHST10023Z

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
AVO75B-36S3V3 ARTESYN-AVO75B-36S3V3 Datasheet
1Mb / 26P
   Eighth-brick Converter
logo
Advanced Thermal Soluti...
ATS-1181-C1-R0 ATS-ATS-1181-C1-R0 Datasheet
363Kb / 1P
   Heat Sink for Eighth Brick DC-DC Converter
REV2_0114
ATS-1178-C1-R0 ATS-ATS-1178-C1-R0 Datasheet
356Kb / 1P
   Heat Sink for Eighth Brick DC-DC Converter
REV2_0114
ATS-1179-C1-R0 ATS-ATS-1179-C1-R0 Datasheet
357Kb / 1P
   Heat Sink for Eighth Brick DC-DC Converter
REV2_0114
ATS-1183-C1-R0 ATS-ATS-1183-C1-R0 Datasheet
349Kb / 1P
   Heat Sink for Eighth Brick DC-DC Converter
REV2_0114
ATS-1184-C1-R0 ATS-ATS-1184-C1-R0 Datasheet
353Kb / 1P
   Heat Sink for Eighth Brick DC-DC Converter
REV2_0114
logo
Lineage Power Corporati...
EQD020A0F LINEAGEPOWER-EQD020A0F Datasheet
278Kb / 15P
   Eighth Brick Through-Hole Power Modules
logo
SynQor Worldwide Headqu...
BQ35211EEC60 SYNQOR-BQ35211EEC60 Datasheet
2Mb / 11P
   Extended Eighth-brick package
logo
Ericsson
PKB4711PINBM ERICSSON-PKB4711PINBM Datasheet
1Mb / 46P
   Industry standard Eighth-brick
logo
Advanced Thermal Soluti...
ATS-1186-C1-R0 ATS-ATS-1186-C1-R0 Datasheet
353Kb / 1P
   maxiFLOW Heat Sink for Eighth Brick DC-DC Converter
REV2_0114
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com