Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATH016A0X43-SR Datasheet(PDF) 8 Page - Lineage Power Corporation

Part # ATH016A0X43-SR
Description  2.4 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 16A output current
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

ATH016A0X43-SR Datasheet(HTML) 8 Page - Lineage Power Corporation

Back Button ATH016A0X43-SR Datasheet HTML 4Page - Lineage Power Corporation ATH016A0X43-SR Datasheet HTML 5Page - Lineage Power Corporation ATH016A0X43-SR Datasheet HTML 6Page - Lineage Power Corporation ATH016A0X43-SR Datasheet HTML 7Page - Lineage Power Corporation ATH016A0X43-SR Datasheet HTML 8Page - Lineage Power Corporation ATH016A0X43-SR Datasheet HTML 9Page - Lineage Power Corporation ATH016A0X43-SR Datasheet HTML 10Page - Lineage Power Corporation ATH016A0X43-SR Datasheet HTML 11Page - Lineage Power Corporation ATH016A0X43-SR Datasheet HTML 12Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Data Sheet
June 21, 2008
Austin SuperlynxTM II SMT Non-isolated Power Modules:
2.4 – 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 16A output current
LINEAGE POWER
8
Characteristic Curves (continued)
The following figures provide typical characteristics for the Austin SuperLynx
TM II SMT modules at 25ºC.
TIME, t (10
μs/div)
TIME, t (2 ms/div)
Figure 13. Transient Response to Dynamic Load
Change from 100% of 50% full load (Vo = 5.0 Vdc, Cext
= 2x150 μF Polymer Capacitors).
Figure 16. Typical Start-Up with application of Vin
(Vin = 5.0Vdc, Vo = 3.3Vdc, Io = 16A).
TIME, t (2 ms/div)
TIME, t (2 ms/div)
Figure 14. Typical Start-Up Using Remote On/Off (Vin
= 5.0Vdc, Vo = 3.3Vdc, Io = 16.0A).
Figure 17 Typical Start-Up Using Remote On/Off with
Prebias (Vin = 3.3Vdc, Vo = 1.8Vdc, Io = 1.0A, Vbias
=1.0Vdc).
TIME, t (2 ms/div)
TIME, t (10ms/div)
F
igure 15. Typical Start-Up Using Remote On/Off with
Low-ESR external capacitors (Vin = 5.5Vdc, Vo =
3.3Vdc, Io = 16.0A, Co = 1050
μF).
Figure 18. Output short circuit Current (Vin = 5.0Vdc,
Vo = 0.75Vdc).


Similar Part No. - ATH016A0X43-SR

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
ATH016A0X43 LINEAGEPOWER-ATH016A0X43 Datasheet
568Kb / 19P
   2.4 - 5.5Vdc input; 0.75Vdc to 3.3Vdc Output; 16A output current
ATH016A0X43Z LINEAGEPOWER-ATH016A0X43Z Datasheet
568Kb / 19P
   2.4 - 5.5Vdc input; 0.75Vdc to 3.3Vdc Output; 16A output current
More results

Similar Description - ATH016A0X43-SR

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
AXH016A0X3 LINEAGEPOWER-AXH016A0X3 Datasheet
779Kb / 18P
   3.0 - 5.5Vdc Input; 0.75Vdc to 3.63Vdc Output; 16A output current
ATH010A0X3-SR LINEAGEPOWER-ATH010A0X3-SR Datasheet
594Kb / 21P
   2.4 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 10A output current
ATH006A0X-SR LINEAGEPOWER-ATH006A0X-SR Datasheet
786Kb / 21P
   2.4 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 6A output current
AXH016A0X3-SR LINEAGEPOWER-AXH016A0X3-SR Datasheet
689Kb / 21P
   3.0 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 16A output current
ATH006A0X LINEAGEPOWER-ATH006A0X Datasheet
526Kb / 19P
   2.4 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 6A output current
AXH003A0X LINEAGEPOWER-AXH003A0X Datasheet
518Kb / 18P
   2.4 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 3A output current
AXH003A0X-SR LINEAGEPOWER-AXH003A0X-SR Datasheet
708Kb / 20P
   2.4 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 3A output current
ATH010A0X3 LINEAGEPOWER-ATH010A0X3 Datasheet
593Kb / 19P
   2.4 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 10A output current
ATH016A0X3 LINEAGEPOWER-ATH016A0X3 Datasheet
568Kb / 19P
   2.4 - 5.5Vdc input; 0.75Vdc to 3.3Vdc Output; 16A output current
AXH010A0X-SR LINEAGEPOWER-AXH010A0X-SR Datasheet
579Kb / 20P
   3.0 - 5.5Vdc Input; 0.75Vdc to 3.63Vdc Output; 10A output current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com