Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SW001A2B Datasheet(PDF) 11 Page - Lineage Power Corporation

Part # SW001A2B
Description  18-36Vdc & 36-75Vdc Input; 3.3-15Vdc Output; 1-3.5A Output Current
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

SW001A2B Datasheet(HTML) 11 Page - Lineage Power Corporation

Back Button SW001A2B Datasheet HTML 7Page - Lineage Power Corporation SW001A2B Datasheet HTML 8Page - Lineage Power Corporation SW001A2B Datasheet HTML 9Page - Lineage Power Corporation SW001A2B Datasheet HTML 10Page - Lineage Power Corporation SW001A2B Datasheet HTML 11Page - Lineage Power Corporation SW001A2B Datasheet HTML 12Page - Lineage Power Corporation SW001A2B Datasheet HTML 13Page - Lineage Power Corporation SW001A2B Datasheet HTML 14Page - Lineage Power Corporation SW001A2B Datasheet HTML 15Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Data Sheet
December 12, 2008
SW/SC001/003 Series DC-DC Power Module:
18-36Vdc & 36-75Vdc Input; 3.3-15Vdc Output; 1-3.5A Output Current
LINEAGE POWER
11
Characteristic Curves (continued)
The following figures provide typical characteristics for the SC003A0A91 (5.0V, 3A) at 25ºC. The figures are identical
for either positive or negative Remote On/Off logic.
70
72
74
76
78
80
82
84
86
88
0
0.5
1
1.5
2
2.5
3
V I = 18V
V I = 27V
V I = 36V
OUTPUT CURRENT, Io (A)
TIME, t (5ms/div)
Figure 31. Converter Efficiency Vs Load.
Figure 34. Typical Start-Up Using Remote On/Off,
negative logic version shown.
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
102030405060708090
100
110
3.0 m/ s (600 ft./min.)
2.0 m/ s (400 ft./min.)
1.0 m/ s (200 ft./min.)
Nat ural Convect ion
AMBIENT TEMPERATURE, TA
OC
TIME, t (1.0ms/div)
Figure 32. Derating Output Current versus Local
Ambient Temperature and Airflow.
Figure 35. Transient Response to Dynamic Load
Change from 50% to 75% to 50% of full load.
TIME, t (1
μs/div)
TIME, t (100
μs/div)
Figure 33. Typical Output Ripple and Noise, VIN=VIN,
nom IO=80% of IO, max.
Figure 36. Typical Start-Up Output Voltage Rise
Characteristic.


Similar Part No. - SW001A2B

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
SW001A2B LINEAGEPOWER-SW001A2B Datasheet
416Kb / 24P
   SW/SC001/003 Series DC-DC Converter Power Modules 18-36V & 36-75Vdc Input; 3.3V-15Vdc Output; 1-3.5A Output Current
SW001A2B9 LINEAGEPOWER-SW001A2B9 Datasheet
416Kb / 24P
   SW/SC001/003 Series DC-DC Converter Power Modules 18-36V & 36-75Vdc Input; 3.3V-15Vdc Output; 1-3.5A Output Current
SW001A2B91 LINEAGEPOWER-SW001A2B91 Datasheet
416Kb / 24P
   SW/SC001/003 Series DC-DC Converter Power Modules 18-36V & 36-75Vdc Input; 3.3V-15Vdc Output; 1-3.5A Output Current
SW001A2B91-33Z LINEAGEPOWER-SW001A2B91-33Z Datasheet
416Kb / 24P
   SW/SC001/003 Series DC-DC Converter Power Modules 18-36V & 36-75Vdc Input; 3.3V-15Vdc Output; 1-3.5A Output Current
SW001A2B91-SR LINEAGEPOWER-SW001A2B91-SR Datasheet
416Kb / 24P
   SW/SC001/003 Series DC-DC Converter Power Modules 18-36V & 36-75Vdc Input; 3.3V-15Vdc Output; 1-3.5A Output Current
More results

Similar Description - SW001A2B

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
HW004A0A-S LINEAGEPOWER-HW004A0A-S Datasheet
646Kb / 28P
   18-36Vdc & 36-75Vdc Input; 1.0V-5Vdc Output; 4A - 6A Output Current
JHW350R1 LINEAGEPOWER-JHW350R1 Datasheet
583Kb / 16P
   18 - 36Vdc or 36 - 75Vdc Input; 28Vdc Output; 350W
SW001A0C91Z LINEAGEPOWER-SW001A0C91Z_09 Datasheet
416Kb / 24P
   SW/SC001/003 Series DC-DC Converter Power Modules 18-36V & 36-75Vdc Input; 3.3V-15Vdc Output; 1-3.5A Output Current
EQW006A0B LINEAGEPOWER-EQW006A0B Datasheet
980Kb / 19P
   36 - 75Vdc Input; 12Vdc Output; 6A Output Current
QBW018A0B61-HTZ LINEAGEPOWER-QBW018A0B61-HTZ Datasheet
493Kb / 14P
   36-75Vdc Input; 12Vdc Output; 18A Output Current
QSW025A0B1Z LINEAGEPOWER-QSW025A0B1Z Datasheet
416Kb / 16P
   36 - 75Vdc Input; 12Vdc Output; 25A Output Current
logo
Vishay Siliconix
EBVW020A0B VISHAY-EBVW020A0B Datasheet
1Mb / 16P
   36-75Vdc Input; 12Vdc Output; 20A Output Current
Data Sheet June 27, 2012
logo
Lineage Power Corporati...
KNW013A0A41-SRZ LINEAGEPOWER-KNW013A0A41-SRZ Datasheet
487Kb / 17P
   36 - 75Vdc Input; 3.3 to 5.0Vdc Output; 13 to 20A Output Current
EBVW017A0X LINEAGEPOWER-EBVW017A0X Datasheet
1Mb / 15P
   36-75Vdc Input; 14.0Vdc Output; 17A Output Current
EHW007A0B41Z LINEAGEPOWER-EHW007A0B41Z Datasheet
756Kb / 18P
   36-75Vdc Input; 12.0Vdc Output; 7A Output Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com