Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32322B4505J010 Datasheet(PDF) 3 Page - EPCOS

Part # B32322B4505J010
Description  Film capacitors - AC capacitors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32322B4505J010 Datasheet(HTML) 3 Page - EPCOS

  B32322B4505J010 Datasheet HTML 1Page - EPCOS B32322B4505J010 Datasheet HTML 2Page - EPCOS B32322B4505J010 Datasheet HTML 3Page - EPCOS B32322B4505J010 Datasheet HTML 4Page - EPCOS B32322B4505J010 Datasheet HTML 5Page - EPCOS B32322B4505J010 Datasheet HTML 6Page - EPCOS B32322B4505J010 Datasheet HTML 7Page - EPCOS B32322B4505J010 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Film capacitors – AC capacitors
Motor run capacitors
B32320/B32322 – MotorCap™
FK PC PM AC
January 2008
Test data
AC test voltage terminal to terminal VTT
2 · VR, 2 s (routine test)
2 · VR, 60 s (type test)
Insulation resistance Rins or time constant τ
at 20 °C, rel. humidity
≤ 65%
(minimum as-delivered values)
3000 s
Dissipation factor tan
δ at 20 °C
≤ 1.0 · 10-3 (120 Hz)
Maximum rate of voltage rise dV/dtmax
10 V/
μs
Climatic data
Climatic category
25/085/21 to IEC 60068-1
Lower category Tmin
–25 °C
Upper category Tmax
+85 °C
Damp heat test ttest
21 days
Mechanical and thermal properties
Ball pressure test to IEC 60309-1 sec. 27.3
20 N at 125 °C
Plastic can and top disk material
Compliant to EN 60252
UL 94 V2 compatible
Glow wire test to IEC 60695-2-1/0 and –2-1/1
Test temp 550 °C for IR ≤ 0.5 A
Test temp 750 °C for IR > 0.5 A
Self-extinguishing within 30 seconds of
withdrawing the glow wire and without
igniting wrapping tissue.
Tracking test to IEC 60112 solution A
> 250 V
Compatibility to RoHS
Compliance to directive 2002/95/EC
Approvals
VDE
400 V/85 °C: 10000 h (class B) for 1.5 µF ... 50 µF
480 V/85 °C: 3000 h (class C) for 3 µF ... 35 µF
Approved
Approved
Please read the important notes,
Page 3 of 8
cautions and warnings.


Similar Part No. - B32322B4505J010

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32322B4505J010 TDK-B32322B4505J010 Datasheet
215Kb / 8P
   AC Film Capacitors, Motor Run Capacitors
More results

Similar Description - B32322B4505J010

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32320 TDK-B32320_17 Datasheet
130Kb / 8P
   Film Capacitors ??AC Capacitors
B32355 TDK-B32355 Datasheet
262Kb / 7P
   Film Capacitors ??AC Capacitors
logo
EPCOS
B32330B6305J051 EPCOS-B32330B6305J051 Datasheet
316Kb / 6P
   Film capacitors - AC capacitors
B32356B4205J012 EPCOS-B32356B4205J012 Datasheet
262Kb / 6P
   Film capacitors - AC capacitors
B32328A1155J017 EPCOS-B32328A1155J017 Datasheet
384Kb / 8P
   Film capacitors - AC capacitors
logo
TDK Electronics
B32350 TDK-B32350 Datasheet
237Kb / 8P
   Film Capacitors ??AC Capacitors
B33335 TDK-B33335 Datasheet
268Kb / 7P
   Film Capacitors ??AC Capacitors
B32354S TDK-B32354S Datasheet
1Mb / 18P
   Film Capacitors – AC Capacitors
May 2022
logo
EPCOS
B32327C1155J013 EPCOS-B32327C1155J013 Datasheet
421Kb / 8P
   Film capacitors - AC capacitors
B32335B4020J050 EPCOS-B32335B4020J050 Datasheet
380Kb / 7P
   Film capacitors - AC capacitors
B32330B1405J050 EPCOS-B32330B1405J050 Datasheet
338Kb / 6P
   Film capacitors - AC capacitors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com