Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B41580A9338M000 Datasheet(PDF) 9 Page - EPCOS

Part # B41580A9338M000
Description  Aluminum electrolytic capacitors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41580A9338M000 Datasheet(HTML) 9 Page - EPCOS

Back Button B41580A9338M000 Datasheet HTML 5Page - EPCOS B41580A9338M000 Datasheet HTML 6Page - EPCOS B41580A9338M000 Datasheet HTML 7Page - EPCOS B41580A9338M000 Datasheet HTML 8Page - EPCOS B41580A9338M000 Datasheet HTML 9Page - EPCOS B41580A9338M000 Datasheet HTML 10Page - EPCOS B41580A9338M000 Datasheet HTML 11Page - EPCOS B41580A9338M000 Datasheet HTML 12Page - EPCOS B41580A9338M000 Datasheet HTML 13Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Technical data and ordering codes
CR
100 Hz
20
°C
µF
Case
dimensions
d
× l
mm
ESRtyp
100 Hz
20
°C
m
ESRmax
100 Hz
20
°C
m
Zmax
10 kHz
20
°C
m
IAC,max
100 Hz
40
°C
A
IAC,max
100 Hz
85
°C
A
IAC,R
100 Hz
105
°C
A
Ordering code
(composition see
below)
Composition of ordering code
* =
Mounting style
# =
Design
6 = for capacitors with ring clip/clamp mounting
8 = for capacitors with threaded stud
0 = for capacitors with standard inductance
3 = for capacitors with low inductance (13 nH) -
only capacitors with diameter d
≥ 64.3 mm
VR = 100 V DC
1500
35.7
× 55.7 52
104
90
11
7.0
3.4
B415*0A9158M000
2200
35.7
× 80.7 35
70
77
16
9.9
4.7
B415*0A9228M000
3300
35.7
× 80.7 24
48
53
19
12
5.7
B415*0A9338M000
4700
35.7
× 105.7 18
35
39
26
16
7.5
B415*0A9478M000
6800
51.6
× 80.7 12
24
25
30
18
8.7
B415*0A9688M000
10000
51.6
× 105.7
7.0
14
12
34
24
11
B415*0A9109M000
15000
64.3
× 105.7
5.0
10
10
45
30
15
B415*0A9159M00#
22000
76.9
× 105.7
4.0
6.0
6.0
57
35
17
B415*0A9229M00#
33000
76.9
× 143.2
3.3
5.0
8.4
57
44
21
B415*0A9339M00#
B41560, B41580
Extremely compact
105
°C
Page 9 of 17
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B41580A9338M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41580A9338M000 EPCOS-B41580A9338M000 Datasheet
476Kb / 14P
   Capacitors with screw terminals
More results

Similar Description - B41580A9338M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com